Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • GSA 4-R

  • AI
    The **GSA 4-R** refers to a 4-channel high-voltage amplifier (often associated with Piezo System Jena) designed to drive actuators and high-voltage components with precision. Its electronics are centered around signal amplification, voltage stabilization, and thermal management. --- ### ## Core Electronic Components The architecture of the GSA 4-R can be broken down into four primary electronic stages: | Component Stage | Description | Function | | :--- | :--- | :--- | | **Input Buffer** | High-impedance operational amplifiers. | Receives low-voltage control signals (typically 0-10V) from a controller. | | **Gain Stage** | High-voltage transistor arrays. | Amplifies the input signal by a specific factor (e.g., 10x or 20x). | | **Output Stage** | Power MOSFETs or Bipolar Transistors. | Provides the current necessary to charge/discharge capacitive loads. | | **Protection Circuitry** | Current limiters and thermal sensors. | Prevents damage from short circuits or overheating. | --- ### ### Key Technical Specifications From an electronics perspective, these are the critical parameters that define its performance: 1. **Output Voltage Range:** Typically ranges from **-10V to +150V** or **0V to +130V**, depending on the specific model variant. 2. **Output Current:** Usually provides around **50mA to 100mA** per channel to handle the rapid charging of piezo stacks. 3. **Signal Bandwidth:** Designed for high-speed applications, often reaching frequencies up to **5 kHz to 10 kHz**. 4. **Signal-to-Noise Ratio (SNR):** High-precision components are used to minimize electronic "hum," ensuring sub-nanometer positioning stability. --- ### ### Connectivity & Interfacing The GSA 4-R utilizes specific connectors to maintain signal integrity and safety: * **BNC Inputs:** Used for the control signal to ensure shielding against electromagnetic interference (EMI). * **LEMO or Sub-D Connectors:** Common for high-voltage outputs to prevent accidental contact and ensure secure locking. * **Potentiometers:** Located on the front panel for manual offset adjustment (bias voltage). ```yaml # Example Signal Flow Input: 0 to 10V (DC or AC) Electronics: 15x Voltage Gain Output: 0 to 150V (High Voltage) Target: Piezoelectric Actuator ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the typical power supply requirements for the GSA 4-R?
    • ⤷ How do you calibrate the offset voltage on this amplifier?
    • ⤷ What is the maximum capacitive load the output stage can handle?