Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4316 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE4316 Datasheet

  • # Example questions: ➢ What is the maximum operating frequency supported by this shv plug connector?
    ➢ How does the dielectric withstanding voltage compare to the operating voltage for this connector?
    ➢ Which cable types are specifically listed as compatible with this pe4316 shv plug connector?

  • Part No.PE4316
    ManufacturerPASTERNACK
    Size393 Kbytes
    Pages3 pages
    DescriptionSHV Plug Connector Clamp/Solder Attachment
    Datasheet Summary with AI

    # PE4316 SHV Plug Connector

    ## Configuration
    ️· Connector Type: SHV Plug
    ️· Attachment: Clamp/Solder
    ️· Impedance: 50 Ohms
    ️· Compatible Cables: RG58, RG55, RG141, RG142, RG223, RG400, RG303, PE-C195, PE-P195, LMR-195
    ️· Body Geometry: Straight

    ## Features
    ️· Frequency Range: DC to 300 MHz
    ️· VSWR: 1.3:1
    ️· Operating Voltage: 3,500 V rms
    ️· Dielectric Withstanding Voltage: 5,000 V rms

    ## Material Specifications
    ️· Contact: Brass with 30 µin minimum Gold plating
    ️· Insulation: PTFE
    ️· Body: Brass with 100 µin minimum Nickel plating
    ️· Coupling Nut: Brass with 100 µin minimum Nickel plating


    ## Mechanical Specifications
    ️· Length: 1.77 in [44.96 mm]
    ️· Width/Diameter: 0.571 in [14.50 mm]
    ️· Weight: 0.052 lbs [23.59 g]

    ## Environmental Specifications
    ️· Operating Temperature: -65 to +165 °C

    # PE4316 SHV Plug Connector

    ## Configuration
    ️· Connector Type: SHV Plug
    ️· Attachment: Clamp/Solder
    ️· Impedance: 50 Ohms
    ️· Compatible Cables: RG58, RG55, RG141, RG142, RG223, RG400, RG303, PE-C195, PE-P195, LMR-195
    ️· Body Geometry: Straight

    ## Features
    ️· Frequency Range: DC to 300 MHz
    ️· VSWR: 1.3:1
    ️· Operating Voltage: 3,500 V rms
    ️· Dielectric Withstanding Voltage: 5,000 V rms

    ## Material Specifications
    ️· Contact: Brass with 30 µin minimum Gold plating
    ️· Insulation: PTFE
    ️· Body: Brass with 100 µin minimum Nickel plating
    ️· Coupling Nut: Brass with 100 µin minimum Nickel plating

    ## Mechanical Specifications
    ️· Length: 1.77 in [44.96 mm]
    ️· Width/Diameter: 0.571 in [14.50 mm]
    ️· Weight: 0.052 lbs [23.59 g]

    ## Environmental Specifications
    ️· Operating Temperature: -65 to +165 °C

    Part No.PE4316
    ManufacturerPASTERNACK
    Size393 Kbytes
    Pages3 pages
    DescriptionSHV Plug Connector Clamp/Solder Attachment