Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6188 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE6188 Datasheet

  • # Example questions: ➢ What materials are used for the connector contact and body?
    ➢ How does the input power derate as the operating temperature increases?
    ➢ What is the maximum frequency this rf termination can operate at?

  • Part No.PE6188
    ManufacturerPASTERNACK
    Size428 Kbytes
    Pages4 pages
    Description50 Watt RF Load Up to 4 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
    Datasheet Summary with AI

    # PE6188 RF Load

    ## Features
    · Frequency Range: DC to 4 GHz
    · Impedance: 50 Ohms
    · VSWR: 1.2:1 Max
    · Power Handling: 50 Watts (CW), 10 KWatts (Peak, 5µs pulse, 0.5% duty cycle)
    · Connector: N Male
    · Cooling: Requires air cooling; includes heatsink
    · Passive Intermodulation: -100 dBc

    ## Specifications
    · Size: 4.33" x 2.36" x 2.36" (109.98 mm x 59.94 mm x 59.94 mm)
    · Weight: 1.34 lbs (607.81 g)
    · Material:
    - Connector Contact: Brass with Gold plating
    - Connector Body: Brass with Nickel plating
    - Coupling Nut: Brass with Nickel plating
    - Housing: Black Anodized Aluminum Heatsink
    · Operating Temperature: -55 to +125°C

    · Compliance: RoHS and REACH compliant

    ## Performance
    · Return Loss: Performance graph available in datasheet (demonstrates acceptable loss across frequency range)

    ## Applications
    · Wireless systems
    · SatCom
    · Radar systems
    · Test and Measurement
    · Commercial and Military Communication

    # PE6188 RF Load

    ## Features
    · Frequency Range: DC to 4 GHz
    · Impedance: 50 Ohms
    · VSWR: 1.2:1 Max
    · Power Handling: 50 Watts (CW), 10 KWatts (Peak, 5µs pulse, 0.5% duty cycle)
    · Connector: N Male
    · Cooling: Requires air cooling; includes heatsink
    · Passive Intermodulation: -100 dBc

    ## Specifications
    · Size: 4.33" x 2.36" x 2.36" (109.98 mm x 59.94 mm x 59.94 mm)
    · Weight: 1.34 lbs (607.81 g)
    · Material:
    - Connector Contact: Brass with Gold plating
    - Connector Body: Brass with Nickel plating
    - Coupling Nut: Brass with Nickel plating
    - Housing: Black Anodized Aluminum Heatsink
    · Operating Temperature: -55 to +125°C
    · Compliance: RoHS and REACH compliant

    ## Performance
    · Return Loss: Performance graph available in datasheet (demonstrates acceptable loss across frequency range)

    ## Applications
    · Wireless systems
    · SatCom
    · Radar systems
    · Test and Measurement
    · Commercial and Military Communication

    Part No.PE6188
    ManufacturerPASTERNACK
    Size428 Kbytes
    Pages4 pages
    Description50 Watt RF Load Up to 4 GHz With N Male Input Square Body Black Anodized Aluminum Heatsink
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com