Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7147 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE7147 Datasheet

  • # Example questions: ➢ How does the input power capacity change as the frequency increases from dc to 4 ghz?
    ➢ What is the maximum vswr across the entire frequency range of operation?
    ➢ What are the dimensions of the pe7147 relay switch, specifically its length, width, and height?

  • Part No.PE7147
    ManufacturerPASTERNACK
    Size444 Kbytes
    Pages6 pages
    DescriptionSPDT Electromechanical Relay Failsafe Switch
    Datasheet Summary with AI

    # PE7147 SPDT Electromechanical Relay Switch

    ## Features
    ️· Switch Type: SPDT (Single Pole Double Throw), Reflective
    ️· Frequency Range: DC to 4 GHz
    ️· Power Handling: 275 Watts (CW)
    ️· Operating Voltage: 22-32 Vdc (Typical 28 Vdc)
    ️· Actuator Type: Failsafe
    ️· Switching Sequence: Break before Make
    ️· Operating Life: 1,000,000 Cycles
    ️· Connectors: N Female, Solder Terminals (Control)

    ## Electrical Specifications
    ️· Impedance: 50 Ohms
    ️· VSWR: Max 1.3:1
    ️· Insertion Loss: Max 0.25 dB
    ️· Isolation: Min 70 dB
    ️· Third Order Intermodulation: 95 dBc

    ## Mechanical Specifications

    ️· Dimensions: 2.5 x 2.34 x 1 inches (63.5 x 59.44 x 25.4 mm)
    ️· Weight: 0.41 lbs (185.97 g)
    ️· Body Material: Aluminum, Black Anodized
    ️· Switching Time: 20 ms Max

    ## Environmental Specifications
    ️· Operating Temperature: -40 to +85 °C
    ️· Storage Temperature: -55 to +100 °C
    ️· Compliance: RoHS, REACH

    ## Performance by Frequency
    ️· Frequency Range: DC to 4 GHz (F1-F5)
    ️· VSWR (Max): 1.1:1 to 1.3:1
    ️· Insertion Loss (Max): 0.1 to 0.25 dB
    ️· Isolation (Min): 70-80 dB
    ️· Input Power (Typ): 275-550 Watts

    # PE7147 SPDT Electromechanical Relay Switch

    ## Features
    ️· Switch Type: SPDT (Single Pole Double Throw), Reflective
    ️· Frequency Range: DC to 4 GHz
    ️· Power Handling: 275 Watts (CW)
    ️· Operating Voltage: 22-32 Vdc (Typical 28 Vdc)
    ️· Actuator Type: Failsafe
    ️· Switching Sequence: Break before Make
    ️· Operating Life: 1,000,000 Cycles
    ️· Connectors: N Female, Solder Terminals (Control)

    ## Electrical Specifications
    ️· Impedance: 50 Ohms
    ️· VSWR: Max 1.3:1
    ️· Insertion Loss: Max 0.25 dB
    ️· Isolation: Min 70 dB
    ️· Third Order Intermodulation: 95 dBc

    ## Mechanical Specifications
    ️· Dimensions: 2.5 x 2.34 x 1 inches (63.5 x 59.44 x 25.4 mm)
    ️· Weight: 0.41 lbs (185.97 g)
    ️· Body Material: Aluminum, Black Anodized
    ️· Switching Time: 20 ms Max

    ## Environmental Specifications
    ️· Operating Temperature: -40 to +85 °C
    ️· Storage Temperature: -55 to +100 °C
    ️· Compliance: RoHS, REACH

    ## Performance by Frequency
    ️· Frequency Range: DC to 4 GHz (F1-F5)
    ️· VSWR (Max): 1.1:1 to 1.3:1
    ️· Insertion Loss (Max): 0.1 to 0.25 dB
    ️· Isolation (Min): 70-80 dB
    ️· Input Power (Typ): 275-550 Watts

    Part No.PE7147
    ManufacturerPASTERNACK
    Size444 Kbytes
    Pages6 pages
    DescriptionSPDT Electromechanical Relay Failsafe Switch