Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWGS6005 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PEWGS6005 Datasheet

  • # Example questions: ➢ What is the minimum and maximum operating temperature within which this waveguide switch can reliably function?
    ➢ How does the actuator type affect the switching sequence, specifically regarding 'break before make' functionality?
    ➢ What is the typical insertion loss of this switch across its operating frequency range?

  • Part No.PEWGS6005
    ManufacturerPASTERNACK
    Size531 Kbytes
    Pages6 pages
    DescriptionWR-42 Waveguide Electromechanical Relay SPDT Latching Switch
    Datasheet Summary with AI

    # PEWGS6005 Waveguide Switch

    ## Features
    ️· Frequency Range: 18 to 26.5 GHz
    ️· Switch Type: SPDT (Single Pole Double Throw), optional DPDT configuration
    ️· Waveguide: WR-42 with O-Rings
    ️· Insertion Loss: 0.013 dB typical
    ️· Isolation: 90 dB typical
    ️· Input Power: Up to 0.8 kW CW
    ️· Actuator: Latching TTL Logic, Self Cut Off
    ️· Operating Temperature: -40°C to +85°C
    ️· Voltage: +28 Vdc nominal
    ️· Weatherized: Fully weatherized package (IP67)
    ️· Connector: Quick connect circular 10 pin MIL-SPEC DC connector with mate
    ️· Operating Life: 250,000 cycles minimum

    ## Electrical Specifications
    ️· Impedance: 50 Ohms
    ️· Operating Voltage: 21 to 32 V
    ️· Actuating Current: 212-243 mA @ 28V

    ️· VSWR: 1.07:1 typical
    ️· TTL Control: On: 2.4-5.5V, Off: 0-0.8V, Current: 1.2mA

    ## Mechanical Specifications
    ️· Size: 4.1 x 2.11 x 2.11 inches (104.14 x 53.59 x 53.59 mm)
    ️· Weight: 1.095 lbs (496.68 g)
    ️· Waveguide Interface: UG-595/U Square Cover
    ️· Material: Not specified

    ## Performance Data
    ️· Insertion Loss: -120 to -80dB at 18-26.5 GHz (graph provided)
    ️· Isolation: -110 to -60dB at 18-26.5 GHz (graph provided)

    ## CAD Drawing
    ️· Available as part of product documentation.

    # PEWGS6005 Waveguide Switch

    ## Features
    ️· Frequency Range: 18 to 26.5 GHz
    ️· Switch Type: SPDT (Single Pole Double Throw), optional DPDT configuration
    ️· Waveguide: WR-42 with O-Rings
    ️· Insertion Loss: 0.013 dB typical
    ️· Isolation: 90 dB typical
    ️· Input Power: Up to 0.8 kW CW
    ️· Actuator: Latching TTL Logic, Self Cut Off
    ️· Operating Temperature: -40°C to +85°C
    ️· Voltage: +28 Vdc nominal
    ️· Weatherized: Fully weatherized package (IP67)
    ️· Connector: Quick connect circular 10 pin MIL-SPEC DC connector with mate
    ️· Operating Life: 250,000 cycles minimum

    ## Electrical Specifications
    ️· Impedance: 50 Ohms
    ️· Operating Voltage: 21 to 32 V
    ️· Actuating Current: 212-243 mA @ 28V
    ️· VSWR: 1.07:1 typical
    ️· TTL Control: On: 2.4-5.5V, Off: 0-0.8V, Current: 1.2mA

    ## Mechanical Specifications
    ️· Size: 4.1 x 2.11 x 2.11 inches (104.14 x 53.59 x 53.59 mm)
    ️· Weight: 1.095 lbs (496.68 g)
    ️· Waveguide Interface: UG-595/U Square Cover
    ️· Material: Not specified

    ## Performance Data
    ️· Insertion Loss: -120 to -80dB at 18-26.5 GHz (graph provided)
    ️· Isolation: -110 to -60dB at 18-26.5 GHz (graph provided)

    ## CAD Drawing
    ️· Available as part of product documentation.

    Part No.PEWGS6005
    ManufacturerPASTERNACK
    Size531 Kbytes
    Pages6 pages
    DescriptionWR-42 Waveguide Electromechanical Relay SPDT Latching Switch
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com