Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEWGS6017 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PEWGS6017 Datasheet

  • # Example questions: ➢ What is the maximum operating pressure supported by the waveguide ports, and what type of flange is used to ensure a pressurized seal?
    ➢ How does the latching ttl logic control affect the switch's power consumption, specifically regarding the current draw when the control signal is on and off?
    ➢ What is the typical insertion loss of this switch across its operating frequency range?

  • Part No.PEWGS6017
    ManufacturerPASTERNACK
    Size531 Kbytes
    Pages6 pages
    DescriptionWR-90 Waveguide Electromechanical Relay SPDT Latching Switch
    Datasheet Summary with AI

    # PEWGS6017 Waveguide Switch

    ## Features
    ️· Frequency Range: 8.2 - 12.4 GHz
    ️· Switch Type: SPDT (Single Pole Double Throw), Optional DPDT
    ️· Waveguide: WR-90 with O-Rings
    ️· Insertion Loss: 0.05 dB typical
    ️· Isolation: 105 dB typical
    ️· Input Power: Up to 5 kW CW, 123 kW peak (10% duty cycle)
    ️· Actuator: Latching TTL Logic, Self Cut Off, with Window Indicator & Manual Override
    ️· Operating Voltage: +28 Vdc nominal (21-32V)
    ️· Operating Life: 250,000 cycles
    ️· Temperature Range: -40°C to +85°C
    ️· Weatherized: Fully weatherproofed (IP67)
    ️· Connector: Quick connect circular 10 pin MIL-SPEC DC bias connector (mate included)

    ## Electrical Specifications
    ️· Impedance: 50 Ohms
    ️· VSWR: 1.06:1 typical
    ️· TTL Control: 2.4-5.5V (on), 0-0.8V (off)

    ️· TTL Current: 1.2 mA

    ## Mechanical Specifications
    ️· Dimensions: 4.8" (L) x 2.25" (W/D) x 2.25" (H)
    ️· Weight: 1.5 lbs
    ️· Flange Type: Square Cover, UG-39/U
    ️· Material: Not specified

    ## Environmental
    ️· Operating Temperature: -40°C to +85°C
    ️· Ingress Protection: IP67 (Weatherproof)

    # PEWGS6017 Waveguide Switch

    ## Features
    ️· Frequency Range: 8.2 - 12.4 GHz
    ️· Switch Type: SPDT (Single Pole Double Throw), Optional DPDT
    ️· Waveguide: WR-90 with O-Rings
    ️· Insertion Loss: 0.05 dB typical
    ️· Isolation: 105 dB typical
    ️· Input Power: Up to 5 kW CW, 123 kW peak (10% duty cycle)
    ️· Actuator: Latching TTL Logic, Self Cut Off, with Window Indicator & Manual Override
    ️· Operating Voltage: +28 Vdc nominal (21-32V)
    ️· Operating Life: 250,000 cycles
    ️· Temperature Range: -40°C to +85°C
    ️· Weatherized: Fully weatherproofed (IP67)
    ️· Connector: Quick connect circular 10 pin MIL-SPEC DC bias connector (mate included)

    ## Electrical Specifications
    ️· Impedance: 50 Ohms
    ️· VSWR: 1.06:1 typical
    ️· TTL Control: 2.4-5.5V (on), 0-0.8V (off)
    ️· TTL Current: 1.2 mA

    ## Mechanical Specifications
    ️· Dimensions: 4.8" (L) x 2.25" (W/D) x 2.25" (H)
    ️· Weight: 1.5 lbs
    ️· Flange Type: Square Cover, UG-39/U
    ️· Material: Not specified

    ## Environmental
    ️· Operating Temperature: -40°C to +85°C
    ️· Ingress Protection: IP67 (Weatherproof)

    Part No.PEWGS6017
    ManufacturerPASTERNACK
    Size531 Kbytes
    Pages6 pages
    DescriptionWR-90 Waveguide Electromechanical Relay SPDT Latching Switch