| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE45296 Datasheet
# Example questions:
➢ What cable interface types are compatible with this connector?
➢ What is the ip rating of this connector when mated?
➢ What is the maximum operating frequency for this 4.3-10 male connector?
# PE45296 4.3-10 Male Connector
## Features
️· Connector Type: 4.3-10 Male
️· Attachment: Clamp/Solder
️· Interface: RG213, RG8, RG225, RG214, RG393
️· Low PIM Design: -166 dBc
️· IP Rating: IP67 (Mated)
️· Frequency Range: DC - 6 GHz
️· VSWR: 1.15:1
️· Operating Voltage: 1,000 V rms
️· Dielectric Withstanding Voltage: 2,500 V rms
## Electrical Specifications
️· Insertion Loss: 0.13 dB
️· Passive Intermodulation: -166 dBc
️· Insulation Resistance: 5,000 MOhms
## Mechanical Specifications
️· Length: 1.47 in [37.34 mm]
️· Width/Diameter: 0.96 in [24.38 mm]
️· Weight: 0.121 lbs [54.88 g]
️· Mating Cycles: 100
## Material Specifications
️· Contact: Brass, Silver Plating
️· Insulation: PTFE
️· Body: Brass, Tri-Metal Plating
️· Coupling Nut: Brass, Tri-Metal Plating
️· Gasket: EPDM Rubber
## Environmental Specifications
️· Operating Temperature: -55 to +90 °C
️· Ingress Protection: IP67 (Mated)
# PE45296 4.3-10 Male Connector
## Features
️· Connector Type: 4.3-10 Male
️· Attachment: Clamp/Solder
️· Interface: RG213, RG8, RG225, RG214, RG393
️· Low PIM Design: -166 dBc
️· IP Rating: IP67 (Mated)
️· Frequency Range: DC - 6 GHz
️· VSWR: 1.15:1
️· Operating Voltage: 1,000 V rms
️· Dielectric Withstanding Voltage: 2,500 V rms
## Electrical Specifications
️· Insertion Loss: 0.13 dB
️· Passive Intermodulation: -166 dBc
️· Insulation Resistance: 5,000 MOhms
## Mechanical Specifications
️· Length: 1.47 in [37.34 mm]
️· Width/Diameter: 0.96 in [24.38 mm]
️· Weight: 0.121 lbs [54.88 g]
️· Mating Cycles: 100
## Material Specifications
️· Contact: Brass, Silver Plating
️· Insulation: PTFE
️· Body: Brass, Tri-Metal Plating
️· Coupling Nut: Brass, Tri-Metal Plating
️· Gasket: EPDM Rubber
## Environmental Specifications
️· Operating Temperature: -55 to +90 °C
️· Ingress Protection: IP67 (Mated)
| Part No. | PE45296 |
| Manufacturer | PASTERNACK |
| Size | 415 Kbytes |
| Pages | 4 pages |
| Description | 4.3-10 Male Low PIM Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |