Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2312 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PAM2312 Datasheet

  • # Example questions: ➢ What happens when the die temperature of the pam2312 exceeds +150°c?
    ➢ What is the peak current limit for the pam2312's switch?
    ➢ What pcb layout considerations are emphasized in the datasheet to ensure proper operation of the pam2312?

  • Part No.PAM2312
    ManufacturerDIODES
    Size657 Kbytes
    Pages14 pages
    Description1A STEP-DOWN DC-DC CONVERTER
    Datasheet Summary with AI

    Okay, here's a summary of the information gleaned from the provided text (the Diodes Incorporated PAM2312 datasheet extract):

    1. Product Overview:

    ️· The PAM2312 is a synchronous rectification controller. It's designed to efficiently regulate voltage in DC-DC converter applications.
    ️· It's primarily intended for applications like battery-powered devices, point-of-load (POL) converters, and other scenarios needing efficient voltage regulation.

    2. Key Features:

    ️· Synchronous Rectification: This is a core feature – using a MOSFET instead of a diode for rectification to improve efficiency.
    ️· Wide Input Voltage Range: Supports a broad input voltage range, suitable for various applications.
    ️· Adjustable Output Voltage: Available in fixed output voltage versions (1.2V, 1.5V, 2.5V, 2.8V, and 3.3V) and an adjustable version.
    ️· High Efficiency: Designed for maximum power efficiency, reducing heat generation.
    ️· Protection Features: Includes short-circuit protection, thermal shutdown, and inrush current limiting (via soft-start).
    ️· Current Limit: Peak current limit is typically 1500mA.
    ️· Frequency Switching: Normally operates at a certain frequency but switches to 500kHz during short-circuit conditions.

    3. Technical Details & Operating Conditions:

    ️· Soft Start: Limits inrush current during startup, preventing voltage drops and overshoot.

    ️· Feedback: Requires a resistive divider (R1/R2) to connect the feedback pin (VFB) to the output capacitor.
    ️· PCB Layout Recommendations:
    - Keep power traces (GND, SW, VIN) short, direct, and wide.
    - Minimize the distance between components for optimal performance.
    ️· Package Options: Available in TSOT25 package.
    ️· Ordering Information: Specific part numbers for different output voltages.

    4. End of Life (EOL) Status:

    ️· Fixed output voltage versions (1.2V, 1.5V, 2.5V, 2.8V, and 3.3V) are listed as End of Life (EOL).



    I hope this comprehensive summary is helpful!

    1. Product Overview:

    ️· The PAM2312 is a synchronous rectification controller. It's designed to efficiently regulate voltage in DC-DC converter applications.
    ️· It's primarily intended for applications like battery-powered devices, point-of-load (POL) converters, and other scenarios needing efficient voltage regulation.

    2. Key Features:

    ️· Synchronous Rectification: This is a core feature – using a MOSFET instead of a diode for rectification to improve efficiency.
    ️· Wide Input Voltage Range: Supports a broad input voltage range, suitable for various applications.
    ️· Adjustable Output Voltage: Available in fixed output voltage versions (1.2V, 1.5V, 2.5V, 2.8V, and 3.3V) and an adjustable version.
    ️· High Efficiency: Designed for maximum power efficiency, reducing heat generation.
    ️· Protection Features: Includes short-circuit protection, thermal shutdown, and inrush current limiting (via soft-start).
    ️· Current Limit: Peak current limit is typically 1500mA.
    ️· Frequency Switching: Normally operates at a certain frequency but switches to 500kHz during short-circuit conditions.

    3. Technical Details & Operating Conditions:

    ️· Soft Start: Limits inrush current during startup, preventing voltage drops and overshoot.
    ️· Feedback: Requires a resistive divider (R1/R2) to connect the feedback pin (VFB) to the output capacitor.
    ️· PCB Layout Recommendations:
    - Keep power traces (GND, SW, VIN) short, direct, and wide.
    - Minimize the distance between components for optimal performance.
    ️· Package Options: Available in TSOT25 package.
    ️· Ordering Information: Specific part numbers for different output voltages.

    4. End of Life (EOL) Status:

    ️· Fixed output voltage versions (1.2V, 1.5V, 2.5V, 2.8V, and 3.3V) are listed as End of Life (EOL).

    Part No.PAM2312
    ManufacturerDIODES
    Size657 Kbytes
    Pages14 pages
    Description1A STEP-DOWN DC-DC CONVERTER
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com