Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCN28D Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ISCN28D Datasheet

  • # Example questions: ➢ Within what temperature range can this transistor be safely stored?
    ➢ How does the dc current gain (hfe) change when the collector current increases from 0.3a to 3a?
    ➢ What is the maximum continuous collector current this transistor can handle?

  • Part No.ISCN28D
    ManufacturerISC
    Size178 Kbytes
    Pages2 pages
    Descriptionisc Silicon NPN Power Transistors
    Datasheet Summary with AI

    # ISCN28D Silicon NPN Power Transistor

    ## Description
    · DPAK for surface mount applications
    · Designed for general purpose amplifier and low-speed switching applications
    · Minimum lot-to-lot variations for robust device performance and reliable operation

    ## Absolute Maximum Ratings (Ta=25°C)
    · VCBO (Collector-Base Voltage): 100 V
    · VCEO (Collector-Emitter Voltage): 100 V
    · VEBO (Emitter-Base Voltage): 5 V
    · IC (Collector Current - Continuous): 6 A
    · ICM (Collector Current - Peak): 10 A
    · IB (Base Current): 2 A
    · PC (Collector Power Dissipation): 20 W (TC=25°C), 2 W (Ta=25°C)
    · Tj (Junction Temperature): 150 °C
    · Tstg (Storage Temperature Range): -65~150 °C

    ## Thermal Characteristics
    · Rthj-c (Thermal Resistance, Junction to Case): 6.25 °C/W


    ## Electrical Characteristics (TC=25°C unless otherwise specified)
    · VCEO(SUS) (Collector-Emitter Sustaining Voltage): 100 V (IC=30mA; IB=0)
    · VCE(sat) (Collector-Emitter Saturation Voltage): 1.5 V (IC=6A; IB=0.6A)
    · VBE(on) (Base-Emitter On Voltage): 2.0 V (IC=6A; VCE=4V)
    · ICBO (Collector Cutoff Current): 10 uA (VCB=100V; IE=0)
    · ICEO (Collector Cutoff Current): 50 uA (VCE=60V; IB=0)
    · IEBO (Emitter Cutoff Current): 0.5 mA (VEB=5V; IC=0)
    · hFE-1 (DC Current Gain): 30 (IC=0.3A; VCE=4V)
    · hFE-2 (DC Current Gain): 15-75 (IC=3A; VCE=4V)
    · fT (Current-Gain—Bandwidth Product): 3 MHz (IC=0.5A; VCE=10V)

    # ISCN28D Silicon NPN Power Transistor

    ## Description
    · DPAK for surface mount applications
    · Designed for general purpose amplifier and low-speed switching applications
    · Minimum lot-to-lot variations for robust device performance and reliable operation

    ## Absolute Maximum Ratings (Ta=25°C)
    · VCBO (Collector-Base Voltage): 100 V
    · VCEO (Collector-Emitter Voltage): 100 V
    · VEBO (Emitter-Base Voltage): 5 V
    · IC (Collector Current - Continuous): 6 A
    · ICM (Collector Current - Peak): 10 A
    · IB (Base Current): 2 A
    · PC (Collector Power Dissipation): 20 W (TC=25°C), 2 W (Ta=25°C)
    · Tj (Junction Temperature): 150 °C
    · Tstg (Storage Temperature Range): -65~150 °C

    ## Thermal Characteristics
    · Rthj-c (Thermal Resistance, Junction to Case): 6.25 °C/W

    ## Electrical Characteristics (TC=25°C unless otherwise specified)
    · VCEO(SUS) (Collector-Emitter Sustaining Voltage): 100 V (IC=30mA; IB=0)
    · VCE(sat) (Collector-Emitter Saturation Voltage): 1.5 V (IC=6A; IB=0.6A)
    · VBE(on) (Base-Emitter On Voltage): 2.0 V (IC=6A; VCE=4V)
    · ICBO (Collector Cutoff Current): 10 uA (VCB=100V; IE=0)
    · ICEO (Collector Cutoff Current): 50 uA (VCE=60V; IB=0)
    · IEBO (Emitter Cutoff Current): 0.5 mA (VEB=5V; IC=0)
    · hFE-1 (DC Current Gain): 30 (IC=0.3A; VCE=4V)
    · hFE-2 (DC Current Gain): 15-75 (IC=3A; VCE=4V)
    · fT (Current-Gain—Bandwidth Product): 3 MHz (IC=0.5A; VCE=10V)

    Part No.ISCN28D
    ManufacturerISC
    Size178 Kbytes
    Pages2 pages
    Descriptionisc Silicon NPN Power Transistors