Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25S512MDYES
MfrGIGADEVICE
Size1Mb
Pages87 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Device Overview:

️· Type: 512Mb NAND Flash Memory
️· Data Protection: Includes Write Enable (WREN), Software Protection Mode, Deep Power-Down Mode, and Block Protection features.
️· Interfaces: Supports Standard SPI, Dual SPI, Quad SPI interfaces (with QE permanently set to 1).
️· Organization: 512Mb (64MB) - Likely has overhead for NAND architecture.

2. Key Features & Modes:

️· Write Enable (WEL): Essential for writing to the memory. The WEL bit can be set and reset.
️· Block Protection: Allows sections of memory to be read-only. A complex set of bits (BP0-BP3 and TB) define the protected areas. The table gives formulas for block protection, with different regions being protected based on the values of these bits.
️· Deep Power-Down: Minimizes power consumption by ignoring commands (except Release and Software Reset).
️· Quad Enable (QE): Always set to 1 in this device.
️· Security Register Lock (LB1-LB3): Protects the security registers using one-time programmable (OTP) bits.

3. Status Registers:

️· Status Register 1 (SR1): Contains WIP (Write In Progress), WEL (Write Enable Latch), Block Protection bits (BP0-BP3), and TB (Top/Bottom Protect).
️· Status Register 2 (SR2): Contains ADS (Address Mode Select), QE (Quad Enable - fixed to 1), SUS2, LB1-LB3, SRP1 and SUS1.
️· Status Register 3 (SR3): Contains PE, EE, ADP, DRV0, DRV1.
️· WIP: Indicates if the flash is busy performing a write, erase, or status register write.
️· WEL: Indicates if write operations are currently enabled.

4. Data Protection Details:

️· Block Protection: A table details how the BP0-BP3 and TB bits can be configured to protect different blocks of memory, ranging from protecting a small portion (1/512) to the entire memory.
️· OTP Protection: The LB1-LB3 bits allow protection of internal registers with a one-time programming process.

In essence, the GD25S512MD is a feature-rich NAND flash memory with robust data protection capabilities and multiple interface options.
GD25S512MDYES Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25S512MDYES Datasheet.
    Example questions: ➤ Describe two of these methods and how they function.➤ Explain the purpose of the 'wip' (write in progress) bit in the status register-1 and how it is used to determine the state of the flash memory.➤ What are the four possible i/o modes (data transfer rates) supported by the gd25s512md flash memory?
  • Datasheet Details
    Part No.GD25S512MDYES
    ManufacturerGIGADEVICE
    Size1Mb
    Pages87 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· Type: 512Mb NAND Flash Memory
    ️· Data Protection: Includes Write Enable (WREN), Software Protection Mode, Deep Power-Down Mode, and Block Protection features.
    ️· Interfaces: Supports Standard SPI, Dual SPI, Quad SPI interfaces (with QE permanently set to 1).
    ️· Organization: 512Mb (64MB) - Likely has overhead for NAND architecture.

    2. Key Features & Modes:

    ️· Write Enable (WEL): Essential for writing to the memory. The WEL bit can be set and reset.
    ️· Block Protection: Allows sections of memory to be read-only. A complex set of bits (BP0-BP3 and TB) define the protected areas. The table gives formulas for block protection, with different regions being protected based on the values of these bits.
    ️· Deep Power-Down: Minimizes power consumption by ignoring commands (except Release and Software Reset).
    ️· Quad Enable (QE): Always set to 1 in this device.
    ️· Security Register Lock (LB1-LB3): Protects the security registers using one-time programmable (OTP) bits.

    3. Status Registers:

    ️· Status Register 1 (SR1): Contains WIP (Write In Progress), WEL (Write Enable Latch), Block Protection bits (BP0-BP3), and TB (Top/Bottom Protect).
    ️· Status Register 2 (SR2): Contains ADS (Address Mode Select), QE (Quad Enable - fixed to 1), SUS2, LB1-LB3, SRP1 and SUS1.
    ️· Status Register 3 (SR3): Contains PE, EE, ADP, DRV0, DRV1.
    ️· WIP: Indicates if the flash is busy performing a write, erase, or status register write.
    ️· WEL: Indicates if write operations are currently enabled.

    4. Data Protection Details:

    ️· Block Protection: A table details how the BP0-BP3 and TB bits can be configured to protect different blocks of memory, ranging from protecting a small portion (1/512) to the entire memory.
    ️· OTP Protection: The LB1-LB3 bits allow protection of internal registers with a one-time programming process.

    In essence, the GD25S512MD is a feature-rich NAND flash memory with robust data protection capabilities and multiple interface options.