Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLE-W1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TPLE-W1 Datasheet

  • # Example questions: ➢ What is the maximum input voltage for the tple12 model?
    ➢ What is the maximum lead temperature permissible for 10 seconds?
    ➢ What is the typical switching frequency for all input types of this power module?

  • Part No.TPLE-W1
    ManufacturerTOPPOWER
    Size763 Kbytes
    Pages3 pages
    Description0.1W 1.5KVDC Isolated Single Output DC/DC Converters
    Datasheet Summary with AI

    # TPLE-W1 Series DC/DC Converters

    ## Overview
    ️· Miniature, isolated, low power, high efficiency DC/DC converters.
    ️· Available in SIP & DIP packages for space-critical applications.
    ️· Operating temperature: -40°C to 105°C.
    ️· 1.5KVDC isolation.

    ## Key Features
    ️· RoHS compliant & CE certified.
    ️· High efficiency.
    ️· Power density: 0.36W/cm3.
    ️· UL 94V-0 package material.
    ️· Small footprint (0.69cm2).
    ️· Input voltage: 3.3V, 5V, 12V.
    ️· Output voltage: 3.3V, 5V, 9V, 12V, 15V.

    ## Selection Guide (Examples)
    ️· TPLE0303D-W1: 3.3V in, 3.3V out, 30.3/3.03mA, 70% efficiency (DIP)
    ️· TPLE0505D-W1: 5V in, 5V out, 20/2mA, 80% efficiency (DIP)
    ️· TPLE1215S-W1: 12V in, 15V out, 6.7/0.67mA, 86% efficiency (SIP)

    ## Input Characteristics
    ️· 3.3V Input: 2.9V - 3.6V
    ️· 5V Input: 4.5V - 5.5V
    ️· 12V Input: 11V - 13.3V

    ## Output Characteristics
    ️· Rated Power: 0.1W (TA = -40°C to 85°C)
    ️· Line Regulation: ±1.2% (for 5V output) or ±1.0% (for others)
    ️· Load Regulation: 6% - 8%

    ## Absolute Maximum Ratings
    ️· Short-circuit protection: 1 second
    ️· Lead temperature: 300°C (1.5mm from case, 10s)
    ️· Input Voltage: Varies by input type (5.5V, 7V, 15V)

    ## Isolation Characteristics
    ️· Isolation Test Voltage: 1500VDC (1 second)
    ️· Resistance: 1GΩ (Viso = 1000VDC)

    ## Mechanical Dimensions
    ️· Packages: DIP (8-pin) & SIP (4-pin).
    ️· Dimensions available in datasheet.

    ## Additional Features
    ️· Continuous short-circuit protection available with "P" suffix (e.g., TPLE0505SP-W1).
    ️· Switching frequency: 80kHz.

    # TPLE-W1 Series DC/DC Converters

    ## Overview
    ️· Miniature, isolated, low power, high efficiency DC/DC converters.
    ️· Available in SIP & DIP packages for space-critical applications.
    ️· Operating temperature: -40°C to 105°C.
    ️· 1.5KVDC isolation.

    ## Key Features
    ️· RoHS compliant & CE certified.
    ️· High efficiency.
    ️· Power density: 0.36W/cm3.
    ️· UL 94V-0 package material.
    ️· Small footprint (0.69cm2).
    ️· Input voltage: 3.3V, 5V, 12V.
    ️· Output voltage: 3.3V, 5V, 9V, 12V, 15V.

    ## Selection Guide (Examples)
    ️· TPLE0303D-W1: 3.3V in, 3.3V out, 30.3/3.03mA, 70% efficiency (DIP)
    ️· TPLE0505D-W1: 5V in, 5V out, 20/2mA, 80% efficiency (DIP)
    ️· TPLE1215S-W1: 12V in, 15V out, 6.7/0.67mA, 86% efficiency (SIP)

    ## Input Characteristics
    ️· 3.3V Input: 2.9V - 3.6V
    ️· 5V Input: 4.5V - 5.5V
    ️· 12V Input: 11V - 13.3V

    ## Output Characteristics
    ️· Rated Power: 0.1W (TA = -40°C to 85°C)
    ️· Line Regulation: ±1.2% (for 5V output) or ±1.0% (for others)
    ️· Load Regulation: 6% - 8%

    ## Absolute Maximum Ratings
    ️· Short-circuit protection: 1 second
    ️· Lead temperature: 300°C (1.5mm from case, 10s)
    ️· Input Voltage: Varies by input type (5.5V, 7V, 15V)

    ## Isolation Characteristics
    ️· Isolation Test Voltage: 1500VDC (1 second)
    ️· Resistance: 1GΩ (Viso = 1000VDC)

    ## Mechanical Dimensions
    ️· Packages: DIP (8-pin) & SIP (4-pin).
    ️· Dimensions available in datasheet.

    ## Additional Features
    ️· Continuous short-circuit protection available with "P" suffix (e.g., TPLE0505SP-W1).
    ️· Switching frequency: 80kHz.

    Part No.TPLE-W1
    ManufacturerTOPPOWER
    Size763 Kbytes
    Pages3 pages
    Description0.1W 1.5KVDC Isolated Single Output DC/DC Converters
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com