Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD0701P3 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ESD0701P3 Datasheet

  • # Example questions: ➢ What is the typical capacitance value of the esd0701p3?
    ➢ What is the maximum peak pulse power this tvs diode can withstand, and for what duration is this rating specified?
    ➢ What is the operating temperature range within which the esd0701p3 can function correctly?

  • Part No.ESD0701P3
    ManufacturerLEIDITECH
    Size3Mb
    Pages4 pages
    Description1-Line High Power TVS Diode
    Datasheet Summary with AI

    # ESD0701P3 1-Line High Power TVS Diode

    ## Features

    · 5500W peak pulse power (8/20 µs)
    · Low leakage (nA level)
    · Low operating voltage: 7V
    · Ultra-low clamping voltage
    · Protects one power line
    · Complies with:
    - IEC 61000-4-2 (ESD) immunity test (±30kV Air, ±30kV Contact)
    - IEC61000-4-5 (Lightning) 250A (8/20µs)
    · RoHS Compliant
    · Lead Finish: NiPdAu

    ## Dimensions & Mechanical Characteristics

    · Package: DFN2020-3
    · Case Material: “Green” Molding Compound
    · UL Flammability Classification Rating: 94V-0
    · Moisture Sensitivity: Level 3 per J-STD-020
    · See Diagram Below for Terminal Connections and Marking Information

    ## Applications

    · I/O Interfaces
    · Power Lines
    · Automotive and Telecommunication
    · Computer & Consumer Electronics
    · Industrial Electronics
    · Microcontroller Input Protection

    ## Absolute Maximum Ratings (Tamb=25°C)

    · Peak Pulse Power (8/20µs): 5500 W
    · ESD per IEC 61000−4−2 (Air): ±30 kV
    · ESD per IEC 61000−4−2 (Contact): ±30 kV
    · Operating Temperature Range: -55 to +125 °C
    · Storage Temperature Range: -55 to +150 °C

    ## Electrical Characteristics (TA=25°C)

    Parameter Value Unit
    Part Number ESD0701P3
    Device Marking M07A
    VRWM 7 V
    VBR 8 V
    IT 1 mA
    VC @ 1A 9
    Vc Icol8 16
    IR (Max) @ A 250 μA
    C (Typ.) 0.2 pF

    # ESD0701P3 1-Line High Power TVS Diode

    ## Features

    · 5500W peak pulse power (8/20 µs)
    · Low leakage (nA level)
    · Low operating voltage: 7V
    · Ultra-low clamping voltage
    · Protects one power line
    · Complies with:
    - IEC 61000-4-2 (ESD) immunity test (±30kV Air, ±30kV Contact)
    - IEC61000-4-5 (Lightning) 250A (8/20µs)
    · RoHS Compliant
    · Lead Finish: NiPdAu

    ## Dimensions & Mechanical Characteristics

    · Package: DFN2020-3
    · Case Material: “Green” Molding Compound
    · UL Flammability Classification Rating: 94V-0
    · Moisture Sensitivity: Level 3 per J-STD-020
    · See Diagram Below for Terminal Connections and Marking Information

    ## Applications

    · I/O Interfaces
    · Power Lines
    · Automotive and Telecommunication
    · Computer & Consumer Electronics
    · Industrial Electronics
    · Microcontroller Input Protection

    ## Absolute Maximum Ratings (Tamb=25°C)

    · Peak Pulse Power (8/20µs): 5500 W
    · ESD per IEC 61000−4−2 (Air): ±30 kV
    · ESD per IEC 61000−4−2 (Contact): ±30 kV
    · Operating Temperature Range: -55 to +125 °C
    · Storage Temperature Range: -55 to +150 °C

    ## Electrical Characteristics (TA=25°C)

    Parameter Value Unit
    Part Number ESD0701P3
    Device Marking M07A
    VRWM 7 V
    VBR 8 V
    IT 1 mA
    VC @ 1A 9
    Vc Icol8 16
    IR (Max) @ A 250 μA
    C (Typ.) 0.2 pF

    Part No.ESD0701P3
    ManufacturerLEIDITECH
    Size3Mb
    Pages4 pages
    Description1-Line High Power TVS Diode