| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TH12031S1 Datasheet
# Example questions:
➢ What is the maximum allowable operating temperature for this transformer?
➢ What is the peak solder rating according to the rohs compliance specifications?
➢ What is the minimum inductance (ocl) value at 100khz and 100mv?
# 10/100BASET-T TRANSFORMER - TH12031S1
## Features
· RoHS Compliant
· RoHS peak solder rating: 260 / 3~5 Sec
· Operating Temperature: 0 ~ +80°C
· MSL=2a
## Specifications (@ 25°C)
· OCL: 350 uH Min @100kHz, 100mV
· Turns Ratio: 1CT:1CT ±3%
· LL (uHMAX): 0.50
· Cww pFMAX: 30
· DCR (MAX): 1.5
· Insertion Loss:
- 1 ~ 100 MHz: -1.0 dB MAX
· Cross Talk:
- MHz dB MIN: 0.3~100, 1~40
· Return Loss:
- 40~80: -16 dB MIN
- 80~100: -10 dB MIN
· HIPOT: 1500 VAC
## Pin Configuration
· TX 1CT:1CT
· TD+: 1
· TD-: 2
· CT: 3, 6
· RD+: 7
· RD-: 8
· 15 TX
· 14 CT
· 11 CT
· 10 RX+
· 9 RX-
· RX 1CT:1CT
## Dimensions
· Dimension Tolerance: ±0.25 mm
# 10/100BASET-T TRANSFORMER - TH12031S1
## Features
· RoHS Compliant
· RoHS peak solder rating: 260 / 3~5 Sec
· Operating Temperature: 0 ~ +80°C
· MSL=2a
## Specifications (@ 25°C)
· OCL: 350 uH Min @100kHz, 100mV
· Turns Ratio: 1CT:1CT ±3%
· LL (uHMAX): 0.50
· Cww pFMAX: 30
· DCR (MAX): 1.5
· Insertion Loss:
- 1 ~ 100 MHz: -1.0 dB MAX
· Cross Talk:
- MHz dB MIN: 0.3~100, 1~40
· Return Loss:
- 40~80: -16 dB MIN
- 80~100: -10 dB MIN
· HIPOT: 1500 VAC
## Pin Configuration
· TX 1CT:1CT
· TD+: 1
· TD-: 2
· CT: 3, 6
· RD+: 7
· RD-: 8
· 15 TX
· 14 CT
· 11 CT
· 10 RX+
· 9 RX-
· RX 1CT:1CT
## Dimensions
· Dimension Tolerance: ±0.25 mm
| Part No. | TH12031S1 |
| Manufacturer | VITALCONN |
| Size | 265 Kbytes |
| Pages | 1 page |
| Description | 10/100BASET-T SMT TRANSFORMERS |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |