Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCE-54-K/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FCE-54-K/Q Datasheet

  • # Example questions: ➢ What is the maximum load resistance for a current output of 4-20 ma dc?
    ➢ What is the minimum insulation resistance, measured with 500v dc?
    ➢ What is the operating temperature range for the fce model?

  • Part No.FCE-54-K/Q
    ManufacturerMSYSTEM
    Size104 Kbytes
    Pages3 pages
    DescriptionSpace-saving Plug-in Signal Conditioners F-UNIT
    Datasheet Summary with AI

    # F-UNIT CT TRANSMITTER (RMS Sensing) - Model FCE

    ## Ordering and Model Number

    ️· Code Number: FCE-[1][2]-[3][4]
    ️· Model Structure: FCE–[Input Code][Output Code][Power Code][Option Code]
    ️· Special Output Range: Specify for codes Z & 0
    ️· Option Code /Q: Specifies additional options

    ## Input (Code [1])

    ️· Current:
    - 1: 0 – 1 A AC
    - 5: 0 – 5 A AC

    ## Output (Code [2])

    ️· Current:
    - A: 4 – 20 mA DC (Load resistance 750 Ω max.)
    - B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
    - C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
    - D: 0 – 20 mA DC (Load resistance 750 Ω max.)
    - E: 0 – 16 mA DC (Load resistance 900 Ω max.)
    - F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
    - G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
    - Z: Specify current (See OUTPUT SPECIFICATIONS)

    ️· Voltage:
    - 1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
    - 2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
    - 3: 0 – 1 V DC (Load resistance 1000 Ω min.)
    - 4: 0 – 10 V DC (Load resistance 10 kΩ min.)
    - 5: 0 – 5 V DC (Load resistance 5000 Ω min.)
    - 6: 1 – 5 V DC (Load resistance 5000 Ω min.)
    - 0: Specify voltage (See OUTPUT SPECIFICATIONS)

    ## Power (Code [3])

    ️· AC Power:
    - K: 85 – 132 V AC (47 – 66 Hz)
    - L: 170 – 264 V AC (47 – 66 Hz)
    ️· DC Power:
    - R: 24 V DC (24 V ±10%, ripple 10%p-p max.)
    - P: 110 V DC (85 – 150 V, ripple 10%p-p max.)

    ## Options (Code [4])

    ️· Blank: No option
    ️· /Q: With option. Specify Option
    ️· Coating:
    - /C01: Silicone
    - /C02: Polyurethane
    - /C03: Rubber
    ️· Terminal Screw Material:
    - /S01: Stainless Steel

    ## Specifications

    ️· Input Burden: 0.5 VA max.
    ️· Operational Range: 0 – 120% of rating
    ️· Accuracy: ±0.3 %
    ️· Temp. Coefficient: ±0.015 %/°C (±0.008 %/°F)
    ️· Response Time: ≤ 0.5 sec. (0 – 90 %)
    ️· Ripple: 0.5 %p-p max.
    ️· Dielectric Strength: 2000 V AC @ 1 minute (input to output or power to ground), 500 V AC @ 1 minute (I/O to power)
    ️· Mounting: Surface or DIN rail; Standard Rack Mounting.
    ️· Housing: Flame-resistant resin (black)
    ️· Connection: M3.5 screw terminals (torque 0.8 N·m)
    ️· Insulation Resistance: ≥ 100 MΩ.
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90%RH

    ## Physical Characteristics

    ️· Dimensions: (see separate dimensions diagram)
    ️· Terminal Assignments: (see separate terminal diagram)
    ️· Schematic Circuitry & Connection Diagram: (see separate diagram)

    # F-UNIT CT TRANSMITTER (RMS Sensing) - Model FCE

    ## Ordering and Model Number

    ️· Code Number: FCE-[1][2]-[3][4]
    ️· Model Structure: FCE–[Input Code][Output Code][Power Code][Option Code]
    ️· Special Output Range: Specify for codes Z & 0
    ️· Option Code /Q: Specifies additional options

    ## Input (Code [1])

    ️· Current:
    - 1: 0 – 1 A AC
    - 5: 0 – 5 A AC

    ## Output (Code [2])

    ️· Current:
    - A: 4 – 20 mA DC (Load resistance 750 Ω max.)
    - B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
    - C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
    - D: 0 – 20 mA DC (Load resistance 750 Ω max.)
    - E: 0 – 16 mA DC (Load resistance 900 Ω max.)
    - F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
    - G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
    - Z: Specify current (See OUTPUT SPECIFICATIONS)

    ️· Voltage:
    - 1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
    - 2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
    - 3: 0 – 1 V DC (Load resistance 1000 Ω min.)
    - 4: 0 – 10 V DC (Load resistance 10 kΩ min.)
    - 5: 0 – 5 V DC (Load resistance 5000 Ω min.)
    - 6: 1 – 5 V DC (Load resistance 5000 Ω min.)
    - 0: Specify voltage (See OUTPUT SPECIFICATIONS)

    ## Power (Code [3])

    ️· AC Power:
    - K: 85 – 132 V AC (47 – 66 Hz)
    - L: 170 – 264 V AC (47 – 66 Hz)
    ️· DC Power:
    - R: 24 V DC (24 V ±10%, ripple 10%p-p max.)
    - P: 110 V DC (85 – 150 V, ripple 10%p-p max.)

    ## Options (Code [4])

    ️· Blank: No option
    ️· /Q: With option. Specify Option
    ️· Coating:
    - /C01: Silicone
    - /C02: Polyurethane
    - /C03: Rubber
    ️· Terminal Screw Material:
    - /S01: Stainless Steel

    ## Specifications

    ️· Input Burden: 0.5 VA max.
    ️· Operational Range: 0 – 120% of rating
    ️· Accuracy: ±0.3 %
    ️· Temp. Coefficient: ±0.015 %/°C (±0.008 %/°F)
    ️· Response Time: ≤ 0.5 sec. (0 – 90 %)
    ️· Ripple: 0.5 %p-p max.
    ️· Dielectric Strength: 2000 V AC @ 1 minute (input to output or power to ground), 500 V AC @ 1 minute (I/O to power)
    ️· Mounting: Surface or DIN rail; Standard Rack Mounting.
    ️· Housing: Flame-resistant resin (black)
    ️· Connection: M3.5 screw terminals (torque 0.8 N·m)
    ️· Insulation Resistance: ≥ 100 MΩ.
    ️· Operating Temperature: -5 to +55°C (23 to 131°F)
    ️· Operating Humidity: 30 to 90%RH

    ## Physical Characteristics

    ️· Dimensions: (see separate dimensions diagram)
    ️· Terminal Assignments: (see separate terminal diagram)
    ️· Schematic Circuitry & Connection Diagram: (see separate diagram)

    Part No.FCE-54-K/Q
    ManufacturerMSYSTEM
    Size104 Kbytes
    Pages3 pages
    DescriptionSpace-saving Plug-in Signal Conditioners F-UNIT