| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KAC-AB2-D Datasheet
# Example questions:
➢ What is the maximum load resistance supported by the dc current output, and what is the operational voltage range for dc power input?
➢ What are the available input voltage ranges for the kac module, and what is the minimum span for ac voltage inputs?
➢ Describe the options for mounting the kac module and any spacing considerations when mounting multiple units.
1. Product Overview: KAC Signal Converter
️· The KAC is a signal converter (likely a transmitter/transducer) designed to convert various signals into standard output signals (typically 4-20mA or 0-10V).
️· It's part of a modular system, meaning multiple units can be mounted together.
2. Input Specifications:
️· AC Voltage Input: 0-250V AC, with a minimum span of 50mV. Input resistance is 100 kΩ.
️· DC Current Input: Ranges from 1mA to 1A (depending on the span configuration). The input resistance varies based on the selected span (see table below).
3. Output Specifications:
️· DC Current Output: 0-20mA DC. Maximum load drive: 15V.
️· DC Voltage Output: -10 to +12V DC. Maximum load drive: 5mA (for negative output), 10mA (for positive output). Minimum Span: 5mV.
️· Offset: Maximum offset is 1.5 times the span.
4. Performance Characteristics:
️· Accuracy: ±0.4%
️· Temperature Coefficient: ±0.05%/°C (or ±0.03%/°F)
️· Response Time: ≤ 0.7 seconds (0 to 90% of full scale)
️· Ripple: ≤ 0.5% p-p
️· Line Voltage Effect: ±0.1% over the operating voltage range.
️· Insulation Resistance: ≥ 100 MΩ (with 500V DC)
️· Dielectric Strength: 2000V AC (input to output, power, and ground)
5. Installation & Environmental:
️· Power Requirements:
- AC: Rated voltage ±10%, 50/60Hz ±2Hz, approximately 2VA.
- DC: Rated voltage ±10%, approximately 2W (80mA at 24V DC).
️· Operating Temperature: -5 to +55°C (23 to 131°F)
️· Operating Humidity: 30 to 90% RH (non-condensing)
️· Mounting: Surface or DIN rail mounting. Units can be mounted side-by-side.
️· Weight: 400g (0.88 lbs)
6. Ordering Information/Model Designation (Implied, not explicitly stated)
The provided text explains how to decipher the model number by understanding the options available for input signal type, output signal type, and other configurable settings. This is not explicity listed, but is used when creating the model number.
7. Features
️· Modular Design
️· Input Shunt Resistor (for current inputs)
1. Product Overview: KAC Signal Converter
️· The KAC is a signal converter (likely a transmitter/transducer) designed to convert various signals into standard output signals (typically 4-20mA or 0-10V).
️· It's part of a modular system, meaning multiple units can be mounted together.
2. Input Specifications:
️· AC Voltage Input: 0-250V AC, with a minimum span of 50mV. Input resistance is 100 kΩ.
️· DC Current Input: Ranges from 1mA to 1A (depending on the span configuration). The input resistance varies based on the selected span (see table below).
3. Output Specifications:
️· DC Current Output: 0-20mA DC. Maximum load drive: 15V.
️· DC Voltage Output: -10 to +12V DC. Maximum load drive: 5mA (for negative output), 10mA (for positive output). Minimum Span: 5mV.
️· Offset: Maximum offset is 1.5 times the span.
4. Performance Characteristics:
️· Accuracy: ±0.4%
️· Temperature Coefficient: ±0.05%/°C (or ±0.03%/°F)
️· Response Time: ≤ 0.7 seconds (0 to 90% of full scale)
️· Ripple: ≤ 0.5% p-p
️· Line Voltage Effect: ±0.1% over the operating voltage range.
️· Insulation Resistance: ≥ 100 MΩ (with 500V DC)
️· Dielectric Strength: 2000V AC (input to output, power, and ground)
5. Installation & Environmental:
️· Power Requirements:
- AC: Rated voltage ±10%, 50/60Hz ±2Hz, approximately 2VA.
- DC: Rated voltage ±10%, approximately 2W (80mA at 24V DC).
️· Operating Temperature: -5 to +55°C (23 to 131°F)
️· Operating Humidity: 30 to 90% RH (non-condensing)
️· Mounting: Surface or DIN rail mounting. Units can be mounted side-by-side.
️· Weight: 400g (0.88 lbs)
6. Ordering Information/Model Designation (Implied, not explicitly stated)
The provided text explains how to decipher the model number by understanding the options available for input signal type, output signal type, and other configurable settings. This is not explicity listed, but is used when creating the model number.
7. Features
️· Modular Design
️· Input Shunt Resistor (for current inputs)
| Part No. | KAC-AB2-D |
| Manufacturer | MSYSTEM |
| Size | 98 Kbytes |
| Pages | 3 pages |
| Description | Plug-in Signal Conditioners K-UNIT |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |