| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SVF-50-R Datasheet
# Example questions:
➢ Describe the different mounting options available for this signal conditioner.
➢ What are the acceptable input voltage ranges for the dc voltage input, and what is the minimum span required?
➢ What is the maximum load resistance for the dc current output, and what is the output drive voltage?
1. General Overview
️· Product: SVF Signal Conditioner. It appears to be a modular signal conditioner for converting various analog signals (current or voltage) to a standard output signal.
️· Construction: Plug-in module. This likely means it's designed to be used in a carrier or backplane system.
️· Connections: Uses M3.5 screw terminals for connections.
️· Isolation: Provides input-to-output and input-to-power isolation, improving noise immunity and safety.
️· Adjustment: Includes zero and span adjustments for calibration.
️· Noise Mitigation: Note in the schematic suggests using shielded twisted-pair cabling to reduce noise interference.
2. Input Options
The SVF offers a wide variety of input signal types and ranges:
️· DC Current Inputs: Ranges from 0-20mA, 2-10mA, 1-5mA, and even a specialized -1 to +1mA range. Various input resistances are offered (e.g., 50Ω, 100Ω, 250Ω, 500Ω, 1000Ω)
️· DC Voltage Inputs: Offers a 0-1V range.
️· Specialized Inputs: Includes a -10 to +10mA range (designated 'FW').
3. Output Options
The documentation doesn't specify the output signal type. It just refers to "Output Driver" in the schematic. However, the user has options to change the Output via software (not stated in these documents).
4. Installation and Specifications
️· Power Requirements: Not explicitly stated, but likely provided by the carrier system.
️· Operating Temperature: -5 to +60°C (23 to 140°F)
️· Operating Humidity: 30 to 90% RH (non-condensing)
️· Mounting: Surface or DIN rail
️· Accuracy: ±0.1%
️· Temperature Coefficient: ±0.015%/°C (±0.008%/°F)
️· Response Time: ≤ 500 μs (microseconds)
️· Line Voltage Effect: ±0.1%
️· Insulation Resistance: ≥ 100 MΩ
️· Dielectric Strength: 1000 V AC for 1 minute (input to output to power), 2000 V AC for 1 minute (input or output to ground).
️· Weight: 400g
5. Ordering Information
The ordering part number is SVF, and a series of options are available for input types (Current or Voltage) and resistance levels.
Summary Table
| Feature | Specification |
|---|---|
| Product Type | Signal Conditioner |
| Input Types | DC Current (various ranges), DC Voltage (0-1V) |
| Input Resistance Options | Varies depending on input type, examples: 50Ω, 100Ω, 250Ω, 500Ω, 1000Ω |
| Accuracy | ±0.1% |
| Temp. Coefficient | ±0.015%/°C |
| Response Time | ≤ 500 μs |
| Operating Temp. | -5 to +60°C |
| Humidity | 30-90% RH (non-condensing) |
| Isolation | Input-to-Output, Input-to-Power |
| Mounting | Surface, DIN Rail |
| Weight | 400g |
| Ordering Code | SVF + input configuration |
1. General Overview
️· Product: SVF Signal Conditioner. It appears to be a modular signal conditioner for converting various analog signals (current or voltage) to a standard output signal.
️· Construction: Plug-in module. This likely means it's designed to be used in a carrier or backplane system.
️· Connections: Uses M3.5 screw terminals for connections.
️· Isolation: Provides input-to-output and input-to-power isolation, improving noise immunity and safety.
️· Adjustment: Includes zero and span adjustments for calibration.
️· Noise Mitigation: Note in the schematic suggests using shielded twisted-pair cabling to reduce noise interference.
2. Input Options
The SVF offers a wide variety of input signal types and ranges:
️· DC Current Inputs: Ranges from 0-20mA, 2-10mA, 1-5mA, and even a specialized -1 to +1mA range. Various input resistances are offered (e.g., 50Ω, 100Ω, 250Ω, 500Ω, 1000Ω)
️· DC Voltage Inputs: Offers a 0-1V range.
️· Specialized Inputs: Includes a -10 to +10mA range (designated 'FW').
3. Output Options
The documentation doesn't specify the output signal type. It just refers to "Output Driver" in the schematic. However, the user has options to change the Output via software (not stated in these documents).
4. Installation and Specifications
️· Power Requirements: Not explicitly stated, but likely provided by the carrier system.
️· Operating Temperature: -5 to +60°C (23 to 140°F)
️· Operating Humidity: 30 to 90% RH (non-condensing)
️· Mounting: Surface or DIN rail
️· Accuracy: ±0.1%
️· Temperature Coefficient: ±0.015%/°C (±0.008%/°F)
️· Response Time: ≤ 500 μs (microseconds)
️· Line Voltage Effect: ±0.1%
️· Insulation Resistance: ≥ 100 MΩ
️· Dielectric Strength: 1000 V AC for 1 minute (input to output to power), 2000 V AC for 1 minute (input or output to ground).
️· Weight: 400g
5. Ordering Information
The ordering part number is SVF, and a series of options are available for input types (Current or Voltage) and resistance levels.
Summary Table
| Feature | Specification |
|---|---|
| Product Type | Signal Conditioner |
| Input Types | DC Current (various ranges), DC Voltage (0-1V) |
| Input Resistance Options | Varies depending on input type, examples: 50Ω, 100Ω, 250Ω, 500Ω, 1000Ω |
| Accuracy | ±0.1% |
| Temp. Coefficient | ±0.015%/°C |
| Response Time | ≤ 500 μs |
| Operating Temp. | -5 to +60°C |
| Humidity | 30-90% RH (non-condensing) |
| Isolation | Input-to-Output, Input-to-Power |
| Mounting | Surface, DIN Rail |
| Weight | 400g |
| Ordering Code | SVF + input configuration |
| Part No. | SVF-50-R |
| Manufacturer | MSYSTEM |
| Size | 105 Kbytes |
| Pages | 3 pages |
| Description | Plug-in Signal Conditioners M-UNIT |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |