Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEPA-14M0-S/Q Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MEPA-14M0-S/Q Datasheet

  • # Example questions: ➢ What is the width of the din rail that the mepa transducer is designed to mount on?
    ➢ What is its purpose and how does it relate to the mepa transducer?
    ➢ What are the available output signal types for the mepa transducer, as described in the document?

  • Part No.MEPA-14M0-S/Q
    ManufacturerMSYSTEM
    Size120 Kbytes
    Pages4 pages
    DescriptionPlug-in Signal Conditioners M-UNIT
    Datasheet Summary with AI

    1. Device Identification

    ️· Device: MEPA (Transducer - likely a current/voltage transducer)
    ️· Related Device: CT Protector (Model: CTM) - used with the MEPA
    ️· Website: [http://www.m-system.co.jp/](http://www.m-system.co.jp/)

    2. Key Features & Technical Information

    ️· Power Source: The transducer can be powered by the input voltage if it's stable enough and meets other supply voltage requirements.
    ️· Mounting: Units can be mounted close together (no extra space needed).
    ️· Units: Dimensions are given in both millimeters (mm) and inches (").
    ️· Terminal Assignments: Specific terminal assignments exist (see table at the end of the document).

    3. Model Numbers & Codes

    ️· MEPA (appears to be the main model; no specific model number is given beyond "MEPA").
    ️· CTM (CT Protector)

    4. Dimensions (external)

    ️· The document provides a dimensional diagram. Here's a summary of key measurements, noting that the formatting makes precise interpretation difficult:
    - Various dimensions ranging between 20 (.79) and 136 (5.35) mm.
    - DIN Rail mounting: 35mm wide.
    - Mounting Hole Depth: 25 (.98)
    - Screw Size: 11–M3.5

    5. Terminal Assignments (Table - End of Document)

    ️· The document includes a table that lists specific terminal assignments. Due to formatting issues, reading the table is extremely difficult. It seems to be associating numbers (1-11) with various functions or descriptions, but a full and clear interpretation isn's possible without better formatting.

    6. CT Protector (CTM) Integration

    ️· The CT Protector (CTM) is attached to the MEPA at certain terminals.
    ️· Diagram shows the physical arrangement of the CT Protector relative to the MEPA

    7. Important Notes & Warnings

    ️· Power Supply: The MEPA may draw power from the input voltage under specific, stable conditions.
    ️· Mounting: No extra spacing is needed between mounted units.



    Limitations & Considerations

    ️· Formatting Issues: The document is poorly formatted, which makes precise interpretation of the tables and some dimensional information difficult.
    ️· Missing Information: Specific model numbers for the MEPA are not provided.
    ️· Context: Without more context, certain aspects of the document (e.g., the purpose of the transducer) are difficult to fully understand.

    1. Device Identification

    ️· Device: MEPA (Transducer - likely a current/voltage transducer)
    ️· Related Device: CT Protector (Model: CTM) - used with the MEPA
    ️· Website: [http://www.m-system.co.jp/](http://www.m-system.co.jp/)

    2. Key Features & Technical Information

    ️· Power Source: The transducer can be powered by the input voltage if it's stable enough and meets other supply voltage requirements.
    ️· Mounting: Units can be mounted close together (no extra space needed).
    ️· Units: Dimensions are given in both millimeters (mm) and inches (").
    ️· Terminal Assignments: Specific terminal assignments exist (see table at the end of the document).

    3. Model Numbers & Codes

    ️· MEPA (appears to be the main model; no specific model number is given beyond "MEPA").
    ️· CTM (CT Protector)

    4. Dimensions (external)

    ️· The document provides a dimensional diagram. Here's a summary of key measurements, noting that the formatting makes precise interpretation difficult:
    - Various dimensions ranging between 20 (.79) and 136 (5.35) mm.
    - DIN Rail mounting: 35mm wide.
    - Mounting Hole Depth: 25 (.98)
    - Screw Size: 11–M3.5

    5. Terminal Assignments (Table - End of Document)

    ️· The document includes a table that lists specific terminal assignments. Due to formatting issues, reading the table is extremely difficult. It seems to be associating numbers (1-11) with various functions or descriptions, but a full and clear interpretation isn's possible without better formatting.

    6. CT Protector (CTM) Integration

    ️· The CT Protector (CTM) is attached to the MEPA at certain terminals.
    ️· Diagram shows the physical arrangement of the CT Protector relative to the MEPA

    7. Important Notes & Warnings

    ️· Power Supply: The MEPA may draw power from the input voltage under specific, stable conditions.
    ️· Mounting: No extra spacing is needed between mounted units.



    Limitations & Considerations

    ️· Formatting Issues: The document is poorly formatted, which makes precise interpretation of the tables and some dimensional information difficult.
    ️· Missing Information: Specific model numbers for the MEPA are not provided.
    ️· Context: Without more context, certain aspects of the document (e.g., the purpose of the transducer) are difficult to fully understand.

    Part No.MEPA-14M0-S/Q
    ManufacturerMSYSTEM
    Size120 Kbytes
    Pages4 pages
    DescriptionPlug-in Signal Conditioners M-UNIT