Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACV-B141-V Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ACV-B141-V Datasheet

  • # Example questions: ➢ If a current input signal is being used, what component needs to be attached and where, according to the documentation?
    ➢ What are the available power input options for the ac powered relay protection circuit, and what components are recommended for protection in that case?
    ➢ What does 'ry 1' and 'ry 2' represent, and what is their function within the circuit?

  • Part No.ACV-B141-V
    ManufacturerMSYSTEM
    Size133 Kbytes
    Pages4 pages
    DescriptionLimit Alarms (potentiometer adj.) A-UNIT
    Datasheet Summary with AI

    1. Product Overview:

    ️· What it is: The ACV series is a process controller/indicator. This means it can both display process variables (like temperature, pressure, level) *and* control a process based on user-defined setpoints.
    ️· Manufacturer: M-System
    ️· Key Functionality: Input, display, and control of process variables.

    2. Input Options and Ranges:

    ️· Input Types: The ACV can accept various input signals:
    - Thermocouples (T/C)
    - RTDs (Resistance Temperature Detectors)
    - Voltage (mV, V)
    - Current (mA)
    - Frequency
    - Dry Contact (Pulse)
    ️· Range: The specific ranges for these inputs are configurable and depend on the selected input type. Refer to the full datasheet for detailed range specifications.

    3. Display & Control:

    ️· Display Type: Likely a digital display (details not specified, but common for these types of devices).
    ️· Control Output: Output codes "1" and "4" are normally de-energized at power off.
    ️· Control Codes The ACV has multiple output codes: 1, 4, etc. These codes likely refer to different control output options (e.g., different relay configurations, output voltage levels, or control functions). The datasheet needs to be consulted for the exact meaning of each code.

    4. Input Shunt Resistor:

    ️· For current inputs, an input shunt resistor is attached internally. This is important to note for wiring and troubleshooting.

    5. Protection (Relay Protection):

    ️· AC Powered: When AC powered, a diode or varistor/load CR circuit is recommended to protect the output relay from inductive loads.
    ️· DC Powered: Similar protection is likely needed with DC powered applications.

    6. Configuration & Customization:

    ️· Configurable: The ACV is highly configurable. Input types, ranges, display units, control functions, and alarm settings can be adjusted.
    ️· Wiring: Diagrams showing wiring to input signals, and control outputs (relays) are provided.

    7. Schematic Circuitry:

    ️· A schematic diagram is included showing the internal circuit structure.

    8. Key Features Highlighted:

    ️· Low Drift Amplifiers: Indicate high accuracy and stability.
    ️· Comparator Circuits (Ry1 & Ry2): These are crucial for the control function, comparing the measured process variable to the setpoint.
    ️· Adjustable Setpoints and Hysteresis: Provides flexibility in controlling the process.
    ️· Relay Outputs: Used to control external devices.

    Where to find more info:

    ️· M-System Website: `http://www.m-system.co.jp/` (This is the primary source for the full datasheet and any additional information)

    Important Considerations:

    ️· Datasheet is Essential: This summary is based on the provided excerpt. The full datasheet from M-System is absolutely necessary for proper installation, configuration, and use.
    ️· Wiring Diagrams: Pay close attention to the wiring diagrams for correct connection of inputs and outputs.
    ️· Safety: Always follow proper safety procedures when working with electrical equipment.

    1. Product Overview:

    ️· What it is: The ACV series is a process controller/indicator. This means it can both display process variables (like temperature, pressure, level) *and* control a process based on user-defined setpoints.
    ️· Manufacturer: M-System
    ️· Key Functionality: Input, display, and control of process variables.

    2. Input Options and Ranges:

    ️· Input Types: The ACV can accept various input signals:
    - Thermocouples (T/C)
    - RTDs (Resistance Temperature Detectors)
    - Voltage (mV, V)
    - Current (mA)
    - Frequency
    - Dry Contact (Pulse)
    ️· Range: The specific ranges for these inputs are configurable and depend on the selected input type. Refer to the full datasheet for detailed range specifications.

    3. Display & Control:

    ️· Display Type: Likely a digital display (details not specified, but common for these types of devices).
    ️· Control Output: Output codes "1" and "4" are normally de-energized at power off.
    ️· Control Codes The ACV has multiple output codes: 1, 4, etc. These codes likely refer to different control output options (e.g., different relay configurations, output voltage levels, or control functions). The datasheet needs to be consulted for the exact meaning of each code.

    4. Input Shunt Resistor:

    ️· For current inputs, an input shunt resistor is attached internally. This is important to note for wiring and troubleshooting.

    5. Protection (Relay Protection):

    ️· AC Powered: When AC powered, a diode or varistor/load CR circuit is recommended to protect the output relay from inductive loads.
    ️· DC Powered: Similar protection is likely needed with DC powered applications.

    6. Configuration & Customization:

    ️· Configurable: The ACV is highly configurable. Input types, ranges, display units, control functions, and alarm settings can be adjusted.
    ️· Wiring: Diagrams showing wiring to input signals, and control outputs (relays) are provided.

    7. Schematic Circuitry:

    ️· A schematic diagram is included showing the internal circuit structure.

    8. Key Features Highlighted:

    ️· Low Drift Amplifiers: Indicate high accuracy and stability.
    ️· Comparator Circuits (Ry1 & Ry2): These are crucial for the control function, comparing the measured process variable to the setpoint.
    ️· Adjustable Setpoints and Hysteresis: Provides flexibility in controlling the process.
    ️· Relay Outputs: Used to control external devices.

    Where to find more info:

    ️· M-System Website: `http://www.m-system.co.jp/` (This is the primary source for the full datasheet and any additional information)

    Important Considerations:

    ️· Datasheet is Essential: This summary is based on the provided excerpt. The full datasheet from M-System is absolutely necessary for proper installation, configuration, and use.
    ️· Wiring Diagrams: Pay close attention to the wiring diagrams for correct connection of inputs and outputs.
    ️· Safety: Always follow proper safety procedures when working with electrical equipment.

    Part No.ACV-B141-V
    ManufacturerMSYSTEM
    Size133 Kbytes
    Pages4 pages
    DescriptionLimit Alarms (potentiometer adj.) A-UNIT