Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-140-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LCY-140-R Datasheet

  • # Example questions: ➢ What are the available options for coating, as indicated by the option codes?
    ➢ What is the input voltage range for a model configured with a current input of -1 to +1 a and a 220 v ac input?
    ➢ What is the torque specification for the screw terminals used for connection?

  • Part No.LCY-140-R
    ManufacturerMSYSTEM
    Size114 Kbytes
    Pages3 pages
    DescriptionPower Transducer Series L-UNIT
    Datasheet Summary with AI

    1. Overview & Model Numbering

    ️· Product: LCY Series Transducers (likely current/voltage transducers)
    ️· Model Number Format: LCY–1[1][2]–[3][4]
    ️· Code Breakdown:
    - `[1]` Input Type (Voltage/Current, 3-phase/3-wire)
    - `[2]` Input Voltage/Current Rating
    - `[3]` Output Type (Current or Voltage)
    - `[4]` Special Options (e.g., Range, Coating, Terminal Material)
    ️· Ordering Information: Requires specific codes to be selected for each position in the model number.
    ️· Website: [http://www.m-system.co.jp/](http://www.m-system.co.jp/)

    2. Input Specifications ([1] Code Selection)

    ️· Available Input Combinations (Example):
    - LCY–11A: 110V AC / -5 to +5 Amps
    - LCY–12A: 110V AC / -1 to +1 Amp
    - LCY–13A: 220V AC / -1 to +1 Amp
    - LCY–14A: 220V AC / -5 to +5 Amps
    ️· Polarity: Negative input current indicates "direct" flow (this terminology needs more context, likely referring to a specific application or measurement direction).

    3. Output Specifications ([3] Code Selection)

    ️· The documentation does *not* explicitly list the options for the output specification. It indicates there are either voltage or current output possibilities. Further documentation or a parts catalog would be necessary to see these options.

    4. Auxiliary Power Supply

    ️· AC Power Options: 100V, 110V, 115V, 120V, 200V, 220V, 240V AC
    ️· DC Power Options: 24V, 48V, 110V DC

    5. Options ([4] Code Selection)

    ️· Coating:
    - /C01: Silicone
    - /C02: Polyurethane
    - /C03: Rubber
    ️· Terminal Screw Material:
    - /S01: Stainless Steel
    ️· Special Output Range: Indicated with codes Z and 0 (requires further specification, likely via a custom order).

    6. General Specifications

    ️· Construction: Standalone with front-panel accessible terminals.
    ️· Connection: M3.5 screw terminals (torque: 0.8 Nm).
    ️· Housing Material: Flame-resistant resin.
    ️· Isolation: Voltage input to current input to output to auxiliary power.
    ️· Input Waveform: Up to 5% 3rd harmonic content.
    ️· Overrange Output: Approximately -10 to +120% at 1-5V.
    ️· Zero Adjustment: -5 to +5%.
    ️· Span Adjustment: 95-105%.
    ️· Accuracy: ±0.5% with balanced load.
    ️· Response Time: ≤ 2 seconds.
    ️· Mounting: Surface or DIN rail.
    ️· Weight: 450g.
    ️· Environmental: Operating Temperature: -10 to +55°C, Humidity: 30-85%RH.

    7. Important Notes

    ️· "Direct" Flow: Requires clarification – likely a specific application context.
    ️· Output Options: The output specification options are not listed and require further documentation.
    ️· Custom Ranges: "Z" and "0" codes indicate the need for custom output ranges.



    Consolidated Summary:

    The M-System LCY series transducers are current/voltage transducers designed for industrial applications. The models are customizable with various input voltage/current ranges, AC/DC auxiliary power options, and terminal material and coating options. Accuracy of the transducer is +/- 0.5% with a balanced load. To fully specify a model, specific codes must be chosen for each position in the model number (LCY–1[1][2]–[3][4]), and further documentation is needed to understand the possible output configurations.

    1. Overview & Model Numbering

    ️· Product: LCY Series Transducers (likely current/voltage transducers)
    ️· Model Number Format: LCY–1[1][2]–[3][4]
    ️· Code Breakdown:
    - `[1]` Input Type (Voltage/Current, 3-phase/3-wire)
    - `[2]` Input Voltage/Current Rating
    - `[3]` Output Type (Current or Voltage)
    - `[4]` Special Options (e.g., Range, Coating, Terminal Material)
    ️· Ordering Information: Requires specific codes to be selected for each position in the model number.
    ️· Website: [http://www.m-system.co.jp/](http://www.m-system.co.jp/)

    2. Input Specifications ([1] Code Selection)

    ️· Available Input Combinations (Example):
    - LCY–11A: 110V AC / -5 to +5 Amps
    - LCY–12A: 110V AC / -1 to +1 Amp
    - LCY–13A: 220V AC / -1 to +1 Amp
    - LCY–14A: 220V AC / -5 to +5 Amps
    ️· Polarity: Negative input current indicates "direct" flow (this terminology needs more context, likely referring to a specific application or measurement direction).

    3. Output Specifications ([3] Code Selection)

    ️· The documentation does *not* explicitly list the options for the output specification. It indicates there are either voltage or current output possibilities. Further documentation or a parts catalog would be necessary to see these options.

    4. Auxiliary Power Supply

    ️· AC Power Options: 100V, 110V, 115V, 120V, 200V, 220V, 240V AC
    ️· DC Power Options: 24V, 48V, 110V DC

    5. Options ([4] Code Selection)

    ️· Coating:
    - /C01: Silicone
    - /C02: Polyurethane
    - /C03: Rubber
    ️· Terminal Screw Material:
    - /S01: Stainless Steel
    ️· Special Output Range: Indicated with codes Z and 0 (requires further specification, likely via a custom order).

    6. General Specifications

    ️· Construction: Standalone with front-panel accessible terminals.
    ️· Connection: M3.5 screw terminals (torque: 0.8 Nm).
    ️· Housing Material: Flame-resistant resin.
    ️· Isolation: Voltage input to current input to output to auxiliary power.
    ️· Input Waveform: Up to 5% 3rd harmonic content.
    ️· Overrange Output: Approximately -10 to +120% at 1-5V.
    ️· Zero Adjustment: -5 to +5%.
    ️· Span Adjustment: 95-105%.
    ️· Accuracy: ±0.5% with balanced load.
    ️· Response Time: ≤ 2 seconds.
    ️· Mounting: Surface or DIN rail.
    ️· Weight: 450g.
    ️· Environmental: Operating Temperature: -10 to +55°C, Humidity: 30-85%RH.

    7. Important Notes

    ️· "Direct" Flow: Requires clarification – likely a specific application context.
    ️· Output Options: The output specification options are not listed and require further documentation.
    ️· Custom Ranges: "Z" and "0" codes indicate the need for custom output ranges.



    Consolidated Summary:

    The M-System LCY series transducers are current/voltage transducers designed for industrial applications. The models are customizable with various input voltage/current ranges, AC/DC auxiliary power options, and terminal material and coating options. Accuracy of the transducer is +/- 0.5% with a balanced load. To fully specify a model, specific codes must be chosen for each position in the model number (LCY–1[1][2]–[3][4]), and further documentation is needed to understand the possible output configurations.

    Part No.LCY-140-R
    ManufacturerMSYSTEM
    Size114 Kbytes
    Pages3 pages
    DescriptionPower Transducer Series L-UNIT
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com