![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AN6541 Datasheet
Example questions:
1. What is the minimum input/output voltage difference for stable operations of the AN6541 voltage regulator?
2. What is the maximum current capacitance that the AN6541 voltage regulator can be used in power circuits with?
3. What are the features of the AN6541 voltage regulator mentioned in the document?
The AN6541 is a 3-pin 9V voltage regulator with a low drop-out voltage of 0.3V.
It has internal short-circuit current protection and a low temperature coefficient of output voltage.
It can be used in power circuits with current capacitance up to 300mA.
The regulator has a stabilized fixed output voltage obtained from unstable DC input voltage.
The device has various electrical characteristics and absolute maximum ratings, and it is recommended to use a 47µF oscillation control capacitor for stable operation.
Part No. | AN6541 |
Manufacturer | PANASONIC |
Size | 25 Kbytes |
Pages | 3 pages |
Description | 3-pin Positive Voltage Regulator |
Privacy Policy |
ALLDATASHEET.IN |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |