Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BC856 Datasheet

  • # Example questions: ➢ How does the dc current gain (hfe) range differ between rank a, rank b, and rank c classifications?
    ➢ What is the typical current gain bandwidth product (ft) under the conditions of vce=-5v, ic=-10ma, and f=100mhz?
    ➢ What are the absolute maximum collector-base voltage ratings for the bc856, bc857, and bc858 transistors?

  • Part No.BC856
    ManufacturerUTC
    Size176 Kbytes
    Pages4 pages
    DescriptionSWITCHING AND AMPLIFIER APPLICATIONS
    Datasheet Summary with AI

    # BC856/BC857/BC858 PNP Silicon Transistor

    ## Features
    ️· Suitable for automatic insertion in thick and thin-film circuits
    ️· Complement to BC846/BC847/BC848
    ️· Pb-free plating options available (BC856L/BC857L/BC858L)

    ## Ordering Information
    ️· Package Type: SOT-23
    ️· Pin Assignment: Emitter (1), Base (2), Collector (3)
    ️· Packing: Tape Reel
    ️· Order Number Format: BC856-x-AE3-R / BC856L-x-AE3-R (x denotes rank)

    ## Absolute Maximum Ratings (Ta=25°C)
    ️· VCBO (Collector-Base Voltage):
    - BC856: -80V
    - BC857: -50V
    - BC858: -30V
    ️· VCEO (Collector-Emitter Voltage):
    - BC856: -65V
    - BC857: -45V
    - BC858: -30V
    ️· VEBO (Emitter-Base Voltage): -5V
    ️· PD (Collector Dissipation): 310mW
    ️· IC (Collector Current): -100mA
    ️· TJ (Junction Temperature): +150°C
    ️· TSTG (Storage Temperature): -40°C to +150°C

    ## Electrical Characteristics (Ta=25°C)
    ️· ICBO (Collector Cut-Off Current): -15nA
    ️· hFE (DC Current Gain): 110-800 (varies by rank)
    - VCE = -5V, IC = -2mA
    - VCE = -5V, IC = -10mA
    ️· VCE(SAT) (Collector-Emitter Saturation Voltage): -90mV to -650mV
    - IC = -10mA, IB = -0.5mA
    - IC = -100mA, IB = -5mA
    ️· VBE(SAT) (Base-Emitter Saturation Voltage): -700mV to -900mV
    - IC = -10mA, IB = -0.5mA
    - IC = -100mA, IB = -5mA
    ️· VBE(ON) (Base-Emitter On Voltage): -600mV to -800mV
    - VCE = -5V, IC = -2mA
    - VCE = -5V, IC = -10mA
    ️· fT (Current Gain Bandwidth Product): 150MHz
    ️· Cob (Output Capacitance): 6pF
    ️· NF (Noise Figure): 2-10dB

    ## hFE Classification
    ️· Rank A: 110-220
    ️· Rank B: 200-450
    ️· Rank C: 420-800

    # BC856/BC857/BC858 PNP Silicon Transistor

    ## Features
    ️· Suitable for automatic insertion in thick and thin-film circuits
    ️· Complement to BC846/BC847/BC848
    ️· Pb-free plating options available (BC856L/BC857L/BC858L)

    ## Ordering Information
    ️· Package Type: SOT-23
    ️· Pin Assignment: Emitter (1), Base (2), Collector (3)
    ️· Packing: Tape Reel
    ️· Order Number Format: BC856-x-AE3-R / BC856L-x-AE3-R (x denotes rank)

    ## Absolute Maximum Ratings (Ta=25°C)
    ️· VCBO (Collector-Base Voltage):
    - BC856: -80V
    - BC857: -50V
    - BC858: -30V
    ️· VCEO (Collector-Emitter Voltage):
    - BC856: -65V
    - BC857: -45V
    - BC858: -30V
    ️· VEBO (Emitter-Base Voltage): -5V
    ️· PD (Collector Dissipation): 310mW
    ️· IC (Collector Current): -100mA
    ️· TJ (Junction Temperature): +150°C
    ️· TSTG (Storage Temperature): -40°C to +150°C

    ## Electrical Characteristics (Ta=25°C)
    ️· ICBO (Collector Cut-Off Current): -15nA
    ️· hFE (DC Current Gain): 110-800 (varies by rank)
    - VCE = -5V, IC = -2mA
    - VCE = -5V, IC = -10mA
    ️· VCE(SAT) (Collector-Emitter Saturation Voltage): -90mV to -650mV
    - IC = -10mA, IB = -0.5mA
    - IC = -100mA, IB = -5mA
    ️· VBE(SAT) (Base-Emitter Saturation Voltage): -700mV to -900mV
    - IC = -10mA, IB = -0.5mA
    - IC = -100mA, IB = -5mA
    ️· VBE(ON) (Base-Emitter On Voltage): -600mV to -800mV
    - VCE = -5V, IC = -2mA
    - VCE = -5V, IC = -10mA
    ️· fT (Current Gain Bandwidth Product): 150MHz
    ️· Cob (Output Capacitance): 6pF
    ️· NF (Noise Figure): 2-10dB

    ## hFE Classification
    ️· Rank A: 110-220
    ️· Rank B: 200-450
    ️· Rank C: 420-800

    Part No.BC856
    ManufacturerUTC
    Size176 Kbytes
    Pages4 pages
    DescriptionSWITCHING AND AMPLIFIER APPLICATIONS