Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22BG Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SS22BG Datasheet

  • # Example questions: ➢ What is the maximum forward current (if) that the ss22bg to ss220bg series can handle?
    ➢ What is unsemi’s stance on the use of these products in life-saving medical applications?
    ➢ What is the maximum height (b) of the device?

  • Part No.SS22BG
    ManufacturerUNSEMI
    Size2Mb
    Pages4 pages
    DescriptionSurface Mount Schottky Barrier Rectifier
    Datasheet Summary with AI

    # SS22BG~SS220BG Schottky Barrier Rectifier

    ## Features
    ️· Metal silicon junction
    ️· Surface mount application
    ️· Low power loss, high efficiency
    ️· High forward surge current capability
    ️· Applications: inverters, free wheeling, polarity protection

    ## Mechanical Data
    ️· Case: SMB
    ️· Quantity per reel: 3,000pcs
    ️· Weight: 0.095g / 0.003oz
    ️· Terminals: Solderable per MIL-STD-750, Method 2026
    - 1: Cathode
    - 2: Anode

    ## Maximum Ratings & Electrical Characteristics (at 25°C unless specified)
    ️· VRRM (Peak Reverse Voltage): 20V - 200V (depending on model - SS20BG to SS220BG)
    ️· VRMS (RMS Voltage): 14V - 140V (depending on model)

    ️· VDC (DC Blocking Voltage): 20V - 200V (depending on model)
    ️· IF(AV) (Average Forward Rectified Current): 40A - 200A (depending on model)
    ️· VF (Instantaneous Forward Voltage @ 2A): 0.55V - 0.95V (depending on model)
    ️· IR (DC Reverse Current): 0.5mA @ 25°C, 5.0mA @ 100°C
    ️· Cj (Junction Capacitance): 110pF - 220pF
    ️· RθJA (Thermal Resistance): 60°C/W
    ️· TJ (Operating Junction Temperature): -55°C to +125°C
    ️· Tstg (Storage Temperature): -55°C to +150°C
    ️· IFSM (Peak Forward Surge Current): 55A - 45A (depending on model)

    ## Package Outline & Dimensions
    ️· Package Type: DO-214AA (SMB)
    ️· Dimensions provided in table (Min/Max in Inches & Millimeters) for: A, B, C, D, E, F, G, H, I, J, K, L

    ## Disclaimer
    ️· UNSEMI reserves the right to change product specifications.
    ️· No liability for errors, inaccuracies, or incompleteness in datasheet.
    ️· Product not designed for life-saving or critical applications.

    # SS22BG~SS220BG Schottky Barrier Rectifier

    ## Features
    ️· Metal silicon junction
    ️· Surface mount application
    ️· Low power loss, high efficiency
    ️· High forward surge current capability
    ️· Applications: inverters, free wheeling, polarity protection

    ## Mechanical Data
    ️· Case: SMB
    ️· Quantity per reel: 3,000pcs
    ️· Weight: 0.095g / 0.003oz
    ️· Terminals: Solderable per MIL-STD-750, Method 2026
    - 1: Cathode
    - 2: Anode

    ## Maximum Ratings & Electrical Characteristics (at 25°C unless specified)
    ️· VRRM (Peak Reverse Voltage): 20V - 200V (depending on model - SS20BG to SS220BG)
    ️· VRMS (RMS Voltage): 14V - 140V (depending on model)
    ️· VDC (DC Blocking Voltage): 20V - 200V (depending on model)
    ️· IF(AV) (Average Forward Rectified Current): 40A - 200A (depending on model)
    ️· VF (Instantaneous Forward Voltage @ 2A): 0.55V - 0.95V (depending on model)
    ️· IR (DC Reverse Current): 0.5mA @ 25°C, 5.0mA @ 100°C
    ️· Cj (Junction Capacitance): 110pF - 220pF
    ️· RθJA (Thermal Resistance): 60°C/W
    ️· TJ (Operating Junction Temperature): -55°C to +125°C
    ️· Tstg (Storage Temperature): -55°C to +150°C
    ️· IFSM (Peak Forward Surge Current): 55A - 45A (depending on model)

    ## Package Outline & Dimensions
    ️· Package Type: DO-214AA (SMB)
    ️· Dimensions provided in table (Min/Max in Inches & Millimeters) for: A, B, C, D, E, F, G, H, I, J, K, L

    ## Disclaimer
    ️· UNSEMI reserves the right to change product specifications.
    ️· No liability for errors, inaccuracies, or incompleteness in datasheet.
    ️· Product not designed for life-saving or critical applications.

    Part No.SS22BG
    ManufacturerUNSEMI
    Size2Mb
    Pages4 pages
    DescriptionSurface Mount Schottky Barrier Rectifier
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com