| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B66285 Datasheet
# Example questions:
➢ What is the al value for the n87 material, and what is the corresponding pv value at 100°c?
➢ What is the approximate weight of a complete set of elp 22/6/16 cores?
➢ What is the validity range for calculation factors k1 and k2?
# ELP 22/6/16 Core
## Core Characteristics
️· Combination: ELP 22/6/16 with ELP 22/6/16
️· Complies with IEC 61860
️· Approx. Weight: 13 g/set
️· Ungapped
## Magnetic Properties (per set)
️· Σ _l/A_ = 0,41 mm<sup>-1</sup>
️· _l_e = 32,5 mm
️· _A_e = 78,3 mm<sup>2</sup>
️· _A_min = 77,9 mm<sup>2</sup>
️· _V_e = 2540 mm<sup>3</sup>
## Ordering Information & Performance
| Material | AL Value (nH) | µe | AL1min (nH) | PV (W/set) | Ordering Code |
|---|---|---|---|---|---|
| N49 | 3100 ± 25 % | 1010 | 1840 | < 0.65 (50 mT, 500 kHz, 100 °C) | B66285-G-X149 |
| N921) | 3400 ± 25 % | 1110 | 2760 | < 1.65 (200 mT, 100 kHz, 100 °C) | B66285-G-X192 |
| N87 | 4500 ± 25 % | 1470 | 2760 | < 1.50 (200 mT, 100 kHz, 100 °C) | B66285-G-X187 |
## Calculation Factors & Ranges
️· Validity Range (K1, K2): 0.10 mm < s < 1.50 mm
️· Validity Range (K3, K4): 100 nH < AL < 700 nH
️· Saturation Current: Data available for K1-K4 at both 25°C and 100°C.
## Legal Information
️· © EPCOS AG 2000 - All rights reserved.
️· Specifications describe the component; characteristics are not guaranteed.
️· Orders are subject to ZVEI general terms of supply.
️· Replaces previous edition.
# ELP 22/6/16 Core
## Core Characteristics
️· Combination: ELP 22/6/16 with ELP 22/6/16
️· Complies with IEC 61860
️· Approx. Weight: 13 g/set
️· Ungapped
## Magnetic Properties (per set)
️· Σ _l/A_ = 0,41 mm<sup>-1</sup>
️· _l_e = 32,5 mm
️· _A_e = 78,3 mm<sup>2</sup>
️· _A_min = 77,9 mm<sup>2</sup>
️· _V_e = 2540 mm<sup>3</sup>
## Ordering Information & Performance
| Material | AL Value (nH) | µe | AL1min (nH) | PV (W/set) | Ordering Code |
|---|---|---|---|---|---|
| N49 | 3100 ± 25 % | 1010 | 1840 | < 0.65 (50 mT, 500 kHz, 100 °C) | B66285-G-X149 |
| N921) | 3400 ± 25 % | 1110 | 2760 | < 1.65 (200 mT, 100 kHz, 100 °C) | B66285-G-X192 |
| N87 | 4500 ± 25 % | 1470 | 2760 | < 1.50 (200 mT, 100 kHz, 100 °C) | B66285-G-X187 |
| Part No. | B66285 |
| Manufacturer | EPCOS |
| Size | 72 Kbytes |
| Pages | 2 pages |
| Description | ELP 22/6/16 Core (With Clamp Recess) |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |