Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRVT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CRVT Datasheet

  • # Example questions: ➢ What is the recommended method to prevent damage from excess heat when soldering this device, and why is it important?
    ➢ How does the maximum forward voltage drop change between the crvt 150, crvt 200, and crvt 250 models at a current of 25ma?
    ➢ What is the maximum peak surge current this rectifier can handle, and for how long can it sustain this current?

  • Part No.CRVT
    ManufacturerEDI
    Size43 Kbytes
    Pages2 pages
    DescriptionHIGH VOLTAGE SILICON RECTIFIERS
    Datasheet Summary with AI

    # CRVT High Voltage Silicon Rectifiers

    ## General Description

    ️· Small size molded package
    ️· Peak Repetitive Reverse Voltage (PRV): 15,000 to 30,000 Volts
    ️· Fast Recovery
    ️· Avalanche Characteristics
    ️· Low Leakage

    ## Electrical Specifications Table

    EDI<br>Type PRV<br>(Volts ) Reverse Recovery Time<br>(ns) @ 25°C Forward Voltage Drop (V) @ 25mA
    CRVT 150 15,000 100 35
    CRVT 200 20,000 100 35
    CRVT 250 25,000 100 35
    CRVT 300 30,000 100 48

    ## Electrical Characteristics

    ️· Average Rectified Forward Current @ 75°C: 25 mA
    ️· Peak Surge Current: 3 Amp (8.3ms)
    ️· Max DC Reverse Current @ PRV & 25°C: 1A
    ️· Max DC Reverse Current @ PRV & 100°C: 25A
    ️· Operating Temperature Range: -55°C to +125°C
    ️· Storage Temperature Range: -55°C to +150°C

    ## Mechanical Dimensions

    ️· A (Lead Dia.): 0.02 inches (0.5 mm)
    ️· B: 0.60 inches (15.2 mm)
    ️· C: 1.00 inches (25.4 mm)
    ️· D: 0.16 inches (4.0 mm)
    ️· Solder dipped copper leads

    ## Important Notes

    ️· Use a heat sink to prevent damage from excess heat.
    ️· For lengths over 10,000 V/inch, immerse in oil or re-encapsulate.
    ️· Specifications subject to change without notice.

    # CRVT High Voltage Silicon Rectifiers

    ## General Description

    ️· Small size molded package
    ️· Peak Repetitive Reverse Voltage (PRV): 15,000 to 30,000 Volts
    ️· Fast Recovery
    ️· Avalanche Characteristics
    ️· Low Leakage

    ## Electrical Specifications Table

    EDI<br>Type PRV<br>(Volts ) Reverse Recovery Time<br>(ns) @ 25°C Forward Voltage Drop (V) @ 25mA
    CRVT 150 15,000 100 35
    CRVT 200 20,000 100 35
    CRVT 250 25,000 100 35
    CRVT 300 30,000 100 48

    ## Electrical Characteristics

    ️· Average Rectified Forward Current @ 75°C: 25 mA
    ️· Peak Surge Current: 3 Amp (8.3ms)
    ️· Max DC Reverse Current @ PRV & 25°C: 1A
    ️· Max DC Reverse Current @ PRV & 100°C: 25A
    ️· Operating Temperature Range: -55°C to +125°C
    ️· Storage Temperature Range: -55°C to +150°C

    ## Mechanical Dimensions

    ️· A (Lead Dia.): 0.02 inches (0.5 mm)
    ️· B: 0.60 inches (15.2 mm)
    ️· C: 1.00 inches (25.4 mm)
    ️· D: 0.16 inches (4.0 mm)
    ️· Solder dipped copper leads

    ## Important Notes

    ️· Use a heat sink to prevent damage from excess heat.
    ️· For lengths over 10,000 V/inch, immerse in oil or re-encapsulate.
    ️· Specifications subject to change without notice.

    Part No.CRVT
    ManufacturerEDI
    Size43 Kbytes
    Pages2 pages
    DescriptionHIGH VOLTAGE SILICON RECTIFIERS
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com