| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MBRF1560CT Datasheet
# Example questions:
➢ What is the maximum peak repetitive forward current (ifrm) for the mbrf1535ct diode at tc=105°c?
➢ What is the maximum instantaneous forward voltage (vf) at if=7.5a and tc=25°c for the mbrf1535ct?
➢ What is the maximum operating junction temperature (tj) for all the diodes listed in the datasheet?
# MBRF1535CT - MBRF15100CT Schottky Barrier Rectifiers
## Features
· Plastic material with UL94V-0 classification
· Metal silicon junction, majority carrier conduction
· Low power loss, high efficiency
· High current capability, low forward voltage drop
· High surge capability
· Suitable for low voltage, high frequency inverters, free-wheeling, and polarity protection
· Guardring for transient protection
· High temperature soldering guaranteed: 260°C/10 seconds, 0.25” (6.35mm) from case
## Mechanical Data
· Case: ITO-220AB molded plastic body
· Terminals: Leads solderable per MIL-STD-750, Method 2026
· Polarity: As marked
· Mounting position: Any
· Mounting torque: 5 in. - lbs. max
· Weight: 0.08 ounce, 2.24 grams
## Electrical Characteristics (at 25°C unless otherwise specified)
| Parameter | Symbol | MBRF1535CT | MBRF1545CT | MBRF1550CT | MBRF1560CT | MBRF1590CT | MBRF15100CT | Units |
|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | VRRM | 35 | 35 | 45 | 50 | 60 | 90 | V |
| Maximum RMS Voltage | VRMS | 24 | 24 | 31 | 35 | 42 | 63 | V |
| Maximum DC Blocking Voltage | VDC | 35 | 35 | 45 | 50 | 60 | 90 | V |
| Maximum Average Forward Rectified Current (TC=105°C) | I(AV) | 15 | 15 | 15 | 15 | 15 | 15 | A |
| Peak Repetitive Forward Current (Rated VR, 20KHz) | IFRM | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | A |
| Peak Forward Surge Current (8.3ms) | IFSM | 150 | 150 | 150 | 150 | 150 | 150 | A |
| Peak Repetitive Reverse Current | IRRM | 1.0 / 0.5 | 1.0 / 0.5 | 1.0 / 0.5 | 0.5 / 0.5 | 0.5 / 0.5 | 0.5 / 0.5 | A |
| Maximum Instantaneous Forward Voltage (IF=7.5A, Tc=25°C) | VF | 0.57 | 0.57 | 0.57 | 0.75 | 0.92 | - | V |
| Maximum Instantaneous Reverse Current (Tc=25°C) | IR | 0.1 / 15.0 | 0.1 / 15.0 | 0.1 / 15.0 | 1.0 / 50.0 | 0.1 / - | 0.1 / - | mA |
# MBRF1535CT - MBRF15100CT Schottky Barrier Rectifiers
## Features
· Plastic material with UL94V-0 classification
· Metal silicon junction, majority carrier conduction
· Low power loss, high efficiency
· High current capability, low forward voltage drop
· High surge capability
· Suitable for low voltage, high frequency inverters, free-wheeling, and polarity protection
· Guardring for transient protection
· High temperature soldering guaranteed: 260°C/10 seconds, 0.25” (6.35mm) from case
## Mechanical Data
· Case: ITO-220AB molded plastic body
· Terminals: Leads solderable per MIL-STD-750, Method 2026
· Polarity: As marked
· Mounting position: Any
· Mounting torque: 5 in. - lbs. max
· Weight: 0.08 ounce, 2.24 grams
## Electrical Characteristics (at 25°C unless otherwise specified)
| Parameter | Symbol | MBRF1535CT | MBRF1545CT | MBRF1550CT | MBRF1560CT | MBRF1590CT | MBRF15100CT | Units |
|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | VRRM | 35 | 35 | 45 | 50 | 60 | 90 | V |
| Maximum RMS Voltage | VRMS | 24 | 24 | 31 | 35 | 42 | 63 | V |
| Maximum DC Blocking Voltage | VDC | 35 | 35 | 45 | 50 | 60 | 90 | V |
| Maximum Average Forward Rectified Current (TC=105°C) | I(AV) | 15 | 15 | 15 | 15 | 15 | 15 | A |
| Peak Repetitive Forward Current (Rated VR, 20KHz) | IFRM | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | 15.0 | A |
| Peak Forward Surge Current (8.3ms) | IFSM | 150 | 150 | 150 | 150 | 150 | 150 | A |
| Peak Repetitive Reverse Current | IRRM | 1.0 / 0.5 | 1.0 / 0.5 | 1.0 / 0.5 | 0.5 / 0.5 | 0.5 / 0.5 | 0.5 / 0.5 | A |
| Maximum Instantaneous Forward Voltage (IF=7.5A, Tc=25°C) | VF | 0.57 | 0.57 | 0.57 | 0.75 | 0.92 | - | V |
| Maximum Instantaneous Reverse Current (Tc=25°C) | IR | 0.1 / 15.0 | 0.1 / 15.0 | 0.1 / 15.0 | 1.0 / 50.0 | 0.1 / - | 0.1 / - | mA |
| Part No. | MBRF1560CT |
| Manufacturer | TSC |
| Size | 117 Kbytes |
| Pages | 2 pages |
| Description | Isolation 15.0 AMPS. Schottky Barrier Rectifiers |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |