| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PSD835G2V-12J Datasheet
# Example questions:
➢ What are three possible functions of port a (pa0-pa7)?
➢ What is the function of each, and what type of power-related functionality do they support?
➢ What signals can be input through the ctl2 pin, and what is its function if no specific signal is being used?
1. Core Functionality & Purpose:
️· The PSD835G2 is a mixed-signal integrated circuit likely designed to be a peripheral expansion/interface chip for microcontrollers (specifically the 8051 family is mentioned several times).
️· It provides:
- Programmable Logic Device (PLD) functionality.
- CPLD (Complex Programmable Logic Device) MicroCell capability.
- Flexible I/O ports.
- Flash memory interface.
- In-System Programming (ISP) capabilities.
2. Key Features & I/O Organization:
️· Multiple I/O Ports: The chip boasts a large number of I/O ports (PA0-PA7, PB0-PB7, PC0-PC7, PD0-PD3, PE0-PE7, PF0-PF7, PG0-PG7), each configurable for different functions. This provides significant flexibility in how the chip interacts with a system.
️· Configurable Ports: The ports can be configured as:
- Standard MCU I/O (input/output).
- Latched address outputs.
- Inputs to the PLD/CPLD.
- Chip Select outputs
️· Address/Data Bus Support: Ports can function as address or data buses, supporting both multiplexed and non-multiplexed configurations.
️· PLD/CPLD Integration: It contains programmable logic resources (PLD and CPLD MicroCells) allowing for custom logic implementation.
️· Flash Memory Interface: Supports Flash memory access (likely for program storage or data).
3. Specific Interface Signals & Functions:
️· Control Signals:
- `Reset`: Active-low reset input.
- `ALE`/`AS`: Address latch enable/address strobe input.
- `PSEN`: Program Select Enable.
- `DS`: Data strobe input.
️· ISP (In-System Programming):
- `PE0-PE5`: Can be used for JTAG/ISP interface signals (TMS, TCK, TDI, TDO, TSTAT, TERR).
️· Power/Ground: Standard VCC and GND connections.
️· Power Saving Features: SRAM Standby voltage input (`PE6`), Battery Backup indicator (`PE7`), Chip Select Input (`PD2`)
4. Microcontroller Compatibility:
️· The chip is specifically designed to be used with microcontrollers, with strong reference to the 8051 family.
5. Port Configuration Flexibility
️· The datasheet emphasizes that each port pin (e.g., PA0, PB1) can be individually configured for a specific function, allowing for a high degree of customization and optimization for different applications.
In essence, the PSD835G2 appears to be a powerful and flexible interface chip that allows you to expand the capabilities of a microcontroller by providing programmable logic, flexible I/O, and in-system programming features.
1. Core Functionality & Purpose:
️· The PSD835G2 is a mixed-signal integrated circuit likely designed to be a peripheral expansion/interface chip for microcontrollers (specifically the 8051 family is mentioned several times).
️· It provides:
- Programmable Logic Device (PLD) functionality.
- CPLD (Complex Programmable Logic Device) MicroCell capability.
- Flexible I/O ports.
- Flash memory interface.
- In-System Programming (ISP) capabilities.
2. Key Features & I/O Organization:
️· Multiple I/O Ports: The chip boasts a large number of I/O ports (PA0-PA7, PB0-PB7, PC0-PC7, PD0-PD3, PE0-PE7, PF0-PF7, PG0-PG7), each configurable for different functions. This provides significant flexibility in how the chip interacts with a system.
️· Configurable Ports: The ports can be configured as:
- Standard MCU I/O (input/output).
- Latched address outputs.
- Inputs to the PLD/CPLD.
- Chip Select outputs
️· Address/Data Bus Support: Ports can function as address or data buses, supporting both multiplexed and non-multiplexed configurations.
️· PLD/CPLD Integration: It contains programmable logic resources (PLD and CPLD MicroCells) allowing for custom logic implementation.
️· Flash Memory Interface: Supports Flash memory access (likely for program storage or data).
3. Specific Interface Signals & Functions:
️· Control Signals:
- `Reset`: Active-low reset input.
- `ALE`/`AS`: Address latch enable/address strobe input.
- `PSEN`: Program Select Enable.
- `DS`: Data strobe input.
️· ISP (In-System Programming):
- `PE0-PE5`: Can be used for JTAG/ISP interface signals (TMS, TCK, TDI, TDO, TSTAT, TERR).
️· Power/Ground: Standard VCC and GND connections.
️· Power Saving Features: SRAM Standby voltage input (`PE6`), Battery Backup indicator (`PE7`), Chip Select Input (`PD2`)
4. Microcontroller Compatibility:
️· The chip is specifically designed to be used with microcontrollers, with strong reference to the 8051 family.
5. Port Configuration Flexibility
️· The datasheet emphasizes that each port pin (e.g., PA0, PB1) can be individually configured for a specific function, allowing for a high degree of customization and optimization for different applications.
In essence, the PSD835G2 appears to be a powerful and flexible interface chip that allows you to expand the capabilities of a microcontroller by providing programmable logic, flexible I/O, and in-system programming features.
| Part No. | PSD835G2V-12J |
| Manufacturer | STMICROELECTRONICS |
| Size | 570 Kbytes |
| Pages | 110 pages |
| Description | Configurable Memory System on a Chip for 8-Bit Microcontrollers |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |