| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M95020-RBN3T/W Datasheet
# Example questions:
➢ What is the primary function of the 'hold' (hold) signal in this eeprom, and what conditions must be met to initiate a hold condition?
➢ Describe the role of the 'chip select' (s) signal in relation to power consumption and communication initiation with the eeprom.
➢ Explain the difference between the 'write protect' (w) signal being held low versus high, and what implications each state has for memory operations.
Okay, here's a summary of the provided text, broken down into key areas:
1. Device Overview:
️· M95040, M95020, M95010: These are SPI-compatible EEPROM (Electrically Erasable Programmable Memory) devices.
️· Capacities: M95040 is 4Kbit, M95020 is 2Kbit, and M95010 is 1Kbit.
️· Interface: Uses a simple serial interface (SPI-compatible) with signals C (Clock), D (Data In), and Q (Data Out).
2. Signal Descriptions (Important for Interfacing):
️· C (Serial Clock): Provides timing for data transfer.
️· D (Serial Data Input): Used to send instructions, addresses, and data *to* the EEPROM. Data is latched on the rising edge of the clock.
️· Q (Serial Data Output): Used to receive data *from* the EEPROM. Data shifts out on the falling edge of the clock.
️· S (Chip Select): Selects/deselects the device. Low = selected, High = deselected. Falling edge required after power up before communication can begin.
️· HOLD: Pauses communication without deselecting the device.
️· W (Write Protect): Disables write operations. Must be driven High or Low (do not float).
️· VCC: Supply voltage
️· VSS: Ground
3. Key Features/Considerations:
️· SPI-Compatible: Makes it easy to interface with many microcontrollers.
️· Power-Up Requirement: A falling edge on Chip Select (S) is required after power-up before any communication can start.
️· Write Protection: Can disable write operations with the W pin.
️· Hold Functionality: Allows pausing communication without resetting the connection.
In essence, this document is an introductory overview of these EEPROM devices, focusing on the signals needed for communication and essential considerations for interfacing.
1. Device Overview:
️· M95040, M95020, M95010: These are SPI-compatible EEPROM (Electrically Erasable Programmable Memory) devices.
️· Capacities: M95040 is 4Kbit, M95020 is 2Kbit, and M95010 is 1Kbit.
️· Interface: Uses a simple serial interface (SPI-compatible) with signals C (Clock), D (Data In), and Q (Data Out).
2. Signal Descriptions (Important for Interfacing):
️· C (Serial Clock): Provides timing for data transfer.
️· D (Serial Data Input): Used to send instructions, addresses, and data *to* the EEPROM. Data is latched on the rising edge of the clock.
️· Q (Serial Data Output): Used to receive data *from* the EEPROM. Data shifts out on the falling edge of the clock.
️· S (Chip Select): Selects/deselects the device. Low = selected, High = deselected. Falling edge required after power up before communication can begin.
️· HOLD: Pauses communication without deselecting the device.
️· W (Write Protect): Disables write operations. Must be driven High or Low (do not float).
️· VCC: Supply voltage
️· VSS: Ground
3. Key Features/Considerations:
️· SPI-Compatible: Makes it easy to interface with many microcontrollers.
️· Power-Up Requirement: A falling edge on Chip Select (S) is required after power-up before any communication can start.
️· Write Protection: Can disable write operations with the W pin.
️· Hold Functionality: Allows pausing communication without resetting the connection.
In essence, this document is an introductory overview of these EEPROM devices, focusing on the signals needed for communication and essential considerations for interfacing.
| Part No. | M95020-RBN3T/W |
| Manufacturer | STMICROELECTRONICS |
| Size | 586 Kbytes |
| Pages | 37 pages |
| Description | 4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |