Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR358-3-412 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR358-3-412 Datasheet

  • # Example questions: ➢ What is the general dimensional tolerance for this component, as specified in the notes?
    ➢ How is the 'i rated' value affected by a 35% drop from the initial value?
    ➢ What is the inductance range available within the dr358-3 series?

  • Part No.DR358-3-412
    ManufacturerDATATRONICS
    Size102 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR
    Datasheet Summary with AI

    SHIELDED SMD INDUCTOR DR358-3 SERIES

    Features
    · Low Profile Surface Mount Design
    · Flat Top for Pick and Place
    · Inductance Range: 4.1µH to 100.0µH
    · Operating Temperature: -20°C to +80°C
    · RoHS Compliant Terminal Finish
    · Leaded Solder Available (note 22)

    ## Electrical Specifications

    Part Number Inductance (µH) ±30% DCR (Ω) Max I Rated (A) Max
    DR358-3-412 4.1 0.057 1.95
    DR358-3-542 5.4 0.076 1.60
    DR358-3-622 6.2 0.096 1.40
    DR358-3-892 8.9 0.116 1.25
    DR358-3-103 10.0 0.124 1.20
    DR358-3-123 12.0 0.153 1.10
    DR358-3-153 15.0 0.196 0.97
    DR358-3-183 18.0 0.210 0.85
    DR358-3-223 22.0 0.290 0.80
    DR358-3-273 27.0 0.330 0.75
    DR358-3-333 33.0 0.386 0.65
    DR358-3-393 39.0 0.520 0.57
    DR358-3-473 47.0 0.595 0.54
    DR358-3-563 56.0 0.665 0.50
    DR358-3-683 68.0 0.840 0.43
    DR358-3-823 82.0 0.978 0.41
    DR358-3-104 100.0 1.200 0.36

    ## Mechanical Details

    · Dimensions in millimeters (mm)
    · General Tolerance: ±0.2mm
    · Inductance Test Condition: 100kHz, 0.1Vrms
    · Tape and Reel Quantity: 2000 pcs/reel

    ## Notes
    · For non-RoHS parts, replace "DR" prefix with "42-"
    · Solder according to J-STD-020C standard

    ## Contact Information
    · Datatronic: 28151 Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Toll Free Tel: 888-889-5391, Fax: 951-928-7701, Email: ddisales@datatronics.com
    · Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290

    SHIELDED SMD INDUCTOR DR358-3 SERIES

    Features
    · Low Profile Surface Mount Design
    · Flat Top for Pick and Place
    · Inductance Range: 4.1µH to 100.0µH
    · Operating Temperature: -20°C to +80°C
    · RoHS Compliant Terminal Finish
    · Leaded Solder Available (note 22)

    ## Electrical Specifications

    Part Number Inductance (µH) ±30% DCR (Ω) Max I Rated (A) Max
    DR358-3-412 4.1 0.057 1.95
    DR358-3-542 5.4 0.076 1.60
    DR358-3-622 6.2 0.096 1.40
    DR358-3-892 8.9 0.116 1.25
    DR358-3-103 10.0 0.124 1.20
    DR358-3-123 12.0 0.153 1.10
    DR358-3-153 15.0 0.196 0.97
    DR358-3-183 18.0 0.210 0.85
    DR358-3-223 22.0 0.290 0.80
    DR358-3-273 27.0 0.330 0.75
    DR358-3-333 33.0 0.386 0.65
    DR358-3-393 39.0 0.520 0.57
    DR358-3-473 47.0 0.595 0.54
    DR358-3-563 56.0 0.665 0.50
    DR358-3-683 68.0 0.840 0.43
    DR358-3-823 82.0 0.978 0.41
    DR358-3-104 100.0 1.200 0.36

    ## Mechanical Details

    · Dimensions in millimeters (mm)
    · General Tolerance: ±0.2mm
    · Inductance Test Condition: 100kHz, 0.1Vrms
    · Tape and Reel Quantity: 2000 pcs/reel

    ## Notes
    · For non-RoHS parts, replace "DR" prefix with "42-"
    · Solder according to J-STD-020C standard

    ## Contact Information
    · Datatronic: 28151 Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Toll Free Tel: 888-889-5391, Fax: 951-928-7701, Email: ddisales@datatronics.com
    · Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290

    Part No.DR358-3-412
    ManufacturerDATATRONICS
    Size102 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR