Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMC1812-R22J Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CTMC1812-R22J Datasheet

  • # Example questions: ➢ What testing equipment is used to measure the inductance and q factor of these components?
    ➢ What is the operating temperature range for the ctmc1812 series inductors?
    ➢ For a ctmc1812-6r8 inductor, what is the approximate dc resistance and maximum rated current?

  • Part No.CTMC1812-R22J
    ManufacturerCT
    Size192 Kbytes
    Pages1 page
    DescriptionWire-wound Chip Inductors - Molded
    Datasheet Summary with AI

    1. Product Overview: CT Magnetics - CT1812 Series Chip Inductors

    ️· Type: Chip Inductors (Surface Mount)
    ️· Core Material: Ferrite
    ️· Construction: Wire-wound, molded
    ️· Application Areas: Televisions, VCRs, Disk Drives, Computer Peripherals, Telecommunication Devices, Automotive Electronic Control Boards.

    2. Series Specifications (Table & Detailed Data)

    The document contains a comprehensive table outlining inductor specifications. Here's a summary of what the table provides (It's too extensive to fully reproduce here, but key points are below):

    ️· Inductance (L): Ranging from 0.025 µH to 1000 µH
    ️· Test Frequency: Varies by inductance value, generally from 25 Hz to 7.96 MHz
    ️· Rated Current (I<sub>R</sub>): (Not explicitly listed in every row, but implied. It is derived from the inductor's specifications, and it's important to consult the data sheet).
    ️· DC Resistance (DCR): Varies with inductance value.
    ️· Q Factor: Varies with inductance value.
    ️· Saturation Current (I<sub>SAT</sub>): (Not explicitly listed, consult the datasheet.)
    ️· Operating Temperature Range: -40°C to +100°C
    ️· Inductance Tolerance: ±5%, ±10%, and ±20% are available. (Indicate tolerance when ordering).
    ️· RoHS Compliant: Yes.

    3. Physical Dimensions

    ️· Size: The physical dimensions are provided:
    - A: 4.5 mm (0.18 inches)
    - B: 3.2 mm (0.13 inches)
    - C: 3.2 mm (0.13 inches)
    - D: 1.2 mm (0.047 inches)
    - E: 4.2 mm (0.17 inches)
    - F: 1 mm (0.04 inches)

    4. Testing & Marking

    ️· Testing: Inductance and Q factor are tested using an HP4285A.
    ️· Packaging: Tape & Reel
    ️· Part Marking: Part numbers are marked with the inductance code and tolerance information.

    5. Contact Information & Legal

    ️· Manufacturer: CT Magnetics, DBA Central Technologies
    ️· Phone: 949-453-1811 (Outside US), 800-684-5322 (Inside US)
    ️· Copyright © 2007 CT Magnetics. Specifications are subject to change.

    Key Takeaways

    ️· The CT1812 series provides a wide range of inductance values for various applications.
    ️· The datasheet provides detailed electrical and physical specifications for each individual part number.
    ️· Consult the full datasheet for complete information on saturation current and other important parameters.

    1. Product Overview: CT Magnetics - CT1812 Series Chip Inductors

    ️· Type: Chip Inductors (Surface Mount)
    ️· Core Material: Ferrite
    ️· Construction: Wire-wound, molded
    ️· Application Areas: Televisions, VCRs, Disk Drives, Computer Peripherals, Telecommunication Devices, Automotive Electronic Control Boards.

    2. Series Specifications (Table & Detailed Data)

    The document contains a comprehensive table outlining inductor specifications. Here's a summary of what the table provides (It's too extensive to fully reproduce here, but key points are below):

    ️· Inductance (L): Ranging from 0.025 µH to 1000 µH
    ️· Test Frequency: Varies by inductance value, generally from 25 Hz to 7.96 MHz
    ️· Rated Current (I<sub>R</sub>): (Not explicitly listed in every row, but implied. It is derived from the inductor's specifications, and it's important to consult the data sheet).
    ️· DC Resistance (DCR): Varies with inductance value.
    ️· Q Factor: Varies with inductance value.
    ️· Saturation Current (I<sub>SAT</sub>): (Not explicitly listed, consult the datasheet.)
    ️· Operating Temperature Range: -40°C to +100°C
    ️· Inductance Tolerance: ±5%, ±10%, and ±20% are available. (Indicate tolerance when ordering).
    ️· RoHS Compliant: Yes.

    3. Physical Dimensions

    ️· Size: The physical dimensions are provided:
    - A: 4.5 mm (0.18 inches)
    - B: 3.2 mm (0.13 inches)
    - C: 3.2 mm (0.13 inches)
    - D: 1.2 mm (0.047 inches)
    - E: 4.2 mm (0.17 inches)
    - F: 1 mm (0.04 inches)

    4. Testing & Marking

    ️· Testing: Inductance and Q factor are tested using an HP4285A.
    ️· Packaging: Tape & Reel
    ️· Part Marking: Part numbers are marked with the inductance code and tolerance information.

    5. Contact Information & Legal

    ️· Manufacturer: CT Magnetics, DBA Central Technologies
    ️· Phone: 949-453-1811 (Outside US), 800-684-5322 (Inside US)
    ️· Copyright © 2007 CT Magnetics. Specifications are subject to change.

    Key Takeaways

    ️· The CT1812 series provides a wide range of inductance values for various applications.
    ️· The datasheet provides detailed electrical and physical specifications for each individual part number.
    ️· Consult the full datasheet for complete information on saturation current and other important parameters.

    Part No.CTMC1812-R22J
    ManufacturerCT
    Size192 Kbytes
    Pages1 page
    DescriptionWire-wound Chip Inductors - Molded