Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC40-150M-RC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PCHC40-150M-RC Datasheet

  • # Example questions: ➢ What is the inductance tolerance across the entire inductance range?
    ➢ For the pchc40-r33m-rc model, what are the dcr max and irms values?
    ➢ What is the maximum allowable operating temperature for these inductors?

  • Part No.PCHC40-150M-RC
    ManufacturerALLIED
    Size290 Kbytes
    Pages1 page
    DescriptionPower Chip High Current Inductors
    Datasheet Summary with AI

    # PCHC40 Power Chip High Current Inductors

    ## Features

    · Designed for high-current, low-voltage DC-to-DC converter applications.
    · Current ratings up to 16 Arms, saturation current up to 20A.
    · Extremely low DCR (DC Resistance).
    · Provided in tape and reel packaging for pick-and-place assembly.

    ## Electrical Specifications

    · Inductance Range: .33µh to 100µh
    · Tolerance: ±20%
    · Test Frequency: 100KHz, 0.1 Vrms
    · Operating Temperature: -40°C to +85°C
    · Inductance Drop: 10% typically at rated Isat
    · Temperature Rise: ΔT = 40°C rise typical at Irms

    ## Part Table

    Part Number Inductance (µh) Tolerance (%) SRF Reference (MHz) DCR Max. (Ω) Isat (A) Irms (A)
    PCHC40-R33M-RC 0.33 20 300 0.002 20 16.0
    PCHC40-R68M-RC 0.68 20 200 0.005 20 12.0
    PCHC40-1R0M-RC 1.0 20 100 0.006 20 10.0
    PCHC40-1R5M-RC 1.5 20 90 0.008 20 9.0
    PCHC40-2R2M-RC 2.2 20 90 0.011 20 7.4
    PCHC40-2R7M-RC 2.7 20 65 0.012 20 6.6
    PCHC40-3R3M-RC 3.3 20 65 0.014 20 5.9
    PCHC40-4R7M-RC 4.7 20 45 0.018 20 4.8
    PCHC40-6R8M-RC 6.8 20 35 0.035 20 5.0
    PCHC40-100M-RC 10.0 20 26 0.04 20 4.3
    PCHC40-150M-RC 15.0 20 21 0.06 20 3.5
    PCHC40-220M-RC 22.0 20 17 0.08 20 2.8
    PCHC40-330M-RC 33.0 20 14 0.15 20 2.1
    PCHC40-470M-RC 47.0 20 12 0.28 20 1.7
    PCHC40-680M-RC 68.0 20 9 0.3 20 1.5
    PCHC40-101M-RC 100 20 7 0.4 20 1.2

    ## Physical

    · Marking: EIA code (e.g., "101K" for 100µh 10%)
    · Packaging: 700 pieces per 13-inch reel.
    · Specifications subject to change without notice.

    # PCHC40 Power Chip High Current Inductors

    ## Features

    · Designed for high-current, low-voltage DC-to-DC converter applications.
    · Current ratings up to 16 Arms, saturation current up to 20A.
    · Extremely low DCR (DC Resistance).
    · Provided in tape and reel packaging for pick-and-place assembly.

    ## Electrical Specifications

    · Inductance Range: .33µh to 100µh
    · Tolerance: ±20%
    · Test Frequency: 100KHz, 0.1 Vrms
    · Operating Temperature: -40°C to +85°C
    · Inductance Drop: 10% typically at rated Isat
    · Temperature Rise: ΔT = 40°C rise typical at Irms

    ## Part Table

    Part Number Inductance (µh) Tolerance (%) SRF Reference (MHz) DCR Max. (Ω) Isat (A) Irms (A)
    PCHC40-R33M-RC 0.33 20 300 0.002 20 16.0
    PCHC40-R68M-RC 0.68 20 200 0.005 20 12.0
    PCHC40-1R0M-RC 1.0 20 100 0.006 20 10.0
    PCHC40-1R5M-RC 1.5 20 90 0.008 20 9.0
    PCHC40-2R2M-RC 2.2 20 90 0.011 20 7.4
    PCHC40-2R7M-RC 2.7 20 65 0.012 20 6.6
    PCHC40-3R3M-RC 3.3 20 65 0.014 20 5.9
    PCHC40-4R7M-RC 4.7 20 45 0.018 20 4.8
    PCHC40-6R8M-RC 6.8 20 35 0.035 20 5.0
    PCHC40-100M-RC 10.0 20 26 0.04 20 4.3
    PCHC40-150M-RC 15.0 20 21 0.06 20 3.5
    PCHC40-220M-RC 22.0 20 17 0.08 20 2.8
    PCHC40-330M-RC 33.0 20 14 0.15 20 2.1
    PCHC40-470M-RC 47.0 20 12 0.28 20 1.7
    PCHC40-680M-RC 68.0 20 9 0.3 20 1.5
    PCHC40-101M-RC 100 20 7 0.4 20 1.2

    ## Physical

    · Marking: EIA code (e.g., "101K" for 100µh 10%)
    · Packaging: 700 pieces per 13-inch reel.
    · Specifications subject to change without notice.

    Part No.PCHC40-150M-RC
    ManufacturerALLIED
    Size290 Kbytes
    Pages1 page
    DescriptionPower Chip High Current Inductors