| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about B66314 Datasheet
# Example questions:
➢ What is the approximate weight of a single set of the b66314 core?
➢ For the n27 material, what is the relationship between air gap and the al value, specifically within the valid range of 0.05mm to 50mm?
➢ What precautions should be taken during the winding process to avoid damaging the core's flanges?
# B663142 E 21/9/5 Core
## Core Characteristics
· Series/Type: B66314
· Delivery: Single units
· Magnetic Characteristics (per set):
- Σ l/A = 2.01 mm–1
- le = 43.4 mm
- Ae = 21.6 mm2
- Amin = 20.2 mm2
- Ve = 937 mm3
- Approx. weight: 4.8 g/set
· Ungapped
## Ordering Information & Materials
| Material | A value<br>L nH | µe | P V W/set | Ordering Code |
|---|---|---|---|---|
| N30 | 1500 +30/-20% | 2390 | | B66314G0000X130 |
| N27 | 900 +30/-20% | 1440 | < 0.18 (200 mT, 25 kHz, 100 °C) | B66314G0000X127 |
## Key Considerations & Warnings
· Mechanical Stress: Ferrite cores are brittle and sensitive to shock and stress.
· Heating: Can generate heat at higher flux densities and frequencies.
· NiZn Materials: Properties can change in high magnetic fields.
· Processing: Requires careful winding and soldering practices to avoid damage.
· Disclaimer: EPCOS is not liable for the suitability of the product for specific applications.
· Substance Restrictions: May contain restricted substances; refer to Material Data Sheets.
· Production Discontinuation: EPCOS reserves the right to discontinue production.
# B663142 E 21/9/5 Core
## Core Characteristics
· Series/Type: B66314
· Delivery: Single units
· Magnetic Characteristics (per set):
- Σ l/A = 2.01 mm–1
- le = 43.4 mm
- Ae = 21.6 mm2
- Amin = 20.2 mm2
- Ve = 937 mm3
- Approx. weight: 4.8 g/set
· Ungapped
## Ordering Information & Materials
| Material | A value<br>L nH | µe | P V W/set | Ordering Code |
|---|---|---|---|---|
| N30 | 1500 +30/-20% | 2390 | B66314G0000X130 | |
| N27 | 900 +30/-20% | 1440 | < 0.18 (200 mT, 25 kHz, 100 °C) | B66314G0000X127 |
| Part No. | B66314 |
| Manufacturer | EPCOS |
| Size | 100 Kbytes |
| Pages | 4 pages |
| Description | Ferrites and accessories |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |