| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BVM-SFRGBC05 Datasheet
# Example questions:
➢ How does the minimum bending radius of curvature affect installation and what is the specified value?
➢ What is the recommended storage environment's maximum relative humidity for this product?
➢ What is the maximum allowable operating voltage for each unit of this rgb flexstrip light?
# Bright View Electronics - RGB FLEXSTRIP LIGHT (BVM-SFRGBC05)
## Description
· RGB LED strip light with high-brightness SMD LEDs mounted on a rigid PCB.
· Designed for decorative, entertainment, architectural, and general lighting.
· Compatible with Bright View's full-color spectrum controller (BVM-FSCC).
## Features
· LEDs: 250 ultra-bright RGB SMD LEDs.
· Dimensions: 6300mm x 12.9mm x 2.7mm (with adhesive-tape back).
· Unit Length: Shortest unit is 150mm with 6 LEDs.
· Power: Runs on DC 24 volt power supply.
· RoHS Compliant: Lead (Pb) free and RoHS compliant.
· Flexibility: Continuous length, flexible LED light strips.
· Ease of Use: Easy installation with connector.
## Part Numbering System
· B V M - S F RGB C05
- Driver Code
- Color Code
- Product Code
- LED Module
## Absolute Maximum Ratings
· Max. Operating Voltage: 25V
· Electrostatic Discharge (Contact Model): ±2000V
· Power Dissipation/Unit: 1.625W
· Power Dissipation/Reel: 68.25W
· Operating Temperature Range: -30°C to +50°C
· Storage Temperature Range: -30°C to +85°C
## Typical Electrical/Optical Characteristics (at LED If = 20mA, Ta = 25°C)
· Red: 24V, 635nm peak wavelength, 625nm dominant wavelength.
· Green: 24V, 518nm peak wavelength, 525nm dominant wavelength.
· Blue: 24V, 465nm peak wavelength, 470nm dominant wavelength.
· Viewing Angle: 120 degrees (all colors).
· Operating Current: 21mA (per unit).
· Luminous Flux (per unit): Red: 8.0 lm, Green: 10.0 lm, Blue: 6.0 lm.
## Packing
· Carton Dimensions: 39 x 24 x 26 cm.
· 20 Reels per Carton.
## Cautions
· Voltage: Avoid exceeding 25VDC. Use a power supply with overload protection.
· Soldering: Use a soldering iron with a tip temperature of 280°C for less than 3 seconds.
· Storage & Handling:
- Minimize exposure to air when opened from anti-electrostatic bag.
- Avoid applying excessive force to the LED surface.
- Store in a low-humidity environment (less than 90% RH).
- Minimum bending radius: 5000mm. Maximum twist angle: 1 degree.
· Waterproof: The product is not waterproof.
# Bright View Electronics - RGB FLEXSTRIP LIGHT (BVM-SFRGBC05)
## Description
· RGB LED strip light with high-brightness SMD LEDs mounted on a rigid PCB.
· Designed for decorative, entertainment, architectural, and general lighting.
· Compatible with Bright View's full-color spectrum controller (BVM-FSCC).
## Features
· LEDs: 250 ultra-bright RGB SMD LEDs.
· Dimensions: 6300mm x 12.9mm x 2.7mm (with adhesive-tape back).
· Unit Length: Shortest unit is 150mm with 6 LEDs.
· Power: Runs on DC 24 volt power supply.
· RoHS Compliant: Lead (Pb) free and RoHS compliant.
· Flexibility: Continuous length, flexible LED light strips.
· Ease of Use: Easy installation with connector.
## Part Numbering System
· B V M - S F RGB C05
- Driver Code
- Color Code
- Product Code
- LED Module
## Absolute Maximum Ratings
· Max. Operating Voltage: 25V
· Electrostatic Discharge (Contact Model): ±2000V
· Power Dissipation/Unit: 1.625W
· Power Dissipation/Reel: 68.25W
· Operating Temperature Range: -30°C to +50°C
· Storage Temperature Range: -30°C to +85°C
## Typical Electrical/Optical Characteristics (at LED If = 20mA, Ta = 25°C)
· Red: 24V, 635nm peak wavelength, 625nm dominant wavelength.
· Green: 24V, 518nm peak wavelength, 525nm dominant wavelength.
· Blue: 24V, 465nm peak wavelength, 470nm dominant wavelength.
· Viewing Angle: 120 degrees (all colors).
· Operating Current: 21mA (per unit).
· Luminous Flux (per unit): Red: 8.0 lm, Green: 10.0 lm, Blue: 6.0 lm.
## Packing
· Carton Dimensions: 39 x 24 x 26 cm.
· 20 Reels per Carton.
## Cautions
· Voltage: Avoid exceeding 25VDC. Use a power supply with overload protection.
· Soldering: Use a soldering iron with a tip temperature of 280°C for less than 3 seconds.
· Storage & Handling:
- Minimize exposure to air when opened from anti-electrostatic bag.
- Avoid applying excessive force to the LED surface.
- Store in a low-humidity environment (less than 90% RH).
- Minimum bending radius: 5000mm. Maximum twist angle: 1 degree.
· Waterproof: The product is not waterproof.
| Part No. | BVM-SFRGBC05 |
| Manufacturer | BVLED |
| Size | 163 Kbytes |
| Pages | 5 pages |
| Description | RGB FLEXSTRIP LIGHT |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |