Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGSW2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA4AGSW2 Datasheet

  • # Example questions: ➢ What are the minimum and maximum thicknesses of the ma4agsw2 chip?
    ➢ What are the two packaging options available for ordering the ma4agsw2?
    ➢ What is the typical forward bias voltage and current required for the ma4agsw2 when operating in the low loss state?

  • Part No.MA4AGSW2
    ManufacturerMA-COM
    Size111 Kbytes
    Pages7 pages
    DescriptionSPDT AlGaAs PIN Diode Switch
    Datasheet Summary with AI

    1. Device Overview & Function

    ️· Type: SPDT (Single-Pole Double-Throw) PIN Diode Switch
    ️· Technology: AlGaAs (Aluminum Gallium Arsenide)
    ️· Application: Used in RF/Microwave circuits requiring switching capabilities.
    ️· Operation: Functions by applying positive and negative DC currents to the respective switching ports. One port is in a "low loss" state while the other is in an "isolation" state.
    ️· DC Return Plane: Requires a DC return ground plane on the backside of the die.
    ️· Bias: Operates with a forward bias voltage of around ±1.4 volts with ±30mA supply current.

    2. Key Electrical Specifications (Highlights)

    ️· Frequency Range: 2-18 GHz (typical, supports a broadband application)
    ️· Insertion Loss: Minimized by a voltage pull-up resistor in the DC return path.
    ️· Isolation: > 30 dB RF to DC Isolation
    ️· Switching Speed: Achieved through a TTL controlled PIN diode driver.

    3. Bias & Control

    ️· Current Control:
    - +10mA to J2: Low Loss state (J2-J1)
    - -10mA to J3: Isolation state (J3-J1)
    ️· Bias Network: Requires a bias network. MA4BN1840-1 and MA4BN1840-2 are suggested alternatives.
    ️· DC Return: A voltage pull-up resistor (minimum -2V) is recommended at the DC return node.

    4. Physical Characteristics

    ️· Package Options:
    - Waffle Pack
    - Gel Pack (MASW-000552-13210G)
    ️· Die Dimensions (mils/mm):
    - A: 49/1.245
    - B: 30.7/0.780
    - C: 17.8/0.452
    - D: 13.9/0.358
    - E: 20.5/0.521
    - F: 4.0/0.102
    - G: 3.9/0.099
    - Thickness: 4.0/0.102
    ️· Bonding Pads: Marked in Yellow on the chip dimension diagram.

    5. Important Notes & Recommendations

    ️· Refer to datasheets for MA4BN1840-1 and MA4BN1840-2 for bias network options.
    ️· A voltage pull-up resistor in the DC return path is crucial for optimal performance.
    ️· TTL-controlled PIN Diode Driver recommended for achieving fast switching speeds.

    1. Device Overview & Function

    ️· Type: SPDT (Single-Pole Double-Throw) PIN Diode Switch
    ️· Technology: AlGaAs (Aluminum Gallium Arsenide)
    ️· Application: Used in RF/Microwave circuits requiring switching capabilities.
    ️· Operation: Functions by applying positive and negative DC currents to the respective switching ports. One port is in a "low loss" state while the other is in an "isolation" state.
    ️· DC Return Plane: Requires a DC return ground plane on the backside of the die.
    ️· Bias: Operates with a forward bias voltage of around ±1.4 volts with ±30mA supply current.

    2. Key Electrical Specifications (Highlights)

    ️· Frequency Range: 2-18 GHz (typical, supports a broadband application)
    ️· Insertion Loss: Minimized by a voltage pull-up resistor in the DC return path.
    ️· Isolation: > 30 dB RF to DC Isolation
    ️· Switching Speed: Achieved through a TTL controlled PIN diode driver.

    3. Bias & Control

    ️· Current Control:
    - +10mA to J2: Low Loss state (J2-J1)
    - -10mA to J3: Isolation state (J3-J1)
    ️· Bias Network: Requires a bias network. MA4BN1840-1 and MA4BN1840-2 are suggested alternatives.
    ️· DC Return: A voltage pull-up resistor (minimum -2V) is recommended at the DC return node.

    4. Physical Characteristics

    ️· Package Options:
    - Waffle Pack
    - Gel Pack (MASW-000552-13210G)
    ️· Die Dimensions (mils/mm):
    - A: 49/1.245
    - B: 30.7/0.780
    - C: 17.8/0.452
    - D: 13.9/0.358
    - E: 20.5/0.521
    - F: 4.0/0.102
    - G: 3.9/0.099
    - Thickness: 4.0/0.102
    ️· Bonding Pads: Marked in Yellow on the chip dimension diagram.

    5. Important Notes & Recommendations

    ️· Refer to datasheets for MA4BN1840-1 and MA4BN1840-2 for bias network options.
    ️· A voltage pull-up resistor in the DC return path is crucial for optimal performance.
    ️· TTL-controlled PIN Diode Driver recommended for achieving fast switching speeds.

    Part No.MA4AGSW2
    ManufacturerMA-COM
    Size111 Kbytes
    Pages7 pages
    DescriptionSPDT AlGaAs PIN Diode Switch