| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE44267 Datasheet
# Example questions:
➢ What are the dimensions of this connector, specifically its length and width/diameter, in both inches and millimeters?
➢ What is the specified impedance of this connector in ohms?
➢ What cable types are compatible with this connector, according to the provided specifications?
# 75 Ohm 1.6/5.6 Jack Connector - PE44267
## Specifications
️· Connector Type: 1.6/5.6 Jack
️· Impedance: 75 Ohms
️· Cable Interface: RG59
️· Mounting: Bulkhead
️· Attachment Method: Crimp/Solder
️· Dimensions: 1.17 in x 0.433 in [29.72 mm x 11.00 mm]
️· Weight: 0.013 lbs [5.9 g]
## Materials & Plating
️· Contact Material: Phosphor Bronze with Gold Plating (3µ in. minimum)
️· Body Material: Brass with Nickel Plating (100µ in. minimum)
️· Dielectric: Teflon
## Compliance
️· RoHS Compliant
## Installation
️· Crimp Size: Requires .255" Hex Crimp Tool
️· Compatible Cables: MIL-C-17 and equivalent
️· Notes: Dimensions are nominal.
## Additional Information
️· Part Number: PE44267
️· URL: [http://www.pasternack.com/1.6-5.6-jack-standard-rg59-connector-pe44267-p.aspx](http://www.pasternack.com/1.6-5.6-jack-standard-rg59-connector-pe44267-p.aspx)
# 75 Ohm 1.6/5.6 Jack Connector - PE44267
## Specifications
️· Connector Type: 1.6/5.6 Jack
️· Impedance: 75 Ohms
️· Cable Interface: RG59
️· Mounting: Bulkhead
️· Attachment Method: Crimp/Solder
️· Dimensions: 1.17 in x 0.433 in [29.72 mm x 11.00 mm]
️· Weight: 0.013 lbs [5.9 g]
## Materials & Plating
️· Contact Material: Phosphor Bronze with Gold Plating (3µ in. minimum)
️· Body Material: Brass with Nickel Plating (100µ in. minimum)
️· Dielectric: Teflon
## Compliance
️· RoHS Compliant
## Installation
️· Crimp Size: Requires .255" Hex Crimp Tool
️· Compatible Cables: MIL-C-17 and equivalent
️· Notes: Dimensions are nominal.
## Additional Information
️· Part Number: PE44267
️· URL: [http://www.pasternack.com/1.6-5.6-jack-standard-rg59-connector-pe44267-p.aspx](http://www.pasternack.com/1.6-5.6-jack-standard-rg59-connector-pe44267-p.aspx)
| Part No. | PE44267 |
| Manufacturer | PASTERNACK |
| Size | 214 Kbytes |
| Pages | 2 pages |
| Description | 75 Ohm 1.6/5.6 Jack Bulkhead Connector Crimp/ Solder Attachment For RG59, .362 inch DD Hole |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |