Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6203G-SH2-T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PA6203G-SH2-T Datasheet

  • # Example questions: ➢ What is the purpose of the c(bypass) capacitor, and is it essential for the device to function?
    ➢ What is the typical supply current (idd) when the device is operating normally (shutdown=2v) and with no load?
    ➢ What is the minimum output power (po) achievable at a supply voltage (vdd) of 5v with a total harmonic distortion + noise (thd+n) of 1%?

  • Part No.PA6203G-SH2-T
    ManufacturerUTC
    Size189 Kbytes
    Pages6 pages
    Description1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
    Datasheet Summary with AI

    # PA6203 Mono Audio Power Amplifier

    ## Description
    ️· Mono, fully-differential audio amplifier
    ️· 1.25W continuous average power to 8-Ω BTL load with <1% distortion @ 5V
    ️· Ideal for PDA/smartphone applications
    ️· Operates from 2.5V to 5.5V
    ️· Quiescent current: 1.7mA

    ## Features
    ️· Power Output: 1.25W into 8Ω @ 5V (Typ.)
    ️· Operating Voltage: 2.5V-5.5V
    ️· Low Supply Current: 1.7mA @ 5V (Typ.)
    ️· Shutdown Control: <10µA
    ️· Minimal External Components: Requires only five
    ️· High PSRR: 90dB for direct battery operation
    ️· Fully Differential Design: Reduces RF rectification and allows optional bypass capacitor
    ️· Improved CMRR: Eliminates two input coupling capacitors

    ## Applications
    ️· Wireless/Cellular Handsets
    ️· PDAs

    ## Ordering Information
    ️· PA6203L-SH2-T: Lead Free, HSOP-8, Tube
    ️· PA6203G-SH2-T: Halogen Free, HSOP-8, Tube
    ️· PA6203L-SH2-R: Lead Free, HSOP-8, Tape Reel
    ️· PA6203G-SH2-R: Halogen Free, HSOP-8, Tape Reel

    ## Pin Configuration
    ️· 1: Shutdown (Active Low)
    ️· 2: Bypass (Mid-supply voltage)
    ️· 3: IN+ (Positive Differential Input)
    ️· 4: IN- (Negative Differential Input)
    ️· 5: VO+ (Positive BTL Output)
    ️· 6: VDD (Supply Voltage)
    ️· 7: GND (Ground)
    ️· 8: VO- (Negative BTL Output)
    ️· Thermal Pad: Connect to ground.

    ## Absolute Maximum Ratings
    ️· Supply Voltage (VDD): -0.3 ~ 6V
    ️· Input Voltage (INx, SHUTDOWN): -0.3 ~ VDD + 0.3V
    ️· Operating Temperature: -40 ~ 85°C
    ️· Storage Temperature: -65 ~ 150°C

    ## Recommended Operating Conditions
    ️· VDD: 2.5 - 5.5V
    ️· Operating Temperature: -40 - 85°C
    ️· Load Impedance: 6.4 - 8 Ω

    ## Electrical Characteristics (TA=25°C, Gain=1V/V)
    ️· Output Offset Voltage: 9mV
    ️· PSRR: -90dB to -70dB
    ️· CMRR: -70dB to -55dB
    ️· Low-Level Output Voltage (VDD=5.5V): 0.30 - 0.46V
    ️· High-Level Output Voltage (VDD=5.5V): 4.8 - 5.12V
    ️· Supply Current: 1.7 - 2mA
    ️· Shutdown Current: 0.01 - 0.9µA

    ## Operating Characteristics (TA=25°C, Gain=1V/V, RL=8Ω)
    ️· Output Power (VDD=5V): 1.25W
    ️· THD+N: 0.06%
    ️· SNR: 104dB
    ️· Input Impedance: 2MΩ

    # PA6203 Mono Audio Power Amplifier

    ## Description
    ️· Mono, fully-differential audio amplifier
    ️· 1.25W continuous average power to 8-Ω BTL load with <1% distortion @ 5V
    ️· Ideal for PDA/smartphone applications
    ️· Operates from 2.5V to 5.5V
    ️· Quiescent current: 1.7mA

    ## Features
    ️· Power Output: 1.25W into 8Ω @ 5V (Typ.)
    ️· Operating Voltage: 2.5V-5.5V
    ️· Low Supply Current: 1.7mA @ 5V (Typ.)
    ️· Shutdown Control: <10µA
    ️· Minimal External Components: Requires only five
    ️· High PSRR: 90dB for direct battery operation
    ️· Fully Differential Design: Reduces RF rectification and allows optional bypass capacitor
    ️· Improved CMRR: Eliminates two input coupling capacitors

    ## Applications
    ️· Wireless/Cellular Handsets
    ️· PDAs

    ## Ordering Information
    ️· PA6203L-SH2-T: Lead Free, HSOP-8, Tube
    ️· PA6203G-SH2-T: Halogen Free, HSOP-8, Tube
    ️· PA6203L-SH2-R: Lead Free, HSOP-8, Tape Reel
    ️· PA6203G-SH2-R: Halogen Free, HSOP-8, Tape Reel

    ## Pin Configuration
    ️· 1: Shutdown (Active Low)
    ️· 2: Bypass (Mid-supply voltage)
    ️· 3: IN+ (Positive Differential Input)
    ️· 4: IN- (Negative Differential Input)
    ️· 5: VO+ (Positive BTL Output)
    ️· 6: VDD (Supply Voltage)
    ️· 7: GND (Ground)
    ️· 8: VO- (Negative BTL Output)
    ️· Thermal Pad: Connect to ground.

    ## Absolute Maximum Ratings
    ️· Supply Voltage (VDD): -0.3 ~ 6V
    ️· Input Voltage (INx, SHUTDOWN): -0.3 ~ VDD + 0.3V
    ️· Operating Temperature: -40 ~ 85°C
    ️· Storage Temperature: -65 ~ 150°C

    ## Recommended Operating Conditions
    ️· VDD: 2.5 - 5.5V
    ️· Operating Temperature: -40 - 85°C
    ️· Load Impedance: 6.4 - 8 Ω

    ## Electrical Characteristics (TA=25°C, Gain=1V/V)
    ️· Output Offset Voltage: 9mV
    ️· PSRR: -90dB to -70dB
    ️· CMRR: -70dB to -55dB
    ️· Low-Level Output Voltage (VDD=5.5V): 0.30 - 0.46V
    ️· High-Level Output Voltage (VDD=5.5V): 4.8 - 5.12V
    ️· Supply Current: 1.7 - 2mA
    ️· Shutdown Current: 0.01 - 0.9µA

    ## Operating Characteristics (TA=25°C, Gain=1V/V, RL=8Ω)
    ️· Output Power (VDD=5V): 1.25W
    ️· THD+N: 0.06%
    ️· SNR: 104dB
    ️· Input Impedance: 2MΩ

    Part No.PA6203G-SH2-T
    ManufacturerUTC
    Size189 Kbytes
    Pages6 pages
    Description1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com