Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2R90S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2R90S Datasheet

  • # Example questions: ➢ How does the impulse spark-over voltage change between part numbers 2r75s and 2r600s at a test speed of 100v/μs?
    ➢ What are the physical dimensions of the surface mounted gas discharge tubes?
    ➢ What is the total quantity of units included in a standard packing shipment?

  • Part No.2R90S
    ManufacturerHUAXINAN
    Size143 Kbytes
    Pages1 page
    DescriptionSurface Mounted Gas Discharge Tubes (GDT)
    Datasheet Summary with AI

    # Surface Mounted Gas Discharge Tubes (GDT) 1KA

    ## Features

    ️· 100% Lead-Free (RoHS Compliant)
    ️· Non-Radioactive
    ️· Low Capacitance (≤1pF)
    ️· Fast Response Time, High Insulation Resistance
    ️· Small Size: L4.5 x W3.2 x H2.7 (mm)

    ## Electrical Characteristics

    Part Number DC Spark-over Voltage (V) Impulse Spark-over Voltage @100V/μs (V) Impulse Spark-over Voltage @1KV/μs (V) Insulation Resistance (GΩ) Impulse Discharge Current (8/20μs) AC Discharge Current (50Hz, 1s, 10 times) Capacitance (1MHz)
    2R75S 75 ±20% <500 <600 >1 1KA 2KA 1 ≤1
    2R90S 90 ±20% <500 <600 >1 1KA 2KA 1 ≤1
    2R150S 150 ±20% <500 <600 >1 1KA 2KA 1 ≤1
    2R200S 200 ±20% <600 <700 >1 1KA 2KA 1 ≤1
    2R230S 230 ±20% <600 <700 >1 1KA 2KA 1 ≤1
    2R250S 250 ±20% <600 <700 >1 1KA 2KA 1 ≤1
    2R300S 300 ±20% <800 ≤900 >1 1KA 2KA 1 ≤1
    2R350S 350 ±20% <900 ≤1000 >1 1KA 2KA 1 ≤1
    2R400S 400 ±20% <900 ≤1000 >1 1KA 2KA 1 ≤1
    2R420S 420 ±20% <900 ≤1000 >1 1KA 2KA 1 ≤1
    2R470S 470 ±20% <1100 ≤1200 >1 1KA 2KA 1 ≤1
    2R500S 500 ±20% <1100 ≤1200 >1 1KA 2KA 1 ≤1
    2R600S 600 ±20% <1300 ≤1400 >1 1KA 2KA 1 ≤1

    ## Applications

    ️· PCI Cards Protection
    ️· Telephone/Fax/Modem Protection
    ️· Single Line Protection
    ️· ADSL/XDSL Splitter, Power Supply
    ️· Surge Protection Device / Surge Protector

    ## Packaging

    ️· Packing Quantity: 2000PCS per package

    ## Contact Information

    ️· Shenzhen HuaXinAn Electronics Co., Ltd.
    ️· sales@huaandz.com
    ️· abc0734@126.com
    ️· www.huaandz.com
    ️· Tel: +86-755-27465585

    # Surface Mounted Gas Discharge Tubes (GDT) 1KA

    ## Features

    ️· 100% Lead-Free (RoHS Compliant)
    ️· Non-Radioactive
    ️· Low Capacitance (≤1pF)
    ️· Fast Response Time, High Insulation Resistance
    ️· Small Size: L4.5 x W3.2 x H2.7 (mm)

    ## Electrical Characteristics

    Part Number DC Spark-over Voltage (V) Impulse Spark-over Voltage @100V/μs (V) Impulse Spark-over Voltage @1KV/μs (V) Insulation Resistance (GΩ) Impulse Discharge Current (8/20μs) AC Discharge Current (50Hz, 1s, 10 times) Capacitance (1MHz)
    2R75S 75 ±20% <500 <600 >1 1KA 2KA 1 ≤1
    2R90S 90 ±20% <500 <600 >1 1KA 2KA 1 ≤1
    2R150S 150 ±20% <500 <600 >1 1KA 2KA 1 ≤1
    2R200S 200 ±20% <600 <700 >1 1KA 2KA 1 ≤1
    2R230S 230 ±20% <600 <700 >1 1KA 2KA 1 ≤1
    2R250S 250 ±20% <600 <700 >1 1KA 2KA 1 ≤1
    2R300S 300 ±20% <800 ≤900 >1 1KA 2KA 1 ≤1
    2R350S 350 ±20% <900 ≤1000 >1 1KA 2KA 1 ≤1
    2R400S 400 ±20% <900 ≤1000 >1 1KA 2KA 1 ≤1
    2R420S 420 ±20% <900 ≤1000 >1 1KA 2KA 1 ≤1
    2R470S 470 ±20% <1100 ≤1200 >1 1KA 2KA 1 ≤1
    2R500S 500 ±20% <1100 ≤1200 >1 1KA 2KA 1 ≤1
    2R600S 600 ±20% <1300 ≤1400 >1 1KA 2KA 1 ≤1

    ## Applications

    ️· PCI Cards Protection
    ️· Telephone/Fax/Modem Protection
    ️· Single Line Protection
    ️· ADSL/XDSL Splitter, Power Supply
    ️· Surge Protection Device / Surge Protector

    ## Packaging

    ️· Packing Quantity: 2000PCS per package

    ## Contact Information

    ️· Shenzhen HuaXinAn Electronics Co., Ltd.
    ️· sales@huaandz.com
    ️· abc0734@126.com
    ️· www.huaandz.com
    ️· Tel: +86-755-27465585

    Part No.2R90S
    ManufacturerHUAXINAN
    Size143 Kbytes
    Pages1 page
    DescriptionSurface Mounted Gas Discharge Tubes (GDT)