| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MA4SW510 Datasheet
# Example questions:
➢ What are the key dc bias requirements for proper operation of the ma4sw510, and what happens if those requirements aren't met?
➢ What type of assembly process would be most suitable for this component, and what tolerances should be considered?
➢ What does this imply about the availability and final specifications of the ma4sw510?
1. Product Overview & Function
️· What it is: The MA4SW510 is a PIN diode-based switch designed for high-frequency (2-18 GHz) applications. It's a chip designed to be integrated into a larger circuit.
️· Function: It allows for switching between different RF paths, either isolating one path or connecting one to another. Essentially, it's like an electronic switch for radio frequencies.
2. Key Specifications & Performance
️· Frequency Range: 2 - 18 GHz
️· Switching Speed: Capable of achieving a fast switching time, allowing for dynamic reconfiguration of a system.
️· Isolation: Designed for good isolation, meaning minimal signal leakage when one path is isolated. Requires a proper bias network (see below).
️· Insertion Loss: Optimized insertion loss can be achieved with a correctly designed bias network.
️· DC Control: Requires precise DC control currents for proper operation (negative to the low loss port, positive to isolated ports).
️· Switching Speed: Fast, which is crucial for dynamic RF systems.
️· Chip Dimensions: (see the table in the last section for detailed measurements)
3. Operating Requirements & Biasing
️· DC Current Control: A constant current source is *essential* for reliable switching.
️· Bias Network: A specific bias network is necessary for optimal performance. The datasheet provides an example (Fig. 1) suggesting capacitor values.
️· DC Voltage: Control voltages should be limited to around ±1.5V.
️· Recommended Drivers: The datasheet recommends using M/A-COM Tech’s MADR-007097-000100 and MADR-009190-000100 drivers in tandem for the best results.
️· Important note: Requires a pull-up resistor in the DC return path (J1).
4. Mechanical Information
️· Chip Material: Gold metallization (2.5µm thick)
️· Dimensions: Detailed dimensions (in inches and micrometers) are provided in the last section.
️· Pad Size: Small pads (0.005" x 0.005") require careful handling and precise placement.
5. Key Takeaways and Important Considerations
️· Bias is Critical: Proper biasing is *the* most critical factor for successful operation. Don't skip the recommended network and drivers.
️· Constant Current Source: Absolutely necessary for stable and reliable switching.
️· Integration: The MA4SW510 is a *chip*, not a standalone component. It needs to be integrated into a circuit.
️· Pad Placement: The small pad size requires precise placement during PCB design and assembly.
1. Product Overview & Function
️· What it is: The MA4SW510 is a PIN diode-based switch designed for high-frequency (2-18 GHz) applications. It's a chip designed to be integrated into a larger circuit.
️· Function: It allows for switching between different RF paths, either isolating one path or connecting one to another. Essentially, it's like an electronic switch for radio frequencies.
2. Key Specifications & Performance
️· Frequency Range: 2 - 18 GHz
️· Switching Speed: Capable of achieving a fast switching time, allowing for dynamic reconfiguration of a system.
️· Isolation: Designed for good isolation, meaning minimal signal leakage when one path is isolated. Requires a proper bias network (see below).
️· Insertion Loss: Optimized insertion loss can be achieved with a correctly designed bias network.
️· DC Control: Requires precise DC control currents for proper operation (negative to the low loss port, positive to isolated ports).
️· Switching Speed: Fast, which is crucial for dynamic RF systems.
️· Chip Dimensions: (see the table in the last section for detailed measurements)
3. Operating Requirements & Biasing
️· DC Current Control: A constant current source is *essential* for reliable switching.
️· Bias Network: A specific bias network is necessary for optimal performance. The datasheet provides an example (Fig. 1) suggesting capacitor values.
️· DC Voltage: Control voltages should be limited to around ±1.5V.
️· Recommended Drivers: The datasheet recommends using M/A-COM Tech’s MADR-007097-000100 and MADR-009190-000100 drivers in tandem for the best results.
️· Important note: Requires a pull-up resistor in the DC return path (J1).
4. Mechanical Information
️· Chip Material: Gold metallization (2.5µm thick)
️· Dimensions: Detailed dimensions (in inches and micrometers) are provided in the last section.
️· Pad Size: Small pads (0.005" x 0.005") require careful handling and precise placement.
5. Key Takeaways and Important Considerations
️· Bias is Critical: Proper biasing is *the* most critical factor for successful operation. Don't skip the recommended network and drivers.
️· Constant Current Source: Absolutely necessary for stable and reliable switching.
️· Integration: The MA4SW510 is a *chip*, not a standalone component. It needs to be integrated into a circuit.
️· Pad Placement: The small pad size requires precise placement during PCB design and assembly.
| Part No. | MA4SW510 |
| Manufacturer | MA-COM |
| Size | 474 Kbytes |
| Pages | 7 pages |
| Description | HMIC??Silicon SP5T PIN Diode Switch |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |