Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW9NA80 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STW9NA80 Datasheet

  • # Example questions: ➢ What is the maximum allowable drain current (id) for the sth9na80fi at a case temperature of 25°c?
    ➢ What is the typical rds(on) value for the stw9na80 transistor?
    ➢ What is the maximum junction temperature (tj) specified for both the stw9na80 and sth9na80fi transistors?

  • Part No.STW9NA80
    ManufacturerNJSEMI
    Size153 Kbytes
    Pages3 pages
    DescriptionN - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
    Datasheet Summary with AI

    # STW9NA80/STH9NA80FI Fast Power MOSFET Summary

    ## Device Type & Characteristics:

    ️· Type: N-Channel MOSFET
    ️· Voltage (Vds): 800V (for both STW9NA80 and STH9NA80FI)
    ️· RDS(on): < 1.0Ω (for STW9NA80), < 1.0Ω (for STH9NA80FI)
    ️· Current (Id): 9.1A (STW9NA80), 5.9A (STH9NA80FI)
    ️· Package: TO-247 / ISOWATT218
    ️· Avalanche Rated: Yes, with 100% avalanche testing at 100°C

    ## Applications:

    ️· High-current, high-speed switching
    ️· Switch-mode power supplies (SMPS)
    ️· DC-AC converters (e.g., for welding equipment)
    ️· Motor drive circuits

    ## Absolute Maximum Ratings:

    ️· Vds: 800V
    ️· Vdgr: 800V
    ️· Vgs: ±30V
    ️· Id: 9.1A (STW9NA80), 5.9A (STH9NA80FI)
    ️· Total Dissipation (Pd): 190W (STW9NA80), 80W (STH9NA80FI)
    ️· Junction Temperature (Tj): 150°C
    ️· Storage Temperature: -65°C to 150°C

    ## Thermal Characteristics:

    ️· Rthj-case (TO-247): 0.65°C/W
    ️· Rthj-ambient (TO-247): 1.56°C/W
    ️· Rthj-case (ISOWATT218): 0.1°C/W
    ️· Rthj-ambient (ISOWATT218): 300°C/W

    ## Electrical Characteristics (Key values):

    ️· V(BR)DSS: 800V
    ️· IDSS: 500µA (at 25°C)
    ️· IGSS: 100nA (at 25°C)
    ️· Vgs(th): 2.25V
    ️· Qg (Total Gate Charge): 115nC
    ️· td(on): ~45ns
    ️· tr: ~15ns
    ️· trr (Reverse Recovery Time): ~35ns

    # STW9NA80/STH9NA80FI Fast Power MOSFET Summary

    ## Device Type & Characteristics:

    ️· Type: N-Channel MOSFET
    ️· Voltage (Vds): 800V (for both STW9NA80 and STH9NA80FI)
    ️· RDS(on): < 1.0Ω (for STW9NA80), < 1.0Ω (for STH9NA80FI)
    ️· Current (Id): 9.1A (STW9NA80), 5.9A (STH9NA80FI)
    ️· Package: TO-247 / ISOWATT218
    ️· Avalanche Rated: Yes, with 100% avalanche testing at 100°C

    ## Applications:

    ️· High-current, high-speed switching
    ️· Switch-mode power supplies (SMPS)
    ️· DC-AC converters (e.g., for welding equipment)
    ️· Motor drive circuits

    ## Absolute Maximum Ratings:

    ️· Vds: 800V
    ️· Vdgr: 800V
    ️· Vgs: ±30V
    ️· Id: 9.1A (STW9NA80), 5.9A (STH9NA80FI)
    ️· Total Dissipation (Pd): 190W (STW9NA80), 80W (STH9NA80FI)
    ️· Junction Temperature (Tj): 150°C
    ️· Storage Temperature: -65°C to 150°C

    ## Thermal Characteristics:

    ️· Rthj-case (TO-247): 0.65°C/W
    ️· Rthj-ambient (TO-247): 1.56°C/W
    ️· Rthj-case (ISOWATT218): 0.1°C/W
    ️· Rthj-ambient (ISOWATT218): 300°C/W

    ## Electrical Characteristics (Key values):

    ️· V(BR)DSS: 800V
    ️· IDSS: 500µA (at 25°C)
    ️· IGSS: 100nA (at 25°C)
    ️· Vgs(th): 2.25V
    ️· Qg (Total Gate Charge): 115nC
    ️· td(on): ~45ns
    ️· tr: ~15ns
    ️· trr (Reverse Recovery Time): ~35ns

    Part No.STW9NA80
    ManufacturerNJSEMI
    Size153 Kbytes
    Pages3 pages
    DescriptionN - CHANNEL 800V - 0.85Q - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR