| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE6203 Datasheet
# Example questions:
➢ What is the maximum input power this rf load can handle?
➢ How does the vswr change as the frequency increases from dc to 18 ghz?
➢ What material is used for the inner conductor and what is its plating?
# PE6203 RF Load
## Technical Specifications
️· Connector: SMA Male, MIL-STD-348
️· Frequency Range: DC to 18 GHz
️· Impedance: 50 Ohms
️· Maximum VSWR: 1.6:1
️· Maximum Input Power: 25 Watts
️· Peak Power: 500 Watts
## VSWR Performance
️· DC to 6 GHz: 1.3:1
️· 6 to 12.4 GHz: 1.45:1
️· 12.4 to 18 GHz: 1.6:1
## Mechanical Specifications
️· Body Style: Straight
️· Body Material: Passivated Stainless Steel
️· Heatsink: Black Anodized Aluminum
️· Dielectric: PTFE
️· Width/Diameter: 2.3 inches [58.42 mm]
️· Operating Temperature: -65 to +125 °C
️· Hex Size: 5/16 inch
️· Inner Conductor Material/Plating: Beryllium Copper / Gold
️· Coupling Nut Material/Plating: Passivated Stainless Steel
## Compliance
️· RoHS: Compliant
## Additional Information
️· Available for same day shipment.
️· 99% product availability.
️· Further details (price, inventory, certifications): [http://www.pasternack.com/25-watts-sma-male-rf-load-up-to-18-ghz-pe6203-p.aspx](http://www.pasternack.com/25-watts-sma-male-rf-load-up-to-18-ghz-pe6203-p.aspx)
# PE6203 RF Load
## Technical Specifications
️· Connector: SMA Male, MIL-STD-348
️· Frequency Range: DC to 18 GHz
️· Impedance: 50 Ohms
️· Maximum VSWR: 1.6:1
️· Maximum Input Power: 25 Watts
️· Peak Power: 500 Watts
## VSWR Performance
️· DC to 6 GHz: 1.3:1
️· 6 to 12.4 GHz: 1.45:1
️· 12.4 to 18 GHz: 1.6:1
## Mechanical Specifications
️· Body Style: Straight
️· Body Material: Passivated Stainless Steel
️· Heatsink: Black Anodized Aluminum
️· Dielectric: PTFE
️· Width/Diameter: 2.3 inches [58.42 mm]
️· Operating Temperature: -65 to +125 °C
️· Hex Size: 5/16 inch
️· Inner Conductor Material/Plating: Beryllium Copper / Gold
️· Coupling Nut Material/Plating: Passivated Stainless Steel
## Compliance
️· RoHS: Compliant
## Additional Information
️· Available for same day shipment.
️· 99% product availability.
️· Further details (price, inventory, certifications): [http://www.pasternack.com/25-watts-sma-male-rf-load-up-to-18-ghz-pe6203-p.aspx](http://www.pasternack.com/25-watts-sma-male-rf-load-up-to-18-ghz-pe6203-p.aspx)
| Part No. | PE6203 |
| Manufacturer | PASTERNACK |
| Size | 249 Kbytes |
| Pages | 3 pages |
| Description | Medium Power 25 Watts RF Load Up To 18 GHz |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |