| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STN4828 Datasheet
# Example questions:
➢ How does the drain-source on-resistance (rds(on)) change when the gate-source voltage is 4.5v versus 10v?
➢ What package type is the stn4828 available in, and what does it signify?
➢ What is the maximum drain current the stn4828 can handle at a junction temperature of 150°c?
# STN4828
Dual N Channel Enhancement Mode MOSFET
# 10.0A
## DESCRIPTION
The STN4828 is a dual N-Channel logic enhancement mode power field effect transistor utilizing DMOS trench technology, optimized for low on-state resistance. Suited for low voltage applications, notebook power management, and battery-powered circuits.
## FEATURE
️· 60V/10.0A, RDS(ON) = 30mΩ (Typ.) @VGS = 10V
️· 60V/6.0A, RDS(ON) = 35mΩ @VGS = 4.5V
️· Super high density cell design for extremely low RDS(ON)
️· Exceptional on-resistance and maximum DC current capability
️· SOP-8 package
## ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
| Parameter | Symbol | Typical | Unit |
|---|---|---|---|
| Drain-Source Voltage | VDSS | 60 | V |
| Gate-Source Voltage | VGSS | ±20 | V |
| Continuous Drain Current (TJ=150℃) | ID | 10.0/6.0 | A |
| Pulsed Drain Current | IDM | 30 | A |
| Continuous Source Current | IS | 10 | A |
| Power Dissipation (TA=25℃/70℃) | PD | 2.5/1.6 | W |
| Operation Junction Temperature | TJ | -55/150 | ℃ |
| Storage Temperature Range | TSTG | -55/150 | ℃ |
| Thermal Resistance | RθJA | 80 | ℃/W |
| Parameter | Symbol | Condition | Min | Typ | Max | Unit |
|---|---|---|---|---|---|---|
| Drain-Source Breakdown Voltage | V(BR)DSS | VGS=0V,ID=250uA | 60 | V | ||
| Gate Threshold Voltage | VGS(th) | VDS=VGS,ID=250uA | 0.8 | 2.5 | V | |
| Gate Leakage Current | IGSS | VDS=0V,VGS=±20V | ±100 | nA | ||
| On-State Drain Current | ID(on) | VDS≦5V,VGS=4.5V | 25 | A | ||
| Drain-Source On-Resistance | RDS(on) | VGS=10V, ID=10A<br>VGS=4.5V, ID=6A | 0.030/0.035 | 0.038/0.045 | Ω |
# STN4828
Dual N Channel Enhancement Mode MOSFET
# 10.0A
## DESCRIPTION
The STN4828 is a dual N-Channel logic enhancement mode power field effect transistor utilizing DMOS trench technology, optimized for low on-state resistance. Suited for low voltage applications, notebook power management, and battery-powered circuits.
## FEATURE
️· 60V/10.0A, RDS(ON) = 30mΩ (Typ.) @VGS = 10V
️· 60V/6.0A, RDS(ON) = 35mΩ @VGS = 4.5V
️· Super high density cell design for extremely low RDS(ON)
️· Exceptional on-resistance and maximum DC current capability
️· SOP-8 package
## ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
| Parameter | Symbol | Typical | Unit |
|---|---|---|---|
| Drain-Source Voltage | VDSS | 60 | V |
| Gate-Source Voltage | VGSS | ±20 | V |
| Continuous Drain Current (TJ=150℃) | ID | 10.0/6.0 | A |
| Pulsed Drain Current | IDM | 30 | A |
| Continuous Source Current | IS | 10 | A |
| Power Dissipation (TA=25℃/70℃) | PD | 2.5/1.6 | W |
| Operation Junction Temperature | TJ | -55/150 | ℃ |
| Storage Temperature Range | TSTG | -55/150 | ℃ |
| Thermal Resistance | RθJA | 80 | ℃/W |
| Parameter | Symbol | Condition | Min | Typ | Max | Unit |
|---|---|---|---|---|---|---|
| Drain-Source Breakdown Voltage | V(BR)DSS | VGS=0V,ID=250uA | 60 | V | ||
| Gate Threshold Voltage | VGS(th) | VDS=VGS,ID=250uA | 0.8 | 2.5 | V | |
| Gate Leakage Current | IGSS | VDS=0V,VGS=±20V | ±100 | nA | ||
| On-State Drain Current | ID(on) | VDS≦5V,VGS=4.5V | 25 | A | ||
| Drain-Source On-Resistance | RDS(on) | VGS=10V, ID=10A<br>VGS=4.5V, ID=6A | 0.030/0.035 | 0.038/0.045 | Ω |
| Part No. | STN4828 |
| Manufacturer | STANSON |
| Size | 511 Kbytes |
| Pages | 6 pages |
| Description | Dual N Channel Enhancement Mode MOSFET |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |