| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PCHC40-2R7M-RC Datasheet
# Example questions:
➢ For the pchc40-1r0m-rc, what is the maximum dcr value?
➢ What is the operating temperature range for these pchc40 series inductors?
➢ What is the maximum saturation current (isat) for the pchc40-680m-rc inductor?
# PCHC40 Power Chip High Current Inductors
## Features
· Designed for high-current, low-voltage DC-DC converter applications.
· Current ratings up to 16Arms, saturation current up to 20A.
· Extremely low DCR.
· Provided in tape and reel packaging.
## Electrical Specifications
· Inductance Range: .33µh to 100µh
· Tolerance: ±20%
· Test Frequency: 100KHz, 0.1 Vrms
· Operating Temperature: -40°C to +85°C
· Inductance Drop: 10% typically at rated Isat
· Temperature Rise: ∆ T=40ºC rise typical at Irms.
## Physical Specifications
· Marking: Previously marked with a 3-dot color code.
· Packaging: 700 pieces per 13-inch reel.
· Dimensions: See table for detailed specifications.
## Table of Part Numbers and Specifications
| Part Number | Inductance (µh) | Tolerance (%) | SRF Reference (MHz) | DCR Max. (Ω) | Isat (A) | Irms (A) |
|---|---|---|---|---|---|---|
| PCHC40-R33M-RC | .33 | 20 | 300 | .002 | 20.0 | 16.0 |
| PCHC40-R68M-RC | .68 | 20 | 200 | .005 | 13.0 | 12.0 |
| PCHC40-1R0M-RC | 1.0 | 20 | 100 | .006 | 11.0 | 10.0 |
| PCHC40-1R5M-RC | 1.5 | 20 | 90 | .008 | 9.0 | 9.0 |
| PCHC40-2R2M-RC | 2.2 | 20 | 90 | .011 | 7.8 | 7.4 |
| PCHC40-2R7M-RC | 2.7 | 20 | 65 | .012 | 7.0 | 6.6 |
| PCHC40-3R3M-RC | 3.3 | 20 | 65 | .014 | 6.4 | 5.9 |
| PCHC40-4R7M-RC | 4.7 | 20 | 45 | .018 | 5.4 | 4.8 |
| PCHC40-6R8M-RC | 6.8 | 20 | 35 | .035 | 3.6 | 3.6 |
| PCHC40-100M-RC | 10 | 20 | 26 | .04 | 3.3 | 3.3 |
| PCHC40-150M-RC | 15 | 20 | 21 | .06 | 2.4 | 2.4 |
| PCHC40-220M-RC | 22 | 20 | 17 | .08 | 2.0 | 2.0 |
| PCHC40-330M-RC | 33 | 20 | 14 | .15 | 1.7 | 1.7 |
| PCHC40-470M-RC | 47 | 20 | 12 | .28 | 1.4 | 1.4 |
| PCHC40-680M-RC | 68 | 20 | 9 | .3 | 1.2 | 1.2 |
| PCHC40-101M-RC | 100 | 20 | 7 | .4 | .95 | 1.5 |
# PCHC40 Power Chip High Current Inductors
## Features
· Designed for high-current, low-voltage DC-DC converter applications.
· Current ratings up to 16Arms, saturation current up to 20A.
· Extremely low DCR.
· Provided in tape and reel packaging.
## Electrical Specifications
· Inductance Range: .33µh to 100µh
· Tolerance: ±20%
· Test Frequency: 100KHz, 0.1 Vrms
· Operating Temperature: -40°C to +85°C
· Inductance Drop: 10% typically at rated Isat
· Temperature Rise: ∆ T=40ºC rise typical at Irms.
## Physical Specifications
· Marking: Previously marked with a 3-dot color code.
· Packaging: 700 pieces per 13-inch reel.
· Dimensions: See table for detailed specifications.
## Table of Part Numbers and Specifications
| Part Number | Inductance (µh) | Tolerance (%) | SRF Reference (MHz) | DCR Max. (Ω) | Isat (A) | Irms (A) |
|---|---|---|---|---|---|---|
| PCHC40-R33M-RC | .33 | 20 | 300 | .002 | 20.0 | 16.0 |
| PCHC40-R68M-RC | .68 | 20 | 200 | .005 | 13.0 | 12.0 |
| PCHC40-1R0M-RC | 1.0 | 20 | 100 | .006 | 11.0 | 10.0 |
| PCHC40-1R5M-RC | 1.5 | 20 | 90 | .008 | 9.0 | 9.0 |
| PCHC40-2R2M-RC | 2.2 | 20 | 90 | .011 | 7.8 | 7.4 |
| PCHC40-2R7M-RC | 2.7 | 20 | 65 | .012 | 7.0 | 6.6 |
| PCHC40-3R3M-RC | 3.3 | 20 | 65 | .014 | 6.4 | 5.9 |
| PCHC40-4R7M-RC | 4.7 | 20 | 45 | .018 | 5.4 | 4.8 |
| PCHC40-6R8M-RC | 6.8 | 20 | 35 | .035 | 3.6 | 3.6 |
| PCHC40-100M-RC | 10 | 20 | 26 | .04 | 3.3 | 3.3 |
| PCHC40-150M-RC | 15 | 20 | 21 | .06 | 2.4 | 2.4 |
| PCHC40-220M-RC | 22 | 20 | 17 | .08 | 2.0 | 2.0 |
| PCHC40-330M-RC | 33 | 20 | 14 | .15 | 1.7 | 1.7 |
| PCHC40-470M-RC | 47 | 20 | 12 | .28 | 1.4 | 1.4 |
| PCHC40-680M-RC | 68 | 20 | 9 | .3 | 1.2 | 1.2 |
| PCHC40-101M-RC | 100 | 20 | 7 | .4 | .95 | 1.5 |
| Part No. | PCHC40-2R7M-RC |
| Manufacturer | ALLIED |
| Size | 632 Kbytes |
| Pages | 1 page |
| Description | Power Chip High Current Inductors |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |