Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-394PIN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SW-394PIN Datasheet

  • # Example questions: ➢ What are the absolute maximum operating temperature and storage temperature specifications for this device?
    ➢ What are the input conditions required to turn 'on' rfc-rf1?
    ➢ What is the typical insertion loss of the device at 0 ghz?

  • Part No.SW-394PIN
    ManufacturerMACOM
    Size36 Kbytes
    Pages2 pages
    DescriptionGaAs SPDT High Isolation Terminated Switch
    Datasheet Summary with AI

    1. Product Overview

    ️· Product: MACOM SW-394 SPDT (Single Pole Double Throw) Switch.
    ️· Type: High-performance SPDT switch.
    ️· Applications: Suitable for various RF and microwave applications.
    ️· Manufacturer: MACOM.

    2. Electrical Specifications (Key Parameters)

    ️· Insertion Loss (0.5 - 2.0 GHz): 1.3 – 1.5 dB
    ️· Isolation (0.5 - 1.0 GHz): 37 dB
    ️· Isolation (1.0 - 2.0 GHz): 32 dB
    ️· VSWR (0.5 - 1.5 GHz): 1.6:1
    ️· 1 dB Compression Point (Input Power, with +5V control):
    - 0.5 GHz: 24 dBm
    - 0.9 GHz: 24 dBm
    - 1.5 GHz: 25 dBm
    ️· Rise/Fall Time: 34 µs
    ️· On/Off Time: 36 µs
    ️· Transients: 22 mV
    ️· Input IP2:
    - 0.5 GHz: 67 dBm
    - 0.9 GHz: 72 dBm
    ️· Input IP3:
    - 0.5 GHz: 47 dBm
    - 0.9 GHz: 47 dBm
    ️· Control Voltage: 0 = ±0.2Vdc, 1 = +5±0.2Vdc, Vs = +5±0.2Vdc.

    3. Absolute Maximum Ratings

    ️· Input Power: +34 dBm
    ️· Control Voltage (VS, VA, VB): +8.5 Volts
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -65°C to +150°C

    4. Functional Description/Truth Table

    ️· The switch has two control inputs (A & B).
    ️· The relationship of these inputs and the resulting connection (RFC-RF2, RFC-RF1) is defined in the truth table:
    - A = 0, B = 1: RFC connects to RF2 (switch OFF)
    - A = 1, B = 0: RFC connects to RF1 (switch ON)

    5. Important Notes

    ️· Blocking Capacitors: Required on all RF ports.
    ️· Pull-Up Resistors: Can apply control voltage at any RF port using a 10K resistor.
    ️· Specifications Subject to Change: Always refer to the latest datasheet from MACOM.

    6. Contact Information

    ️· North America: (800) 366-2266
    ️· Asia/Pacific: +81-44-844-8296
    ️· Europe: +44 (1344) 869 595

    7. Resource

    ️· www.macom.com (for more information)

    1. Product Overview

    ️· Product: MACOM SW-394 SPDT (Single Pole Double Throw) Switch.
    ️· Type: High-performance SPDT switch.
    ️· Applications: Suitable for various RF and microwave applications.
    ️· Manufacturer: MACOM.

    2. Electrical Specifications (Key Parameters)

    ️· Insertion Loss (0.5 - 2.0 GHz): 1.3 – 1.5 dB
    ️· Isolation (0.5 - 1.0 GHz): 37 dB
    ️· Isolation (1.0 - 2.0 GHz): 32 dB
    ️· VSWR (0.5 - 1.5 GHz): 1.6:1
    ️· 1 dB Compression Point (Input Power, with +5V control):
    - 0.5 GHz: 24 dBm
    - 0.9 GHz: 24 dBm
    - 1.5 GHz: 25 dBm
    ️· Rise/Fall Time: 34 µs
    ️· On/Off Time: 36 µs
    ️· Transients: 22 mV
    ️· Input IP2:
    - 0.5 GHz: 67 dBm
    - 0.9 GHz: 72 dBm
    ️· Input IP3:
    - 0.5 GHz: 47 dBm
    - 0.9 GHz: 47 dBm
    ️· Control Voltage: 0 = ±0.2Vdc, 1 = +5±0.2Vdc, Vs = +5±0.2Vdc.

    3. Absolute Maximum Ratings

    ️· Input Power: +34 dBm
    ️· Control Voltage (VS, VA, VB): +8.5 Volts
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -65°C to +150°C

    4. Functional Description/Truth Table

    ️· The switch has two control inputs (A & B).
    ️· The relationship of these inputs and the resulting connection (RFC-RF2, RFC-RF1) is defined in the truth table:
    - A = 0, B = 1: RFC connects to RF2 (switch OFF)
    - A = 1, B = 0: RFC connects to RF1 (switch ON)

    5. Important Notes

    ️· Blocking Capacitors: Required on all RF ports.
    ️· Pull-Up Resistors: Can apply control voltage at any RF port using a 10K resistor.
    ️· Specifications Subject to Change: Always refer to the latest datasheet from MACOM.

    6. Contact Information

    ️· North America: (800) 366-2266
    ️· Asia/Pacific: +81-44-844-8296
    ️· Europe: +44 (1344) 869 595

    7. Resource

    ️· www.macom.com (for more information)

    Part No.SW-394PIN
    ManufacturerMACOM
    Size36 Kbytes
    Pages2 pages
    DescriptionGaAs SPDT High Isolation Terminated Switch