Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S2018 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE71S2018 Datasheet

  • # Example questions: ➢ What is the maximum input power, in watts, that this switch can handle?
    ➢ What are the physical dimensions of this switch, including its length, width, and height?
    ➢ How does the ttl control logic affect the switch's operation – specifically, what state corresponds to 'on/low loss'?

  • Part No.PE71S2018
    ManufacturerPASTERNACK
    Size433 Kbytes
    Pages6 pages
    DescriptionSMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To +27 dBm
    Datasheet Summary with AI

    # PE71S2018 SPDT PIN Diode Switch

    ## Features
    ️· Type: SPDT Absorptive Switch
    ️· Frequency Range: 2.0 GHz to 26.5 GHz
    ️· Impedance: 50 Ohms
    ️· Insertion Loss: 4 dB max
    ️· Isolation: 60 dB min
    ️· Switching Time: 100 ns
    ️· Input Power (CW): 0.5 Watts (27 dBm)

    ## Electrical Specifications
    ️· TTL Control Logic:
    - “0” = Off/Isolation
    - “1” = On/Low Loss
    ️· Positive Operating Voltage: 5 V
    ️· Negative Operating Voltage: -5 V
    ️· Return Loss: -7 dB

    ## Mechanical Specifications

    ️· Size: 1 in x 1.2 in x 0.6 in (25.4 mm x 30.48 mm x 15.24 mm)
    ️· Package Type: Connectorized Module
    ️· RF Connector: SMA Female

    ## Environmental & Compliance
    ️· ESD Sensitivity: ESD Sensitive - requires handling in ESD workstation with approved ESD bags.
    ️· Compliance: Not RoHS Compliant

    ## Applications
    ️· Test & Measurement
    ️· Military Communication
    ️· Commercial Communication

    ## URL
    ️· [http://www.pasternack.com/sma-spdt-pin-diode-switch-2-26.5-ghz-27-dbm-pe71s2018-p.aspx](http://www.pasternack.com/sma-spdt-pin-diode-switch-2-26.5-ghz-27-dbm-pe71s2018-p.aspx)

    # PE71S2018 SPDT PIN Diode Switch

    ## Features
    ️· Type: SPDT Absorptive Switch
    ️· Frequency Range: 2.0 GHz to 26.5 GHz
    ️· Impedance: 50 Ohms
    ️· Insertion Loss: 4 dB max
    ️· Isolation: 60 dB min
    ️· Switching Time: 100 ns
    ️· Input Power (CW): 0.5 Watts (27 dBm)

    ## Electrical Specifications
    ️· TTL Control Logic:
    - “0” = Off/Isolation
    - “1” = On/Low Loss
    ️· Positive Operating Voltage: 5 V
    ️· Negative Operating Voltage: -5 V
    ️· Return Loss: -7 dB

    ## Mechanical Specifications
    ️· Size: 1 in x 1.2 in x 0.6 in (25.4 mm x 30.48 mm x 15.24 mm)
    ️· Package Type: Connectorized Module
    ️· RF Connector: SMA Female

    ## Environmental & Compliance
    ️· ESD Sensitivity: ESD Sensitive - requires handling in ESD workstation with approved ESD bags.
    ️· Compliance: Not RoHS Compliant

    ## Applications
    ️· Test & Measurement
    ️· Military Communication
    ️· Commercial Communication

    ## URL
    ️· [http://www.pasternack.com/sma-spdt-pin-diode-switch-2-26.5-ghz-27-dbm-pe71s2018-p.aspx](http://www.pasternack.com/sma-spdt-pin-diode-switch-2-26.5-ghz-27-dbm-pe71s2018-p.aspx)

    Part No.PE71S2018
    ManufacturerPASTERNACK
    Size433 Kbytes
    Pages6 pages
    DescriptionSMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To +27 dBm
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com