| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE15A4024 Datasheet
# Example questions:
➢ How does the required operating dc voltage relate to the operating dc current for this amplifier?
➢ What type of waveguide flange is used for both the input and output ports of this amplifier?
➢ What is the minimum saturated output power (psat) that this amplifier can achieve?
# PE15A4024 Waveguide Power Amplifier
## Overview
️· Type: E Band Waveguide Power Amplifier
️· Frequency Range: 80.5 - 86.5 GHz
️· Datasheet Link: [http://www.pasternack.com/wr-12-waveguide-power-amplifier-e-band-86.5-ghz-pe15a4024-p.aspx](http://www.pasternack.com/wr-12-waveguide-power-amplifier-e-band-86.5-ghz-pe15a4024-p.aspx)
## Electrical Specifications
️· Frequency: 80.5 - 86.5 GHz
️· Small Signal Gain: ≥ 20 dB
️· Saturated Output Power (Psat): ≥ +19 dBm
️· Input Return Loss: ≤ -4 dB
️· Output Return Loss: ≤ -4 dB
️· DC Voltage (Operating): 8 - 12 V
️· DC Current (Operating): 700 mA
## Mechanical Specifications
️· Configuration: WR-12 waveguide
️· Flange Type: UG-387/U
️· Size:
- Length: 1.6 in (40.64 mm)
- Width: 1 in (25.4 mm)
- Height: 0.6 in (15.24 mm)
## Applications
️· Transmitter Subsystems
️· Military Communications
️· Commercial Communications
️· Instruments and Test Equipment
## Important Notes
️· ESD Sensitive - Handle with approved ESD precautions
️· Requires Heat Sink for proper operation
# PE15A4024 Waveguide Power Amplifier
## Overview
️· Type: E Band Waveguide Power Amplifier
️· Frequency Range: 80.5 - 86.5 GHz
️· Datasheet Link: [http://www.pasternack.com/wr-12-waveguide-power-amplifier-e-band-86.5-ghz-pe15a4024-p.aspx](http://www.pasternack.com/wr-12-waveguide-power-amplifier-e-band-86.5-ghz-pe15a4024-p.aspx)
## Electrical Specifications
️· Frequency: 80.5 - 86.5 GHz
️· Small Signal Gain: ≥ 20 dB
️· Saturated Output Power (Psat): ≥ +19 dBm
️· Input Return Loss: ≤ -4 dB
️· Output Return Loss: ≤ -4 dB
️· DC Voltage (Operating): 8 - 12 V
️· DC Current (Operating): 700 mA
## Mechanical Specifications
️· Configuration: WR-12 waveguide
️· Flange Type: UG-387/U
️· Size:
- Length: 1.6 in (40.64 mm)
- Width: 1 in (25.4 mm)
- Height: 0.6 in (15.24 mm)
## Applications
️· Transmitter Subsystems
️· Military Communications
️· Commercial Communications
️· Instruments and Test Equipment
## Important Notes
️· ESD Sensitive - Handle with approved ESD precautions
️· Requires Heat Sink for proper operation
| Part No. | PE15A4024 |
| Manufacturer | PASTERNACK |
| Size | 437 Kbytes |
| Pages | 5 pages |
| Description | WR-12, Waveguide Power Amplifier, E Band, 80.5 GHz to 86.5 GHz, 20 dB Gain, 19 dBm Psat, UG-387 - U Flange |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |