| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KPC814 Datasheet
# Example questions:
➢ What is the maximum collector-emitter breakdown voltage (bvceo) for the kpc814, kpc824, and kpc844, according to the datasheet?
➢ How does the collector power dissipation (pc) change with increasing ambient temperature (ta)?
➢ What is the typical forward voltage (vf) for the kpc814, kpc824, and kpc844 when the forward current (if) is 10ma?
1. General Information
️· Product: KPC814, KPC824, and KPC844 – Photocouplers (also called Optocouplers or Optoisolators)
️· Function: These devices provide electrical isolation between input and output circuits using light. An LED is driven by the input, and a photosensitive device (usually a transistor or other light-sensitive element) detects the light and controls the output.
️· Application: Used in a wide range of applications where electrical isolation is needed, such as: power supplies, motor control, interface circuits, and industrial automation.
2. Electrical Specifications (Absolute Maximum Ratings)
| Parameter | Symbol | Rating | Unit |
|---|---|---|---|
| Input Forward Current (IF) | IF | 50 | mA |
| Input Peak Forward Current (IFP) | IFP | 1 | A |
| Input Power Dissipation (PD) | PD | 70 | mW |
| Output Collector-Emitter Breakdown Voltage | BVCEO | 35 | V |
| Output Emitter-Collector Breakdown Voltage | BVECO | 6 | V |
| Output Collector Current (IC) | IC | 50 | mA |
| Output Collector Power Dissipation (PC) | PC | 150 | mW |
| Input-Output Isolation Voltage (VISO) | VISO | 5000 | Vrms |
| Storage Temperature (TSTG) | TSTG | -55 to +125 | °C |
| Operating Temperature (TOPR) | TOPR | -30 to +100 | °C |
| Lead Soldering Temperature (TSOL) | TSOL | 260 | °C |
| Total Power Dissipation (PTOT) | PTOT | 200 | mW |
| Parameter | Condition | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| Input Forward Voltage (VF) | IF = ±10mA | - | 1.15 | 1.30 | V |
| Input Capacitance (CT) | V=0, f=1kHz | - | 30 | - | pF |
| Output Emitter-Collector Breakdown Voltage (BVECO) | IE=0.1mA | 6 | - | - | V |
| Output Collector Dark Current (ICEO) | IF=0, VCE=24V | - | - | 100 | nA |
| Output Capacitance (CCE) | VCE=0, f=1kHz | - | 10 | - | pF |
| Current Transfer Ratio (CTR) | IF=±5mA, VCE=5V | 50 | - | 600 | % |
| Collector-Emitter Saturation Voltage (VCE(SAT)) | IF=±5mA, IC=1mA | - | 0.15 | 0.4 | V |
| Input-Output Capacitance (CIO) | V=0, f=1kHz | - | 1 | - | pF |
| Input-Output Isolation Resistance (RIO) | RH=40-60%, V=500V | - | 10^11 | - | Ω |
| Rise Time (tr) | VCE=5V, RL=100Ω, IC=2mA | - | 4 | - | µs |
| Fall Time (tf) | - | - | 4 | - | µs |
| Symmetry Ratio (CTR1/CTR2) | - | 1 | - | 3 | - |
1. General Information
️· Product: KPC814, KPC824, and KPC844 – Photocouplers (also called Optocouplers or Optoisolators)
️· Function: These devices provide electrical isolation between input and output circuits using light. An LED is driven by the input, and a photosensitive device (usually a transistor or other light-sensitive element) detects the light and controls the output.
️· Application: Used in a wide range of applications where electrical isolation is needed, such as: power supplies, motor control, interface circuits, and industrial automation.
2. Electrical Specifications (Absolute Maximum Ratings)
| Parameter | Symbol | Rating | Unit |
|---|---|---|---|
| Input Forward Current (IF) | IF | 50 | mA |
| Input Peak Forward Current (IFP) | IFP | 1 | A |
| Input Power Dissipation (PD) | PD | 70 | mW |
| Output Collector-Emitter Breakdown Voltage | BVCEO | 35 | V |
| Output Emitter-Collector Breakdown Voltage | BVECO | 6 | V |
| Output Collector Current (IC) | IC | 50 | mA |
| Output Collector Power Dissipation (PC) | PC | 150 | mW |
| Input-Output Isolation Voltage (VISO) | VISO | 5000 | Vrms |
| Storage Temperature (TSTG) | TSTG | -55 to +125 | °C |
| Operating Temperature (TOPR) | TOPR | -30 to +100 | °C |
| Lead Soldering Temperature (TSOL) | TSOL | 260 | °C |
| Total Power Dissipation (PTOT) | PTOT | 200 | mW |
| Parameter | Condition | Min | Typ | Max | Unit |
|---|---|---|---|---|---|
| Input Forward Voltage (VF) | IF = ±10mA | - | 1.15 | 1.30 | V |
| Input Capacitance (CT) | V=0, f=1kHz | - | 30 | - | pF |
| Output Emitter-Collector Breakdown Voltage (BVECO) | IE=0.1mA | 6 | - | - | V |
| Output Collector Dark Current (ICEO) | IF=0, VCE=24V | - | - | 100 | nA |
| Output Capacitance (CCE) | VCE=0, f=1kHz | - | 10 | - | pF |
| Current Transfer Ratio (CTR) | IF=±5mA, VCE=5V | 50 | - | 600 | % |
| Collector-Emitter Saturation Voltage (VCE(SAT)) | IF=±5mA, IC=1mA | - | 0.15 | 0.4 | V |
| Input-Output Capacitance (CIO) | V=0, f=1kHz | - | 1 | - | pF |
| Input-Output Isolation Resistance (RIO) | RH=40-60%, V=500V | - | 10^11 | - | Ω |
| Rise Time (tr) | VCE=5V, RL=100Ω, IC=2mA | - | 4 | - | µs |
| Fall Time (tf) | - | - | 4 | - | µs |
| Symmetry Ratio (CTR1/CTR2) | - | 1 | - | 3 | - |
| Part No. | KPC814 |
| Manufacturer | KODENSHI |
| Size | 140 Kbytes |
| Pages | 3 pages |
| Description | Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting) |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |