| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about S1ABF Datasheet
# Example questions:
➢ What is the typical junction capacitance, in picofarads, for all rectifier types listed in the table?
➢ What are the maximum and minimum dimensions for 'd' in millimeters?
➢ What is the maximum average forward rectified current for all listed rectifier types when the ambient temperature is 65°c?
# Surface Mount General Purpose Silicon Rectifiers (SMBF)
## Features
️· Reverse Voltage: 50 to 1000 V
️· Forward Current: 1 A
️· For surface mounted applications
️· Low profile package
️· Glass passivated chip junction
️· Easy to pick and place
️· Lead free (compliant with EU RoHS 2011/65/EU)
## Pin Configuration
️· Pin 1: Cathode
️· Pin 2: Anode
## Mechanical Data
️· Case: SMBF
️· Terminals: Solderable per MIL-STD-750, Method 2026
️· Approx. Weight: 57mg / 0.02oz
️· Package Outline: Plastic surface mounted package (2 leads)
- Dimensions (mm/mil): See package outline table
## Electrical Characteristics
| Parameter | Symbols | S1ABF | S1BBF | S1DBF | S1GBF | S1JBF | S1KBF | S1MBF | Units |
|---|---|---|---|---|---|---|---|---|---|
| Maximum Repetitive Peak Reverse Voltage | VRRM | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum RMS Voltage | VRMS | 35 | 70 | 140 | 280 | 420 | 560 | 700 | V |
| Maximum DC Blocking Voltage | VDC | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum Average Forward Rectified Current<br>at Ta = 65°C | IF(AV) | 1 | 1 | 1 | 1 | 1 | 1 | 1 | A |
| Peak Forward Surge Current 8.3 ms Single Half<br>Sine Wave Superimposed on Rated Load<br>(JEDEC Method) | IFSM | 35 | 35 | 35 | 35 | 35 | 35 | 35 | A |
| Maximum Instantaneous Forward Voltage at 1 A | VF | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | V |
| Maximum DC Reverse Current Ta = 25°C<br>at Rated DC Blocking Voltage Ta =125°C | IR | 5<br>50 | 5<br>50 | 5<br>50 | 5<br>50 | 5<br>50 | 5<br>50 | 5<br>50 | μA |
| 1) Typical Junction Capacitance | Cj | 9 | 9 | 9 | 9 | 9 | 9 | 9 | pF |
| 2) Typical Thermal Resistance | RθJA | 105 | 105 | 105 | 105 | 105 | 105 | 105 | °C/W |
| Operating and Storage Temperature Range | T, T<br>j<br>stg | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | °C |
| Device | Marking Code |
|---|---|
| S1ABF | S1AB |
| S1BBF | S1BB |
| S1DBF | S1DB |
| S1GBF | S1GB |
| S1JBF | S1JB |
| S1KBF | S1KB |
| S1MBF | S1MB |
# Surface Mount General Purpose Silicon Rectifiers (SMBF)
## Features
️· Reverse Voltage: 50 to 1000 V
️· Forward Current: 1 A
️· For surface mounted applications
️· Low profile package
️· Glass passivated chip junction
️· Easy to pick and place
️· Lead free (compliant with EU RoHS 2011/65/EU)
## Pin Configuration
️· Pin 1: Cathode
️· Pin 2: Anode
## Mechanical Data
️· Case: SMBF
️· Terminals: Solderable per MIL-STD-750, Method 2026
️· Approx. Weight: 57mg / 0.02oz
️· Package Outline: Plastic surface mounted package (2 leads)
- Dimensions (mm/mil): See package outline table
## Electrical Characteristics
| Parameter | Symbols | S1ABF | S1BBF | S1DBF | S1GBF | S1JBF | S1KBF | S1MBF | Units |
|---|---|---|---|---|---|---|---|---|---|
| Maximum Repetitive Peak Reverse Voltage | VRRM | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum RMS Voltage | VRMS | 35 | 70 | 140 | 280 | 420 | 560 | 700 | V |
| Maximum DC Blocking Voltage | VDC | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum Average Forward Rectified Current<br>at Ta = 65°C | IF(AV) | 1 | 1 | 1 | 1 | 1 | 1 | 1 | A |
| Peak Forward Surge Current 8.3 ms Single Half<br>Sine Wave Superimposed on Rated Load<br>(JEDEC Method) | IFSM | 35 | 35 | 35 | 35 | 35 | 35 | 35 | A |
| Maximum Instantaneous Forward Voltage at 1 A | VF | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | V |
| Maximum DC Reverse Current Ta = 25°C<br>at Rated DC Blocking Voltage Ta =125°C | IR | 5<br>50 | 5<br>50 | 5<br>50 | 5<br>50 | 5<br>50 | 5<br>50 | 5<br>50 | μA |
| 1) Typical Junction Capacitance | Cj | 9 | 9 | 9 | 9 | 9 | 9 | 9 | pF |
| 2) Typical Thermal Resistance | RθJA | 105 | 105 | 105 | 105 | 105 | 105 | 105 | °C/W |
| Operating and Storage Temperature Range | T, T<br>j<br>stg | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | -55 ~ +150 | °C |
| Device | Marking Code |
|---|---|
| S1ABF | S1AB |
| S1BBF | S1BB |
| S1DBF | S1DB |
| S1GBF | S1GB |
| S1JBF | S1JB |
| S1KBF | S1KB |
| S1MBF | S1MB |
| Part No. | S1ABF |
| Manufacturer | YFWDIODE |
| Size | 86 Kbytes |
| Pages | 3 pages |
| Description | Surface MountGeneral Purpose Silicon Rectifiers |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |