| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4017 Datasheet
# Example questions:
➢ What is the maximum operating frequency for this ssmb plug connector?
➢ What is the operating temperature range for this ssmb plug connector?
➢ Which cable types are specifically listed as compatible with this connector?
# PE4017 SSMB Plug Connector
## Configuration
️· Connector Type: SSMB Plug
️· Attachment Method: Crimp/Solder
️· Impedance: 50 Ohms
️· Compatible Cables: RG174, RG316, RG188, LMR-100, PE-B100, PE-C100, 0.100 inch
## Features
️· Max Frequency: 6 GHz
️· VSWR: 1.3:1
️· Gold Plated Beryllium Copper Contact (30 µin minimum)
## Electrical Specifications
️· Frequency Range: DC - 6 GHz
️· Operating Voltage: 250 V rms
️· Dielectric Withstanding Voltage: 500 V rms
## Mechanical Specifications
️· Length: 0.807 in [20.5 mm]
️· Width/Diameter: 0.184 in [4.67 mm]
️· Weight: 0.01 lbs [4.54 g]
## Material Specifications
️· Contact: Beryllium Copper with Gold Plating (30 µin minimum)
️· Insulation: PTFE
️· Outer Conductor: Beryllium Copper with Gold Plating (30 µin minimum)
️· Body: Brass with Gold Plating (30 µin minimum)
️· Crimp Sleeve: Brass with Gold Plating (30 µin minimum)
## Environmental Specifications
️· Operating Temperature: -65 to +165 deg C
# PE4017 SSMB Plug Connector
## Configuration
️· Connector Type: SSMB Plug
️· Attachment Method: Crimp/Solder
️· Impedance: 50 Ohms
️· Compatible Cables: RG174, RG316, RG188, LMR-100, PE-B100, PE-C100, 0.100 inch
## Features
️· Max Frequency: 6 GHz
️· VSWR: 1.3:1
️· Gold Plated Beryllium Copper Contact (30 µin minimum)
## Electrical Specifications
️· Frequency Range: DC - 6 GHz
️· Operating Voltage: 250 V rms
️· Dielectric Withstanding Voltage: 500 V rms
## Mechanical Specifications
️· Length: 0.807 in [20.5 mm]
️· Width/Diameter: 0.184 in [4.67 mm]
️· Weight: 0.01 lbs [4.54 g]
## Material Specifications
️· Contact: Beryllium Copper with Gold Plating (30 µin minimum)
️· Insulation: PTFE
️· Outer Conductor: Beryllium Copper with Gold Plating (30 µin minimum)
️· Body: Brass with Gold Plating (30 µin minimum)
️· Crimp Sleeve: Brass with Gold Plating (30 µin minimum)
## Environmental Specifications
️· Operating Temperature: -65 to +165 deg C
| Part No. | PE4017 |
| Manufacturer | PASTERNACK |
| Size | 357 Kbytes |
| Pages | 3 pages |
| Description | SSMB Plug Connector Crimp/Solder Attachment |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |