Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4260 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE4260 Datasheet

  • # Example questions: ➢ What is the impedance of this smb connector?
    ➢ What are the dimensions of this connector in inches and millimeters?
    ➢ What cable types are specifically compatible with this connector, according to the provided specifications?

  • Part No.PE4260
    ManufacturerPASTERNACK
    Size327 Kbytes
    Pages2 pages
    DescriptionSMB Plug Right Angle Connector Clamp/Solder Attachment
    Datasheet Summary with AI

    # PE4260 SMB Plug Connector

    ## Specifications
    ️· Connector Type: SMB Plug, Right Angle
    ️· Impedance: 50 Ohms
    ️· Attachment Method: Clamp/Solder
    ️· Connector Interface Type: RG174, RG316, RG188
    ️· Body Material: Brass, Nickel Plated
    ️· Contact Material: Gold
    ️· Dielectric Type: PTFE
    ️· Size: 0.54 in x 0.25 in x 0.509 in [13.72 mm x 6.35 mm x 12.93 mm]
    ️· Weight: 0.013 lbs [5.9 g]
    ️· RoHS Compliant: No

    ## Assembly Instructions
    1. Strip cable as shown, avoid nicking the center conductor. Tin the center conductor. Slit the jacket in 2 places.
    2. Slide the clamp nut over the cable. Flare the braid and insert into the body cone, sliding under the braid. Slide the clamp nut forward and tighten.
    3. Solder the center conductor in place. Press down the cap.

    ## Notes

    ️· Dimensions are nominal.
    ️· Specifications subject to change.
    ️· Dimensions in inches [mm].
    ️· Fits MIL-C-17 and equivalent cables.

    # PE4260 SMB Plug Connector

    ## Specifications
    ️· Connector Type: SMB Plug, Right Angle
    ️· Impedance: 50 Ohms
    ️· Attachment Method: Clamp/Solder
    ️· Connector Interface Type: RG174, RG316, RG188
    ️· Body Material: Brass, Nickel Plated
    ️· Contact Material: Gold
    ️· Dielectric Type: PTFE
    ️· Size: 0.54 in x 0.25 in x 0.509 in [13.72 mm x 6.35 mm x 12.93 mm]
    ️· Weight: 0.013 lbs [5.9 g]
    ️· RoHS Compliant: No

    ## Assembly Instructions
    1. Strip cable as shown, avoid nicking the center conductor. Tin the center conductor. Slit the jacket in 2 places.
    2. Slide the clamp nut over the cable. Flare the braid and insert into the body cone, sliding under the braid. Slide the clamp nut forward and tighten.
    3. Solder the center conductor in place. Press down the cap.

    ## Notes
    ️· Dimensions are nominal.
    ️· Specifications subject to change.
    ️· Dimensions in inches [mm].
    ️· Fits MIL-C-17 and equivalent cables.

    Part No.PE4260
    ManufacturerPASTERNACK
    Size327 Kbytes
    Pages2 pages
    DescriptionSMB Plug Right Angle Connector Clamp/Solder Attachment