Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAT-3+ Datasheet (PDF) - Mini-Circuits

PAT-3+ Datasheet PDF - Mini-Circuits
Part # PAT-3+
Download  PAT-3+ Download
File Size   275.44 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description DC to 7GHz

PAT-3+ Datasheet (PDF)

Go To PDF Page Download Datasheet
PAT-3+ Datasheet PDF - Mini-Circuits

Part # PAT-3+
Download  PAT-3+ Click to download

File Size   275.44 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description DC to 7GHz

PAT-3+ Datasheet (HTML) - Mini-Circuits




Similar Part No. - PAT-3+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAT-3+ MINI-PAT-3+ Datasheet
316Kb / 1P
Input power 1W max
More results


Similar Description - PAT-3+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG135 PHILIPS-BFG135 Datasheet
107Kb / 12P
NPN 7GHz wideband transistor
1995 Sep 13
logo
Pasternack Enterprises,...
PE6112 PASTERNACK-PE6112 Datasheet
87Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7GHz
PE6139 PASTERNACK-PE6139 Datasheet
82Kb / 1P
7/16 FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 7GHz
logo
NXP Semiconductors
BFG135 PHILIPS-BFG135 Datasheet
340Kb / 16P
NPN 7GHz wideband transistor
1995 Sep 13
logo
Quanzhou Jinmei Electro...
BFG135_2015 JMNIC-BFG135_2015 Datasheet
91Kb / 12P
NPN 7GHz wideband transistor
BFG135 JMNIC-BFG135_15 Datasheet
91Kb / 12P
NPN 7GHz wideband transistor
logo
Meder Electronic
CRF MEDER-CRF Datasheet
641Kb / 5P
7GHz High Frequency Reed
logo
Johanson Technology Inc...
7000AT18A1600 JOHANSON-7000AT18A1600 Datasheet
510Kb / 5P
7GHz Mini UWB Antenna
logo
Analog Devices
LTC5555 AD-LTC5555 Datasheet
3Mb / 26P
1.5GHz to 7GHz Programmable Gain Downconverting Mixer
LTC5556 AD-LTC5556 Datasheet
2Mb / 26P
1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com