Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E55361 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

E55361 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # E55361
Download  E55361 Download

File Size   101.83 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optocoupler Option 020 for 5000 V rms/1 Minute Requirement

E55361 Datasheet (PDF)

Go To PDF Page Download Datasheet
E55361 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # E55361
Download  E55361 Click to download

File Size   101.83 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optocoupler Option 020 for 5000 V rms/1 Minute Requirement

E55361 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

E55361 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED E55361 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED



Similar Part No. - E55361

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
E5530 ATMEL-E5530 Datasheet
196Kb / 8P
   128-bit Read-only IDIC for RF Identification
logo
TEMIC Semiconductors
E5530 TEMIC-E5530 Datasheet
72Kb / 5P
   128-Bit IDIC for Radio Frequency Identification
logo
ATMEL Corporation
E5530 ATMEL-E5530 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
E5530H-232-DIT ATMEL-E5530H-232-DIT Datasheet
196Kb / 8P
   128-bit Read-only IDIC for RF Identification
logo
TEMIC Semiconductors
E5530H-232-DIT TEMIC-E5530H-232-DIT Datasheet
72Kb / 5P
   128-Bit IDIC for Radio Frequency Identification
More results


Similar Description - E55361

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
OPTION020 BOARDCOM-OPTION020 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
EN60747-5-2 BOARDCOM-EN60747-5-2 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
   High isolation voltage between inputand output (Viso=5000 V rms )
logo
E-SWITCH
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
Recom International Pow...
RKZ-XX2005D RECOM-RKZ-XX2005D Datasheet
323Kb / 5P
   High Isolation 3kVDC & 4kVDC for 1 minute
logo
CUI INC
PJ-202BH CUI-PJ-202BH Datasheet
237Kb / 1P
   VOLTAGE WITHSTAND: 500V AC R.N.S. FOR 1 MINUTE
logo
List of Unclassifed Man...
231-20 ETC2-231-20 Datasheet
184Kb / 1P
   DLELECTRIC WITHSTANDING:500VAC FOR ONE MINUTE.
More results



Link URL



Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com